Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC80504 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DAC80504
Description  Quad, 16-Bit, SPI Voltage Output DAC With Internal Reference
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC80504 Datasheet(HTML) 1 Page - Texas Instruments

  DAC80504 Datasheet HTML 1Page - Texas Instruments DAC80504 Datasheet HTML 2Page - Texas Instruments DAC80504 Datasheet HTML 3Page - Texas Instruments DAC80504 Datasheet HTML 4Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
OUT0
DAC
Register
DAC
Buffer
BUF
Channel 0
Channel 1
Channel 2
Channel 3
Power Down Logic
Resistive Network
Power On Reset
DAC80504
OUT1
OUT2
OUT3
REF
SCLK
SDI
SDO/ALARM
RSTSEL
VDD
DAC
CS
Internal
Reference
VIO
÷1 or ÷2
GAIN
GAIN
×1 or ×2
GND
LDAC
REFDIV
Copyright © 2017, Texas Instruments Incorporated
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for pre-production products; subject to
change without notice.
DAC80504
SBAS874 – AUGUST 2017
DAC80504 Quad, 16-Bit, SPI Voltage Output DAC With Internal Reference
1
1 Features
1
Performance
INL: ±1 LSB Maximum at 16-Bit Resolution
TUE: ±0.1% of FSR Maximum
Integrated 2.5-V Precision Internal Reference
Initial Accuracy: 5 mV, Maximum
Low Drift: 5 ppm/°C, Typical
High Drive Capability: 20 mA With 0.5 V From
Supply Rails
Flexible Output Configuration
User Selectable Gain: 2, 1 or ½
Reset to Zero Scale or Midscale
Wide Operating Range
Power Supply: 2.7 V to 5.5 V
Temperature: –40
˚C to +125˚C
50-MHz, SPI-Compatible Serial Interface
4-Wire Mode, 1.7-V to 5.5-V Operation
Daisy-Chain Operation
CRC Error Check
Low Power: 0.7 mA/Channel at 5.5 V
Small Package: 3-mm × 3-mm, 16-Pin WQFN
2 Applications
Optical Networking
Wireless Infrastructure
Industrial Automation
Data Acquisition Systems
3 Description
The DAC80504 device is a low-power, four-channel,
buffered voltage-output, digital-to-analog converter
(DAC) with 16-bit resolution. This device includes a
2.5-V, 5-ppm/°C internal reference, eliminating the
need for an external precision reference in most
applications. A user-selectable gain configuration
provides full-scale output voltages of 1.25 V (gain =
½), 2.5 V (gain = 1), or 5 V (gain = 2). This device
operates from a single 2.7-V to 5.5-V supply, is
specified monotonic, and provides high linearity of ±1
LSB INL.
Communication
to
the
DAC80504
is
performed
through a 4-wire serial interface that operates at clock
rates of up to 50 MHz. The VIO pin enables serial
interface operation from 1.7 V to 5.5 V. The
DAC80504 flexible interface enables operation with a
wide range of industry-standard microprocessors and
microcontrollers.
The DAC80504 incorporates a power-on-reset circuit
that powers up and maintains the DAC outputs at
either zero scale or midscale until a valid code is
written to the device. This device consumes low
current of 0.7 mA/channel at 5.5 V, making it suitable
for battery-operated equipment. A per-channel power-
down feature reduces the device current consumption
to 15 µA.
The DAC80504 is characterized for operation over
the temperature range of –40°C to +125°C, and is
available in a small, 3-mm × 3-mm, QFN package.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
DAC80504
WQFN (16)
3.00 mm × 3.00 mm
(1) For all available packages, see the package option addendum
at the end of the data sheet.
Simplified Block Diagram


Similar Part No. - DAC80504

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC80504 TI1-DAC80504 Datasheet
2Mb / 48P
[Old version datasheet]   Quad, 16-, 14-Bit, SPI Voltage Output DACs With Internal Reference
DAC80504 TI1-DAC80504 Datasheet
2Mb / 48P
[Old version datasheet]   Quad, 16-, 14-Bit, SPI Voltage Output DACs With Internal Reference
DAC80504 TI1-DAC80504 Datasheet
1Mb / 49P
[Old version datasheet]   Quad, 16-, 14-, 12-bit, SPI voltage output DACs with internal reference
DAC80504RTER TI1-DAC80504RTER Datasheet
2Mb / 48P
[Old version datasheet]   Quad, 16-, 14-Bit, SPI Voltage Output DACs With Internal Reference
DAC80504RTER TI1-DAC80504RTER Datasheet
1Mb / 49P
[Old version datasheet]   Quad, 16-, 14-, 12-bit, SPI voltage output DACs with internal reference
More results

Similar Description - DAC80504

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC81404 TI-DAC81404 Datasheet
3Mb / 45P
[Old version datasheet]   DAC81404 Quad, 16-Bit, High-Voltage-Output DAC With Internal Reference
DAC80504 TI1-DAC80504_18 Datasheet
2Mb / 48P
[Old version datasheet]   Quad, 16-, 14-Bit, SPI Voltage Output DACs With Internal Reference
DAC80508Z TI1-DAC80508Z Datasheet
2Mb / 53P
[Old version datasheet]   Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference
DAC80508 TI1-DAC80508 Datasheet
217Kb / 8P
[Old version datasheet]   Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference
DAC80504 TI1-DAC80504_17 Datasheet
2Mb / 48P
[Old version datasheet]   Quad, 16-, 14-Bit, SPI Voltage Output DACs With Internal Reference
DAC80508 TI1-DAC80508_18 Datasheet
2Mb / 55P
[Old version datasheet]   Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference
DAC80504 TI1-DAC80504_19 Datasheet
1Mb / 49P
[Old version datasheet]   Quad, 16-, 14-, 12-bit, SPI voltage output DACs with internal reference
logo
Wolfson Microelectronic...
WM2636 WOLFSON-WM2636 Datasheet
392Kb / 10P
   12-bit Serial Input Voltage Output DAC with Internal Reference
WM2639 WOLFSON-WM2639 Datasheet
342Kb / 10P
   12-Bit Parallel Input Voltage Output DAC with Internal Reference
logo
Texas Instruments
DAC81404 TI-DAC81404_V01 Datasheet
5Mb / 53P
[Old version datasheet]   DACx1404 Quad, 16-Bit and 12-Bit, High-Voltage-Output DACs With Internal Reference
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com