Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9162-33CZL Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT9162-33CZL
Description  300MA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9162-33CZL Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT9162-33CZL Datasheet HTML 1Page - Richtek Technology Corporation RT9162-33CZL Datasheet HTML 2Page - Richtek Technology Corporation RT9162-33CZL Datasheet HTML 3Page - Richtek Technology Corporation RT9162-33CZL Datasheet HTML 4Page - Richtek Technology Corporation RT9162-33CZL Datasheet HTML 5Page - Richtek Technology Corporation RT9162-33CZL Datasheet HTML 6Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
RT9162
DS9162-07 June 2000
www.richtek-ic.com.tw
5
Dimensions In Millimeters
Dimensions In Inches
Symbols
Min
Typ
Max
Min
Typ
Max
A
3.48
3.56
3.61
0.137
0.140
0.142
A1
--
1.30
--
--
0.051
--
C
--
0.38
--
--
0.015
--
D
4.19
4.45
4.70
0.165
0.175
0.185
D1
--
4.29
--
--
0.169
--
E
3.99
4.24
4.50
0.157
0.167
0.177
E1
14.00
--
--
0.551
--
--
b
--
0.38
--
--
0.015
--
e
--
1.27
--
--
0.050
--
δ
--
--
--
--
3-Lead TO-92 Package
b
e
∅0.060 (Millimeter)
e
D
E
E1
A1
D1
C
d
A


Similar Part No. - RT9162-33CZL

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9162-33GX RICHTEK-RT9162-33GX Datasheet
78Kb / 5P
   300mA Low Dropout Positive Voltage Regulator
RT9162-33GXL RICHTEK-RT9162-33GXL Datasheet
78Kb / 5P
   300mA Low Dropout Positive Voltage Regulator
RT9162-33GZL RICHTEK-RT9162-33GZL Datasheet
78Kb / 5P
   300mA Low Dropout Positive Voltage Regulator
RT9162-33GZT RICHTEK-RT9162-33GZT Datasheet
78Kb / 5P
   300mA Low Dropout Positive Voltage Regulator
RT9162-33PX RICHTEK-RT9162-33PX Datasheet
78Kb / 5P
   300mA Low Dropout Positive Voltage Regulator
More results

Similar Description - RT9162-33CZL

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9162 RICHTEK-RT9162_07 Datasheet
78Kb / 5P
   300mA Low Dropout Positive Voltage Regulator
logo
Gamma Microelectronics ...
GM6250_1311 GAMMA-GM6250_1311 Datasheet
408Kb / 14P
   300mA ULTRA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
GM6251 GAMMA-GM6251_1 Datasheet
146Kb / 12P
   300mA ULTRA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
First Components Intern...
FM2123 FCI-FM2123 Datasheet
229Kb / 5P
   300mA Low Dropout CMOS Positive Voltage Regulator
logo
Gamma Microelectronics ...
GM6250 GAMMA-GM6250 Datasheet
160Kb / 14P
   300mA ULTRA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Sipex Corporation
SPX1521 SIPEX-SPX1521 Datasheet
161Kb / 6P
   300mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS3102 ADMOS-AMS3102 Datasheet
72Kb / 8P
   300mA LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX1521 SIPEX-SPX1521 Datasheet
94Kb / 8P
   300mA Low Dropout Voltage Regulator
SPX2808 SIPEX-SPX2808 Datasheet
47Kb / 6P
   300mA Low Dropout Voltage Regulator
logo
Unisonic Technologies
LM2954 UTC-LM2954_12 Datasheet
261Kb / 7P
   300mA LOW-DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com