Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

C0805X822JAGACAUTO Datasheet(PDF) 1 Page - Kemet Corporation

Part No. C0805X822JAGACAUTO
Description  Ceramic, AUTO-FlexTerm-(CxxxxX-AUTO), 8200 pF, 5%, 250 V, 0805, C0G, SMD, MLCC, FT-CAP, Ultra-Stable, Automotive Grade
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEMET [Kemet Corporation]
Homepage  http://www.kemet.com
Logo 

C0805X822JAGACAUTO Datasheet(HTML) 1 Page - Kemet Corporation

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 6/15/2017 - e9ae0e4e-edf2-45ce-883e-b42517aaaf6e
KEMET Part Number: C0805X822JAGACAUTO
Ceramic, AUTO-FlexTerm-(CxxxxX-AUTO), 8200 pF, 5%, 250 V, 0805, C0G, SMD, MLCC, FT-CAP, Ultra-Stable, Automotive Grade
Dimensions
L
2mm +/-0.3mm
W
1.25mm +/-0.3mm
T
1.25mm +/-0.15mm
S
0.75mm MIN
B
0.5mm +/-0.25mm
Packaging Specifications
Packaging: T&R, 180mm, Plastic Tape
Packaging Quantity: 2500
General Information
Style: SMD Chip
Series: AUTO-FlexTerm-(CxxxxX-AUTO)
Chip Size: 0805
Description: SMD, MLCC, FT-CAP, Ultra-
Stable, Automotive Grade
Features: FT-CAP, Ultra-Stable,
Automotive Grade
RoHS: Yes
Termination: Flexible Termination
Marking: No
Failure Rate: N/A
Approvals: AEC-Q200
AEC-Q200: Yes
Specifications
Capacitance: 8200 pF
Capacitance Tolerance: 5%
Voltage DC: 250 VDC
Dielectric Withstanding
Voltage: 625 V
Temperature Range: -55/+125C
Temperature Coefficient: C0G
Dissipation Factor: 0.1%
Aging Rate: 0% Loss/Decade Hour
Insulation Resistance: 100 GOhms
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn