Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NTE1611 Datasheet(PDF) 2 Page - NTE Electronics

Part No. NTE1611
Description  Integrated Circuit Video and FM Sound Modulator/Carrier Oscillator for VCR
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NTE [NTE Electronics]
Homepage  http://www.nteinc.com
Logo 

NTE1611 Datasheet(HTML) 2 Page - NTE Electronics

   
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical Characteristics (Cont’d): (TA = +25°C, VCC = 6.2V unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Video Modulation Factor Difference
∆mp
mp1 – mp2
±3
%
Maximum Video Modulation Factor
mp2max S1 = 1, S2 = 1, S3 = 2, υi1 = 2VP–P,
WHITE
92
96
%
Maximum Video Modulation Temperature
Drift
∆mp2max TA = –10° to +70°C, mp2max
90
96
%
Differential Gain
DG1
S2 = 1, S3 = 2, υi1 = 1VP–P, S1 = 2
2
5
%
DG2
STAIRCASE
S1 = 1
2
5
%
Differential Phase
DP1
S2 = 1, S3 = 2, υi1 = 1VP–P, S1 = 2
2
5
deg
DP2
STAIRCASE
S1 =1
2
5
deg
Video Section Harmonic Distortion
υυH
S1 = 1, S2 = 1, S3 = 2, υi1 = 1VP–P,
1MHz CW
–40
dB
Sound RF Output Level
υo (fS1) S2 = 1, S3 = 2,
S1 = 2
81
83
85
dB
µ
υo (fS2) υo
= Measure
S1 = 1
81
83
85
dB
µ
Sound FM Temperature Drift
∆fS
S1 = 1, S2 = 2, S3 = 2,
TA = 0° to +60°C,
(fS = 4.5MHz, TA = +25°C)
±10
kHz
Sound FM Modulation Sensitivity
βS
S1 = 1, S2 = 2, S3 = 1
0.35
0.45
0.55
kHz/
mV
Sound Total Harmonic Distortion
THD
S1 = 1, S2 = 2, S3 = 3, υi2 = 1kHz
0.3
1.0
%
4.5MHZ OSC
4.5MHZ OSC
VCC
Pin Connection Diagram
1
2
3
4
GND
Audio FM Output
Carrier Balance
5
6
Audio Input
7
Channel Switch
16
15
14
13
Video Input
Video Mod Output
GND
RF Bypass
12 OSC Feedback
11
OSC Output
10 X’tal “Low” Channel
8
9
X’tal “High” Channel


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn