Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTC124XA3-X-TB-G Datasheet(PDF) 3 Page - Cystech Electonics Corp.

Part # DTC124XA3-X-TB-G
Description  NPN Digital Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

DTC124XA3-X-TB-G Datasheet(HTML) 3 Page - Cystech Electonics Corp.

  DTC124XA3-X-TB-G Datasheet HTML 1Page - Cystech Electonics Corp. DTC124XA3-X-TB-G Datasheet HTML 2Page - Cystech Electonics Corp. DTC124XA3-X-TB-G Datasheet HTML 3Page - Cystech Electonics Corp. DTC124XA3-X-TB-G Datasheet HTML 4Page - Cystech Electonics Corp. DTC124XA3-X-TB-G Datasheet HTML 5Page - Cystech Electonics Corp. DTC124XA3-X-TB-G Datasheet HTML 6Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
CYStech Electronics Corp.
Spec. No. : C366A3
Issued Date : 2017.07.21
Revised Date :
Page No. : 3/6
DTC124XA3
CYStek Product Specification
Typical Characteristics
Current Gain vs Output Current
1
10
100
1000
0.1
1
10
100
Output Current---IO(mA)
VO = 5V
Output Voltage vs Output Current
0.01
0.1
1
0.1110
Output Current---IO(mA)
100
Io / Ii = 20
Input Voltage vs Output Current(ON characteristics)
0.1
1
10
0.1
1
10
100
Output Current---IO(mA)
VO = 0.3V
Output Current vs Input Voltage(OFF characteristics)
0.001
0.01
0.1
1
10
00.511.522.53
Input Voltage---VI(OFF)(V)
Vcc = 5V
Power Derating Curve
0
100
200
300
400
500
600
0
50
100
150
200
Ambient Temperature---TA(℃)


Similar Part No. - DTC124XA3-X-TB-G

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC124XA ROHM-DTC124XA Datasheet
878Kb / 3P
   DTA/DTC SERIES
More results

Similar Description - DTC124XA3-X-TB-G

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
DTC114Y SECOS-DTC114Y_15 Datasheet
228Kb / 2P
   NPN Digital Transistors
DTC144E SECOS-DTC144E_15 Datasheet
219Kb / 3P
   NPN Digital Transistors
DTC144T SECOS-DTC144T_15 Datasheet
77Kb / 2P
   NPN Digital Transistors
logo
Micro Commercial Compon...
DTC144EUA MCC-DTC144EUA Datasheet
440Kb / 2P
   NPN Digital Transistors
logo
Guangdong Kexin Industr...
KTC143ZKA KEXIN-KTC143ZKA Datasheet
212Kb / 2P
   NPN Digital transistors
logo
Micro Commercial Compon...
DTC114YE MCC-DTC114YE_13 Datasheet
222Kb / 2P
   NPN Digital Transistors
DTC143ZE MCC-DTC143ZE_13 Datasheet
248Kb / 3P
   NPN Digital Transistors
DTC123YUA MCC-DTC123YUA Datasheet
365Kb / 3P
   NPN Digital Transistors
DTC143TM MCC-DTC143TM Datasheet
585Kb / 3P
   NPN Digital Transistors
DTC114YUA MCC-DTC114YUA_09 Datasheet
89Kb / 2P
   NPN Digital Transistors
DTC144EKA MCC-DTC144EKA Datasheet
797Kb / 2P
   NPN Digital Transistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com