Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMS3106F14S-29PBSL-0 Datasheet(PDF) 1 Page - DDK Ltd.

Part # DMS3106F14S-29PBSL-0
Description  MIL-DTL-5015 Compatible Environment Resistant Type
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

DMS3106F14S-29PBSL-0 Datasheet(HTML) 1 Page - DDK Ltd.

  DMS3106F14S-29PBSL-0 Datasheet HTML 1Page - DDK Ltd. DMS3106F14S-29PBSL-0 Datasheet HTML 2Page - DDK Ltd. DMS3106F14S-29PBSL-0 Datasheet HTML 3Page - DDK Ltd. DMS3106F14S-29PBSL-0 Datasheet HTML 4Page - DDK Ltd. DMS3106F14S-29PBSL-0 Datasheet HTML 5Page - DDK Ltd. DMS3106F14S-29PBSL-0 Datasheet HTML 6Page - DDK Ltd. DMS3106F14S-29PBSL-0 Datasheet HTML 7Page - DDK Ltd. DMS3106F14S-29PBSL-0 Datasheet HTML 8Page - DDK Ltd. DMS3106F14S-29PBSL-0 Datasheet HTML 9Page - DDK Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
http://www.ddknet.co.jp
◎ Specifications and/or dimensions in this catalog are subject to change without notice.
  Please varify the latest specifications with our drawings.
DDK'S D/MS E/F/R Series provides a set of moisture-resistant
and oil-resistant connectors.
This series uses synthetic rubber for their inserts to cope with
the various environments in which industrial machines are
installed.
The products in the D/MS E/F/R series are compatible and
comply with MIL-DTL-5015.
The F and R types prevent the entry of water moisture, cutting
oil and other foreign substances into machines where those
connectors are employed, helping enhance the reliability of
the equipment.
D/MS E/F/R Series
MIL-DTL-5015 Compatible
      Environment Resistant Type.
160620
OUTLINE
FEATURES
APPLICATION
MATERIAL / FINISH
Item
   Material / Finish
Contact Copper Alloy / Silver Plating
Insert
Ethylene Propylene Rubber / Black
Shell
Aluminum Alloy / Zinc Plating ,
Trivalent Chromium Treatment (Black)
◆ Synthetic rubber inserts.
◆ Grommet for moisture-proof.
◆ Grommet and cable clamp combination for extra strength to hold cable.
◆ Solder termination contacts.
The D/MS E/F/R series is designed and manufactured for reliable
performance is a broadrange of electric / electronic equipment
applications.
These include machine tools, communications, instrumentation and
high current systems.
Receptacle Connector
Plug Connector
RoHS Compliant
Angle Plug
D/MS3108 E / F
Straight Plug
D/MS3106 E / F
Box Receptacle
D/MS3102 E / R
Cable Receptacle
D/MS3101E
Wall Receptacle
D/MS3100E
RoHS
Compliant
RoHS
Compliant
Conforming
Standard
MIL-DTL-5015
IP55
Waterproof
Lock Type
Threaded
Coupling


Similar Part No. - DMS3106F14S-29PBSL-0

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
DMS3106F14S DDK-DMS3106F14S Datasheet
3Mb / 33P
   MIL-C-5015 Compatible Environment Resistant Type
More results

Similar Description - DMS3106F14S-29PBSL-0

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
DMS3100E10SL DDK-DMS3100E10SL Datasheet
3Mb / 33P
   MIL-C-5015 Compatible Environment Resistant Type
logo
Glenair, Inc.
947-259 GLENAIR-947-259 Datasheet
419Kb / 2P
   MIL-DTL-5015 Type Hermetic
947-042 GLENAIR-947-042 Datasheet
257Kb / 2P
   MIL-DTL-5015 Type Hermetic
logo
Amphenol Corporation
MS3102A20-15P AMPHENOL-MS3102A20-15P Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard
MS3102A18-3PW AMPHENOL-MS3102A18-3PW Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015
12-020 AMPHENOL-12-020 Datasheet
2Mb / 73P
   MIL-DTL-5015 and Mil-5015 Type Standard Cylindrical Connectors
MS3102A14S-7S AMPHENOL-MS3102A14S-7S Datasheet
1Mb / 54P
   MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
logo
DDK Ltd.
DMS3106A10SL-29SW(D190) DDK-DMS3106A10SL-29SW(D190) Datasheet
1Mb / 10P
   Waterproof Circular Connectors (MIL-DTL-5015 Compatible)
logo
Glenair, Inc.
947-371 GLENAIR-947-371 Datasheet
266Kb / 2P
   MIL-DTL-5015 Type Hermetic Receptacle
logo
Amphenol Aerospace Oper...
1928309 AAO-1928309 Datasheet
3Mb / 33P
   MIL-DTL-5015, Matrix
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com