Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC27712 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # UCC27712
Description  Automotive, 620-V, 1.8-A, 2.8-A High-Side Low-Side Gate Driver with Interlock
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC27712 Datasheet(HTML) 2 Page - Texas Instruments

  UCC27712 Datasheet HTML 1Page - Texas Instruments UCC27712 Datasheet HTML 2Page - Texas Instruments UCC27712 Datasheet HTML 3Page - Texas Instruments UCC27712 Datasheet HTML 4Page - Texas Instruments UCC27712 Datasheet HTML 5Page - Texas Instruments UCC27712 Datasheet HTML 6Page - Texas Instruments UCC27712 Datasheet HTML 7Page - Texas Instruments UCC27712 Datasheet HTML 8Page - Texas Instruments UCC27712 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
2
UCC27712-Q1
SLUSCW3 – AUGUST 2017
www.ti.com
Product Folder Links: UCC27712-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Simplified Schematic............................................. 1
5
Revision History..................................................... 2
6
Pin Configuration and Functions ......................... 3
7
Specifications......................................................... 3
7.1
Absolute Maximum Ratings ...................................... 3
7.2
ESD Ratings ............................................................ 4
7.3
Recommended Operating Conditions ....................... 4
7.4
Thermal Information ................................................. 4
7.5
Electrical Characteristics........................................... 4
7.6
Dynamic Electrical Characteristics ........................... 5
7.7
Typical Characteristics .............................................. 7
8
Detailed Description ............................................ 12
8.1
Overview ................................................................. 12
8.2
Functional Block Diagram ....................................... 13
8.3
Feature Description................................................. 14
8.4
Device Functional Modes........................................ 20
9
Application and Implementation ........................ 26
9.1
Application Information............................................ 26
9.2
Typical Application ................................................. 26
10
Power Supply Recommendations ..................... 35
11
Layout................................................................... 35
11.1
Layout Guidelines ................................................. 35
11.2
Layout Example .................................................... 35
12
Device and Documentation Support ................. 36
12.1
Documentation Support ........................................ 36
12.2
Related Links ........................................................ 36
12.3
Community Resources.......................................... 36
12.4
Trademarks ........................................................... 36
12.5
Electrostatic Discharge Caution ............................ 36
12.6
Glossary ................................................................ 36
13
Mechanical, Packaging, and Orderable
Information ........................................................... 36
5 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
DATE
REVISION
NOTES
August 2017
*
Initial release.


Similar Part No. - UCC27712

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27712 TI1-UCC27712 Datasheet
1Mb / 39P
[Old version datasheet]   620-V, 1.8-A, 2.8-A High-Side Low-Side Gate Driver with Interlock
UCC27712D TI1-UCC27712D Datasheet
1Mb / 39P
[Old version datasheet]   620-V, 1.8-A, 2.8-A High-Side Low-Side Gate Driver with Interlock
UCC27712DR TI1-UCC27712DR Datasheet
1Mb / 39P
[Old version datasheet]   620-V, 1.8-A, 2.8-A High-Side Low-Side Gate Driver with Interlock
More results

Similar Description - UCC27712

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27712 TI1-UCC27712 Datasheet
1Mb / 39P
[Old version datasheet]   620-V, 1.8-A, 2.8-A High-Side Low-Side Gate Driver with Interlock
UCC27710 TI1-UCC27710 Datasheet
1Mb / 33P
[Old version datasheet]   620-V, 0.5-A, 1.0-A High-Side Low-Side Gate Driver with Interlock
logo
ON Semiconductor
FAN7171-F085 ONSEMI-FAN7171-F085_V01 Datasheet
1Mb / 11P
   600 V / 4 A, High-Side Automotive Gate Driver IC
February, 2022 ??Rev. 5
FAN7171-F085 ONSEMI-FAN7171-F085 Datasheet
1Mb / 11P
   600 V / 4 A, High-Side Automotive Gate Driver IC
August, 2017 ??Rev. 3
FAN7191-F085 ONSEMI-FAN7191-F085_V01 Datasheet
464Kb / 14P
   Automotive Gate Driver IC, High and Low Side 600 V, 4.5 A
February, 2022-Rev. 7
logo
STMicroelectronics
PM8841 STMICROELECTRONICS-PM8841 Datasheet
449Kb / 13P
   1 A low-side gate driver
October 2014 Rev 1
logo
Texas Instruments
UCC27714 TI-UCC27714_15 Datasheet
2Mb / 43P
[Old version datasheet]   High-Speed, 600-V High-Side Low-Side Gate Driver with 4-A Peak Output
logo
Infineon Technologies A...
2EDL803X INFINEON-2EDL803X Datasheet
1Mb / 32P
   120 V boot, 3 A / 4 A, junction-isolated high-side and low-side gate driver IC
Rev. 2.1 2023-04-04
2EDL8X2X INFINEON-2EDL8X2X Datasheet
1Mb / 26P
   120 V Boot, 3 A / 4 A, Junction-Isolated High Side and Low Side Gate Driver ICs
Rev. 2.8, 2022-09-23
logo
ON Semiconductor
NCP51100 ONSEMI-NCP51100 Datasheet
2Mb / 16P
   Single 2 A High-Speed, Low-Side Gate Driver
June, 2021 ??Rev. P0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com