Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC27712-Q1 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # UCC27712-Q1
Description  Automotive, 620-V, 1.8-A, 2.8-A High-Side Low-Side Gate Driver with Interlock
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC27712-Q1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button UCC27712-Q1 Datasheet HTML 6Page - Texas Instruments UCC27712-Q1 Datasheet HTML 7Page - Texas Instruments UCC27712-Q1 Datasheet HTML 8Page - Texas Instruments UCC27712-Q1 Datasheet HTML 9Page - Texas Instruments UCC27712-Q1 Datasheet HTML 10Page - Texas Instruments UCC27712-Q1 Datasheet HTML 11Page - Texas Instruments UCC27712-Q1 Datasheet HTML 12Page - Texas Instruments UCC27712-Q1 Datasheet HTML 13Page - Texas Instruments UCC27712-Q1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
Temperature (oC)
-40
-20
0
20
40
60
80
100
120
30
40
50
60
70
80
90
100
VDD=VHB=15V
D002
IQ HB to HS
Temperature (oC)
-40
-20
0
20
40
60
80
100
120
0
1
2
3
4
5
D002
VHB=VHS=400V
VHB=VHS=600V
Temperature (oC)
-40
-20
0
20
40
60
80
100
120
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
D002
VDD=10V
VDD=15V
Temperature (oC)
-40
-20
0
20
40
60
80
100
120
100
150
200
250
300
350
400
VDD=VHB=15V
D002
HI, LI 0V
HI, LI 5V
Temperature (oC)
-40
-20
0
20
40
60
80
100
120
0
0.5
1
1.5
2
2.5
3
3.5
4
D001
VDD=10V
VDD=15V
Temperature (oC)
-40
-20
0
20
40
60
80
100
120
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
D002
VDD=10V
VDD=15V
10
UCC27712-Q1
SLUSCW3 – AUGUST 2017
www.ti.com
Product Folder Links: UCC27712-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Typical Characteristics (continued)
Figure 20. HO Output Pull-Down Resistance vs Temperature
Figure 21. LO Output Pull-Up Resistance vs Temperature
Figure 22. HO Output Pull-Up Resistance vs Temperature
Figure 23. Total Quiescent VDD plus HB Supply Current vs
Temperature
Figure 24. Quiescent HB to HS Supply Current vs
Temperature
Figure 25. HB to COM Bootstrap Supply Leakage Current vs
Temperature


Similar Part No. - UCC27712-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27712 TI1-UCC27712 Datasheet
1Mb / 39P
[Old version datasheet]   620-V, 1.8-A, 2.8-A High-Side Low-Side Gate Driver with Interlock
UCC27712D TI1-UCC27712D Datasheet
1Mb / 39P
[Old version datasheet]   620-V, 1.8-A, 2.8-A High-Side Low-Side Gate Driver with Interlock
UCC27712DR TI1-UCC27712DR Datasheet
1Mb / 39P
[Old version datasheet]   620-V, 1.8-A, 2.8-A High-Side Low-Side Gate Driver with Interlock
More results

Similar Description - UCC27712-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27712 TI1-UCC27712 Datasheet
1Mb / 39P
[Old version datasheet]   620-V, 1.8-A, 2.8-A High-Side Low-Side Gate Driver with Interlock
UCC27710 TI1-UCC27710 Datasheet
1Mb / 33P
[Old version datasheet]   620-V, 0.5-A, 1.0-A High-Side Low-Side Gate Driver with Interlock
logo
ON Semiconductor
FAN7171-F085 ONSEMI-FAN7171-F085_V01 Datasheet
1Mb / 11P
   600 V / 4 A, High-Side Automotive Gate Driver IC
February, 2022 ??Rev. 5
FAN7171-F085 ONSEMI-FAN7171-F085 Datasheet
1Mb / 11P
   600 V / 4 A, High-Side Automotive Gate Driver IC
August, 2017 ??Rev. 3
FAN7191-F085 ONSEMI-FAN7191-F085_V01 Datasheet
464Kb / 14P
   Automotive Gate Driver IC, High and Low Side 600 V, 4.5 A
February, 2022-Rev. 7
logo
STMicroelectronics
PM8841 STMICROELECTRONICS-PM8841 Datasheet
449Kb / 13P
   1 A low-side gate driver
October 2014 Rev 1
logo
Texas Instruments
UCC27714 TI-UCC27714_15 Datasheet
2Mb / 43P
[Old version datasheet]   High-Speed, 600-V High-Side Low-Side Gate Driver with 4-A Peak Output
logo
Infineon Technologies A...
2EDL803X INFINEON-2EDL803X Datasheet
1Mb / 32P
   120 V boot, 3 A / 4 A, junction-isolated high-side and low-side gate driver IC
Rev. 2.1 2023-04-04
2EDL8X2X INFINEON-2EDL8X2X Datasheet
1Mb / 26P
   120 V Boot, 3 A / 4 A, Junction-Isolated High Side and Low Side Gate Driver ICs
Rev. 2.8, 2022-09-23
logo
ON Semiconductor
NCP51100 ONSEMI-NCP51100 Datasheet
2Mb / 16P
   Single 2 A High-Speed, Low-Side Gate Driver
June, 2021 ??Rev. P0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com