Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC27712-Q1 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # UCC27712-Q1
Description  Automotive, 620-V, 1.8-A, 2.8-A High-Side Low-Side Gate Driver with Interlock
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC27712-Q1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button UCC27712-Q1 Datasheet HTML 4Page - Texas Instruments UCC27712-Q1 Datasheet HTML 5Page - Texas Instruments UCC27712-Q1 Datasheet HTML 6Page - Texas Instruments UCC27712-Q1 Datasheet HTML 7Page - Texas Instruments UCC27712-Q1 Datasheet HTML 8Page - Texas Instruments UCC27712-Q1 Datasheet HTML 9Page - Texas Instruments UCC27712-Q1 Datasheet HTML 10Page - Texas Instruments UCC27712-Q1 Datasheet HTML 11Page - Texas Instruments UCC27712-Q1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
Temperature (oC)
-40
-20
0
20
40
60
80
100
120
0
5
10
15
20
D001
VDD=10V
VDD=12V
VDD=15V
Temperature (oC)
-40
-20
0
20
40
60
80
100
120
7.5
8
8.5
9
9.5
10
D001
UVLO On
UVLO Off
Temperature (oC)
-40
-20
0
20
40
60
80
100
120
0
5
10
15
20
D009
VDD=10V
VDD=12V
VDD=15V
Temperature (oC)
-40
-20
0
20
40
60
80
100
120
0
5
10
15
20
25
30
D001
VDD=10V
VDD=12V
VDD=15V
VHS (V)
0
60
120
180
240
300
360
420
480
540
600
70
75
80
85
90
95
100
105
110
115
120
125
130
D007
Turn On
Turn Off
Temperature (oC)
-40
-20
0
20
40
60
80
100
120
0
5
10
15
20
25
30
D008
VDD=10V
VDD=12V
VDD=15V
8
UCC27712-Q1
SLUSCW3 – AUGUST 2017
www.ti.com
Product Folder Links: UCC27712-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Typical Characteristics (continued)
Figure 8. High-Side Propagation Delay vs HS
Figure 9. LO Rise Time with 1000-pF Load vs Temperature
Figure 10. LO Fall Time with 1000-pF Load vs Temperature
Figure 11. HO Rise Time with 1000-pF Load vs Temperature
Figure 12. HO Fall Time with 1000-pF Load vs Temperature
Figure 13. VDD UVLO Thresholds vs Temperature


Similar Part No. - UCC27712-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27712 TI1-UCC27712 Datasheet
1Mb / 39P
[Old version datasheet]   620-V, 1.8-A, 2.8-A High-Side Low-Side Gate Driver with Interlock
UCC27712D TI1-UCC27712D Datasheet
1Mb / 39P
[Old version datasheet]   620-V, 1.8-A, 2.8-A High-Side Low-Side Gate Driver with Interlock
UCC27712DR TI1-UCC27712DR Datasheet
1Mb / 39P
[Old version datasheet]   620-V, 1.8-A, 2.8-A High-Side Low-Side Gate Driver with Interlock
More results

Similar Description - UCC27712-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27712 TI1-UCC27712 Datasheet
1Mb / 39P
[Old version datasheet]   620-V, 1.8-A, 2.8-A High-Side Low-Side Gate Driver with Interlock
UCC27710 TI1-UCC27710 Datasheet
1Mb / 33P
[Old version datasheet]   620-V, 0.5-A, 1.0-A High-Side Low-Side Gate Driver with Interlock
logo
ON Semiconductor
FAN7171-F085 ONSEMI-FAN7171-F085_V01 Datasheet
1Mb / 11P
   600 V / 4 A, High-Side Automotive Gate Driver IC
February, 2022 ??Rev. 5
FAN7171-F085 ONSEMI-FAN7171-F085 Datasheet
1Mb / 11P
   600 V / 4 A, High-Side Automotive Gate Driver IC
August, 2017 ??Rev. 3
FAN7191-F085 ONSEMI-FAN7191-F085_V01 Datasheet
464Kb / 14P
   Automotive Gate Driver IC, High and Low Side 600 V, 4.5 A
February, 2022-Rev. 7
logo
STMicroelectronics
PM8841 STMICROELECTRONICS-PM8841 Datasheet
449Kb / 13P
   1 A low-side gate driver
October 2014 Rev 1
logo
Texas Instruments
UCC27714 TI-UCC27714_15 Datasheet
2Mb / 43P
[Old version datasheet]   High-Speed, 600-V High-Side Low-Side Gate Driver with 4-A Peak Output
logo
Infineon Technologies A...
2EDL803X INFINEON-2EDL803X Datasheet
1Mb / 32P
   120 V boot, 3 A / 4 A, junction-isolated high-side and low-side gate driver IC
Rev. 2.1 2023-04-04
2EDL8X2X INFINEON-2EDL8X2X Datasheet
1Mb / 26P
   120 V Boot, 3 A / 4 A, Junction-Isolated High Side and Low Side Gate Driver ICs
Rev. 2.8, 2022-09-23
logo
ON Semiconductor
NCP51100 ONSEMI-NCP51100 Datasheet
2Mb / 16P
   Single 2 A High-Speed, Low-Side Gate Driver
June, 2021 ??Rev. P0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com