Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TUSB8042RGCR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB8042RGCR
Description  Four-Port USB 3.1 Gen1 Hub
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB8042RGCR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TUSB8042RGCR Datasheet HTML 4Page - Texas Instruments TUSB8042RGCR Datasheet HTML 5Page - Texas Instruments TUSB8042RGCR Datasheet HTML 6Page - Texas Instruments TUSB8042RGCR Datasheet HTML 7Page - Texas Instruments TUSB8042RGCR Datasheet HTML 8Page - Texas Instruments TUSB8042RGCR Datasheet HTML 9Page - Texas Instruments TUSB8042RGCR Datasheet HTML 10Page - Texas Instruments TUSB8042RGCR Datasheet HTML 11Page - Texas Instruments TUSB8042RGCR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 55 page
background image
8
TUSB8042
SLLSET2 – AUGUST 2017
www.ti.com
Product Folder Links: TUSB8042
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Pin Functions (continued)
PIN
I/O
DESCRIPTION
NAME
NO.
GANGED/SMBA2/
HS_UP
42
I/O, PD
Ganged operation enable/SMBus Address bit 2/HS Connection Status Upstream Port.
The value of the pin is sampled at the de-assertion of reset to set the power switch and over
current detection mode as follows:
0 = Individual power control supported when power switching is enabled
1 = Power control gangs supported when power switching is enabled
When SMBus mode is enabled using SMBUSz, this pin sets the value of the SMBus slave
address bit 2.
After reset, this signal indicates the High-speed USB connection status of the upstream port if
enabled through the stsOutputEn bit in Additional Feature Configuration register. When
enabled, a value of 1 indicates the upstream port is connected to a High-speed USB capable
port.
Note: Individual power control must be enabled for battery charging applications.
AUTOENz/
HS_SUSPEND
45
I/O, PU
Automatic Charge Mode Enable/HS Suspend Status.
The value of the pin is sampled at the de-assertion of reset to determine if automatic mode is
enabled as follows:
0 = Automatic Mode is enabled on ports that are enabled for battery charging when the
hub is unconnected. Please note that CDP is not supported on Port 1 when operating in
Automatic mode.
1 = Automatic Mode is disabled
This value is also used to set the autoEnz bit in the Battery Charging Support Register.
After reset, this signal indicates the High-speed USB Suspend status of the upstream port if
enabled through the stsOutputEn bit in Additional Feature Configuration register. When
enabled, a value of 1 indicates the connection is suspended.
TEST
49
I, PD
This pin is reserved for factory test. It is suggested to have this pin pulled down to ground on
PCB.
Power and Ground Signals
VDD
5, 8,
13, 21,
28, 31,
51, 57
PWR
1.1-V power rail
VDD33
16, 34,
52, 63
PWR
3.3-V power rail
VSS (Thermal Pad)
PWR
Ground. Thermal pad must be connected to ground.
NC
60
No connect, leave floating


Similar Part No. - TUSB8042RGCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB8042A TI1-TUSB8042A Datasheet
1Mb / 55P
[Old version datasheet]   Four-port USB 3.2 x1 Gen1 Hub
TUSB8042AI TI1-TUSB8042AI Datasheet
1Mb / 55P
[Old version datasheet]   Four-port USB 3.2 x1 Gen1 Hub
TUSB8042AIRGCR TI1-TUSB8042AIRGCR Datasheet
1Mb / 55P
[Old version datasheet]   Four-port USB 3.2 x1 Gen1 Hub
TUSB8042AIRGCT TI1-TUSB8042AIRGCT Datasheet
1Mb / 55P
[Old version datasheet]   Four-port USB 3.2 x1 Gen1 Hub
TUSB8042ARGCR TI1-TUSB8042ARGCR Datasheet
1Mb / 55P
[Old version datasheet]   Four-port USB 3.2 x1 Gen1 Hub
More results

Similar Description - TUSB8042RGCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB8043 TI1-TUSB8043 Datasheet
2Mb / 59P
[Old version datasheet]   Four-Port USB 3.1 Gen1 Hub
TUSB8041A TI1-TUSB8041A Datasheet
2Mb / 57P
[Old version datasheet]   Four-Port USB 3.1 Gen1 Hub
TUSB8044 TI1-TUSB8044 Datasheet
1Mb / 61P
[Old version datasheet]   Four-Port USB 3.1 Gen1 Hub with USB Billboard
TUSB8042A TI1-TUSB8042A Datasheet
1Mb / 55P
[Old version datasheet]   Four-port USB 3.2 x1 Gen1 Hub
TUSB8043A TI1-TUSB8043A Datasheet
1Mb / 56P
[Old version datasheet]   TUSB8043A Four-port USB 3.2 x1 Gen1 Hub
logo
Coolgear Inc.
CG-4PU31C2P COOLGEAR-CG-4PU31C2P Datasheet
120Kb / 3P
   USB C Hub 4 Port USB 3.1 Gen1 SuperSpeed USB C Upstream
logo
Texas Instruments
TUSB8044A TI1-TUSB8044A Datasheet
2Mb / 63P
[Old version datasheet]   four-port USB 3.2 x1 Gen1 hub with USB billboard
TUSB8044A TI1-TUSB8044A_19 Datasheet
2Mb / 69P
[Old version datasheet]   four-port USB 3.2 x1 Gen1 hub with USB billboard
logo
Coolgear Inc.
CG-4PU31C1B1 COOLGEAR-CG-4PU31C1B1 Datasheet
121Kb / 3P
   USB C Hub 4 Port USB 3.1 Gen1 SuperSpeed Type-B Upstream
CG-U31IS4PH COOLGEAR-CG-U31IS4PH Datasheet
118Kb / 3P
   4 Port USB 3.1 Gen1 Isolated Hub with 15KV ESD Surge Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com