Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TUSB8042RGCR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB8042RGCR
Description  Four-Port USB 3.1 Gen1 Hub
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB8042RGCR Datasheet(HTML) 4 Page - Texas Instruments

  TUSB8042RGCR Datasheet HTML 1Page - Texas Instruments TUSB8042RGCR Datasheet HTML 2Page - Texas Instruments TUSB8042RGCR Datasheet HTML 3Page - Texas Instruments TUSB8042RGCR Datasheet HTML 4Page - Texas Instruments TUSB8042RGCR Datasheet HTML 5Page - Texas Instruments TUSB8042RGCR Datasheet HTML 6Page - Texas Instruments TUSB8042RGCR Datasheet HTML 7Page - Texas Instruments TUSB8042RGCR Datasheet HTML 8Page - Texas Instruments TUSB8042RGCR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 55 page
background image
VSS
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
XI
XO
USB_SSTXP_UP
USB_SSTXM_UP
USB_SSRXP_UP
USB_DP_UP
USB_DM_UP
USB_R1
GRTSz
VDD
VDD33
NC
VDD
USB_SSRXM_UP
VDD
VDD33
TEST
PWRCTL4 / BATEN4
VDD
VDD
USB_SSRXM_DN4
USB_SSRXP_DN4
USB_SSTXM_DN4
USB_SSTXP_DN4
USB_DM_DN4
USB_DP_DN4
USB_SSRXM_DN3
USB_SSRXP_DN3
USB_SSTXM_DN3
USB_SSTXP_DN3
USB_DM_DN3
USB_DP_DN3
4
TUSB8042
SLLSET2 – AUGUST 2017
www.ti.com
Product Folder Links: TUSB8042
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
6 Pin Configuration and Functions
RGC Package
64 Pin (VQFN)
(Top View)


Similar Part No. - TUSB8042RGCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB8042A TI1-TUSB8042A Datasheet
1Mb / 55P
[Old version datasheet]   Four-port USB 3.2 x1 Gen1 Hub
TUSB8042AI TI1-TUSB8042AI Datasheet
1Mb / 55P
[Old version datasheet]   Four-port USB 3.2 x1 Gen1 Hub
TUSB8042AIRGCR TI1-TUSB8042AIRGCR Datasheet
1Mb / 55P
[Old version datasheet]   Four-port USB 3.2 x1 Gen1 Hub
TUSB8042AIRGCT TI1-TUSB8042AIRGCT Datasheet
1Mb / 55P
[Old version datasheet]   Four-port USB 3.2 x1 Gen1 Hub
TUSB8042ARGCR TI1-TUSB8042ARGCR Datasheet
1Mb / 55P
[Old version datasheet]   Four-port USB 3.2 x1 Gen1 Hub
More results

Similar Description - TUSB8042RGCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB8043 TI1-TUSB8043 Datasheet
2Mb / 59P
[Old version datasheet]   Four-Port USB 3.1 Gen1 Hub
TUSB8041A TI1-TUSB8041A Datasheet
2Mb / 57P
[Old version datasheet]   Four-Port USB 3.1 Gen1 Hub
TUSB8044 TI1-TUSB8044 Datasheet
1Mb / 61P
[Old version datasheet]   Four-Port USB 3.1 Gen1 Hub with USB Billboard
TUSB8042A TI1-TUSB8042A Datasheet
1Mb / 55P
[Old version datasheet]   Four-port USB 3.2 x1 Gen1 Hub
TUSB8043A TI1-TUSB8043A Datasheet
1Mb / 56P
[Old version datasheet]   TUSB8043A Four-port USB 3.2 x1 Gen1 Hub
logo
Coolgear Inc.
CG-4PU31C2P COOLGEAR-CG-4PU31C2P Datasheet
120Kb / 3P
   USB C Hub 4 Port USB 3.1 Gen1 SuperSpeed USB C Upstream
logo
Texas Instruments
TUSB8044A TI1-TUSB8044A Datasheet
2Mb / 63P
[Old version datasheet]   four-port USB 3.2 x1 Gen1 hub with USB billboard
TUSB8044A TI1-TUSB8044A_19 Datasheet
2Mb / 69P
[Old version datasheet]   four-port USB 3.2 x1 Gen1 hub with USB billboard
logo
Coolgear Inc.
CG-4PU31C1B1 COOLGEAR-CG-4PU31C1B1 Datasheet
121Kb / 3P
   USB C Hub 4 Port USB 3.1 Gen1 SuperSpeed Type-B Upstream
CG-U31IS4PH COOLGEAR-CG-U31IS4PH Datasheet
118Kb / 3P
   4 Port USB 3.1 Gen1 Isolated Hub with 15KV ESD Surge Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com