Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPSM846C23MOLR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPSM846C23MOLR
Description  4.5-V to 15-V Input, 0.35-V to 2.0-V Output, 35-A PMBus Power Module
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPSM846C23MOLR Datasheet(HTML) 5 Page - Texas Instruments

  TPSM846C23MOLR Datasheet HTML 1Page - Texas Instruments TPSM846C23MOLR Datasheet HTML 2Page - Texas Instruments TPSM846C23MOLR Datasheet HTML 3Page - Texas Instruments TPSM846C23MOLR Datasheet HTML 4Page - Texas Instruments TPSM846C23MOLR Datasheet HTML 5Page - Texas Instruments TPSM846C23MOLR Datasheet HTML 6Page - Texas Instruments TPSM846C23MOLR Datasheet HTML 7Page - Texas Instruments TPSM846C23MOLR Datasheet HTML 8Page - Texas Instruments TPSM846C23MOLR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 82 page
background image
5
TPSM846C23
www.ti.com
SLVSDF3C – MARCH 2017 – REVISED AUGUST 2017
Product Folder Links: TPSM846C23
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
6 Specifications
6.1 Absolute Maximum Ratings
Over operating free-air temperature range (unless otherwise noted)
(1)
PARAMETER
MIN
MAX
UNIT
Input Voltage
VIN
–0.3
18
V
VIN < 2 ms transient
19
VIN–PH (VIN TO PH differentially)
–0.3
25
ADDR0, ADDR1, FB
–0.3
3.6
CLK, DATA
–0.3
5.5
VS+, VS–, RT, CNTL, SYNC, PGOOD, ISHARE, RT_SEL
–0.3
7
BP6_RTN, BP_RTN, AGND
–0.3
0.3
Output voltage
PH
–1
25
V
PH < 100 ns transient
–5
25
BP6, COMP, DIFFO, VSHARE
–0.3
7
ALERT
–0.3
5.5
BP3
–0.3
3.6
Operating IC Junction
Temperature,
–40
150
°C
Storage temperature, Tstg
–55
150
°C
Mechanical shock
500
G
Mechanical vibration
10
G
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±500
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±1500
6.3 Package Specifications
TPSM846C23
VALUE
UNIT
Weight
3.92
grams
Flammability
Meets UL 94 V-O
MTBF Calculated Reliability
Per Bellcore TR-332, 50% stress, TA = 40°C, ground benign
26.6
MHrs
6.4 Recommended Operating Conditions
Over operating free-air temperature range (unless otherwise noted)
PARAMETER
MIN
NOM
MAX
UNIT
Input voltage
VIN
4.5
12
15
V
SYNC
3.3
6.5
PGOOD pull-up voltage
3.3
5.5
Output voltage
VOUT
0.35
2.0
V
Output current
IOUT
0
35
A
Frequency
300
500
1000
kHz
Temperature
Operating ambient temperature
–40
105
°C
Operating IC junction temperature
–40
125
°C


Similar Part No. - TPSM846C23MOLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPSM846C23MOLR TI1-TPSM846C23MOLR Datasheet
771Kb / 78P
[Old version datasheet]   4.5-V to 15-V Input, 0.35-V to 2.0-V Output, 35-A PMBusTM Power Module
More results

Similar Description - TPSM846C23MOLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPSM846C23 TI1-TPSM846C23 Datasheet
771Kb / 78P
[Old version datasheet]   4.5-V to 15-V Input, 0.35-V to 2.0-V Output, 35-A PMBusTM Power Module
TPSM846C24 TI1-TPSM846C24 Datasheet
977Kb / 36P
[Old version datasheet]   4.5-V to 15-V Input, 0.5-V to 2-V Output, 35-A Power Module
TPSM84624 TI1-TPSM84624 Datasheet
999Kb / 33P
[Old version datasheet]   4.5-V to 17-V Input, 0.6-V to 10-V Output, 6-A Power Module
TPSM84209 TI1-TPSM84209 Datasheet
660Kb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 1.2-V to 6-V Output, 2.5-A Power Module
TPSM84424 TI1-TPSM84424 Datasheet
1,000Kb / 33P
[Old version datasheet]   4.5-V to 17-V Input, 0.6-V to 10-V Output, 4-A Power Module
TPSM84824 TI1-TPSM84824 Datasheet
811Kb / 31P
[Old version datasheet]   4.5-V to 17-V Input, 0.6-V to 10-V Output, 8-A Power Module
TPSM84209 TI1-TPSM84209_19 Datasheet
1Mb / 36P
[Old version datasheet]   4.5-V to 28-V Input, 1.2-V to 6-V Output, 2.5-A Power Module
TPSM831D31 TI1-TPSM831D31 Datasheet
1,017Kb / 78P
[Old version datasheet]   8-V to 14-V Input, 0.25-V to 1.52-V Dual Output, 120-A 40-A PMBus Power Module
TPS546C20A TI1-TPS546C20A Datasheet
1Mb / 97P
[Old version datasheet]   4.5-V to 18-V, 35-A Stackable Synchronous Buck Converters With PMBus
TPS546C23 TI1-TPS546C23 Datasheet
1Mb / 97P
[Old version datasheet]   4.5-V to 18-V, 35-A Stackable Synchronous Buck Converters With PMBus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com