Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSV91X Datasheet(PDF) 1 Page - Texas Instruments

Part # TSV91X
Description  Rail-to-Rail Input/Output, 8-MHz Operational Amplifiers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSV91X Datasheet(HTML) 1 Page - Texas Instruments

  TSV91X Datasheet HTML 1Page - Texas Instruments TSV91X Datasheet HTML 2Page - Texas Instruments TSV91X Datasheet HTML 3Page - Texas Instruments TSV91X Datasheet HTML 4Page - Texas Instruments TSV91X Datasheet HTML 5Page - Texas Instruments TSV91X Datasheet HTML 6Page - Texas Instruments TSV91X Datasheet HTML 7Page - Texas Instruments TSV91X Datasheet HTML 8Page - Texas Instruments TSV91X Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
Zload
Rshunt
0.1
Vbus
5V
RF
165k
RG
3.4k
VOUT
Iload
TSV91x
VSHUNT
0
10
20
30
40
50
60
0
50
100
150
200
250
300
Capacitive Load (pF)
Overshoot+
Overshoot-
C025
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TSV911, TSV912, TSV914
SBOS878 – JULY 2017
TSV91x Rail-to-Rail Input/Output, 8-MHz Operational Amplifiers
1
1 Features
1
Rail-to-Rail Input and Output
Low Noise: 18 nV/
√Hz at 1 kHz
Low Power Consumption: 550 µA Typical
High-Gain Bandwidth: 8 MHz
Operating Supply Voltage From: 2.5 V to: 5.5 V
Low Input Bias Current: 1 pA Typical
Low Input Offset Voltage: 1.9 mV Maximum
Low Offset Voltage Drift: ±0.5 µV/°C (Typical)
ESD Internal Protection: ±4 kV Human-Body
Model (HBM)
Extended Temperature Range: –40°C to +125°C
2 Applications
Battery-Powered Applications
Motor Control
Power Modules
HVAC: Heating, Ventilating, and Air Conditioning
Washing Machines
Refrigerators
Medical Instrumentation
Active Filters
Sensor Signal Conditioning
Audio Receiver
Automotive Infotainment
3 Description
The TSV91x family, which includes single-, dual-, and
quad-channel operational amplifiers (op amps), is
specifically
designed
for
general-purpose
applications. Featuring rail-to-rail input and output
(RRIO) swings, wide bandwidth (8 MHz), and low
offset voltage (0.3 mV, typical), this family is attractive
for a variety of applications that require a good
balance between speed and power consumption. The
op amps are unity-gain stable and feature an ultra-
low input bias current, which enables the family to be
used in applications with high-source impedances.
The low input bias current also makes the devices
suitable for sensor interfaces, battery-supplied and
portable applications, as well as active filtering.
The robust design of the TSV91x provides ease-of-
use to the circuit designer. Features include a unity-
gain stable, integrated RFI-EMI rejection filter; no
phase reversal in overdrive condition; and high
electrostatic discharge (ESD) protection (4-kV HBV).
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TSV911 (preview)
SOT-23 (5)
1.60 mm × 2.90 mm
SC70 (5)
1.25 mm × 2.00 mm
SOT553 (5)
1.65 mm x 1.20 mm
SOIC (8)
3.91 mm × 4.90 mm
TSV912
SOIC (8)
3.91 mm × 4.90 mm
WSON (8)
2.00 mm x 2.00 mm
VSSOP (8)
3.00 mm × 3.00 mm
VSSOP (10)
3.00 mm × 3.00 mm
TSV914 (preview)
SOIC (14)
8.65 mm × 3.91 mm
TSSOP (14)
4.40 mm × 5.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Low-Side Motor Control
Small-Signal Overshoot vs Load Capacitance


Similar Part No. - TSV91X

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSV91X STMICROELECTRONICS-TSV91X Datasheet
1Mb / 27P
   Single, dual, and quad rail-to-rail input/output 8 MHz operational amplifiers
August 2016 Rev 10
logo
Texas Instruments
TSV91X TI1-TSV91X Datasheet
3Mb / 41P
[Old version datasheet]   Rail-to-Rail Input/Output, 8-MHz Operational Amplifiers
TSV91X TI1-TSV91X Datasheet
4Mb / 49P
[Old version datasheet]   Rail-to-Rail Input/Output, 8-MHz Operational Amplifiers
TSV91X TI1-TSV91X Datasheet
4Mb / 52P
[Old version datasheet]   TSV91x Rail-to-Rail Input/Output, 8-MHz Operational Amplifiers
TSV91XA-Q1 TI1-TSV91XA-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   TSV91xA-Q1 Automotive Rail-to-Rail Input/Output, 8-MHz Operational Amplifiers
More results

Similar Description - TSV91X

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSV911 TI1-TSV911_17 Datasheet
1Mb / 28P
[Old version datasheet]   Rail-to-Rail Input/Output, 8-MHz Operational Amplifiers
TSV911 TI1-TSV911_19 Datasheet
4Mb / 49P
[Old version datasheet]   Rail-to-Rail Input/Output, 8-MHz Operational Amplifiers
TSV911 TI1-TSV911_18 Datasheet
2Mb / 36P
[Old version datasheet]   Rail-to-Rail Input/Output, 8-MHz Operational Amplifiers
TSV911_018 TI1-TSV911_018 Datasheet
3Mb / 41P
[Old version datasheet]   Rail-to-Rail Input/Output, 8-MHz Operational Amplifiers
TSV911 TI1-TSV911_V01 Datasheet
4Mb / 52P
[Old version datasheet]   TSV91x Rail-to-Rail Input/Output, 8-MHz Operational Amplifiers
logo
STMicroelectronics
TSV912HYDT STMICROELECTRONICS-TSV912HYDT Datasheet
798Kb / 16P
   High temperature rail-to-rail input/output 8 MHz operational amplifiers
logo
Texas Instruments
LM6142 TI1-LM6142 Datasheet
1Mb / 26P
[Old version datasheet]   17 MHz Rail-to-Rail Input-Output Operational Amplifiers
logo
Analog Devices
AD8519 AD-AD8519 Datasheet
193Kb / 12P
   8 MHz Rail-to-Rail Operational Amplifiers
REV. C
AD8519 AD-AD8519_07 Datasheet
399Kb / 16P
   8 MHz Rail-to-Rail Operational Amplifiers
REV. D
logo
Texas Instruments
TSV912A-Q1 TI-TSV912A-Q1_V02 Datasheet
2Mb / 37P
[Old version datasheet]   TSV91xA-Q1 Automotive Rail-to-Rail Input/Output, 8-MHz Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com