Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0022152036 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0022152036
Description  KK 254 PC Board Connector, Right Angle, End-to-End Stackable, 2.54關m Tin (Sn), 3Circuits
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0022152036 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0022152036_17 Datasheet HTML 1Page - Molex Electronics Ltd. 0022152036_17 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 07/27/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0022152036
Status:
Active
Overview:
KK® Interconnect System - Molex
Description:
KK® 254 PC Board Connector, Right Angle, End-to-End Stackable, 2.54µm Tin (Sn), 3
Circuits
Documents:
3D Model
Product Specification PS-10-07-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Receptacles
Series
4455
Application
Board-to-Board, Signal
Overview
KK® Interconnect System - Molex
Product Name
KK® 254
UPC
800753590236
Physical
Circuits (Loaded)
3
Circuits (maximum)
3
Color - Resin
Natural (White)
Flammability
94V-0
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
No
Material - Metal
Brass
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
Nylon
Net Weight
0.324/g
Number of Rows
1
Orientation
Right Angle
PC Tail Length
3.35mm
PCB Locator
No
PCB Retention
None
PCB Thickness - Recommended
1.60mm
Packaging Type
Tray
Pitch - Mating Interface
2.54mm
Pitch - Termination Interface
2.54mm
Plating min - Mating
2.540µm
Plating min - Termination
2.540µm
Polarized to PCB
Yes
Temperature Range - Operating
See Product Specification
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
2.5A
Grounding to PCB
No
Voltage - Maximum
500V
Solder Process Data
Duration at Max. Process Temperature (seconds)
005
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per -
ED/30/2017 (7 July
2017)
Halogen-Free
Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
4455 Series
Mates With
KK® Header 4094 , 42376 , 42375 , 42377 ,
4030 , 171856 , 171857


Similar Part No. - 0022152036_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0022152036 MOLEX2-0022152036 Datasheet
630Kb / 17P
   2.54mm (.100) Pitch KK짰 PC Board Connector, Right Angle, End-to-End Stackable, 2.54關m (100關) Tin (Sn), 3 Circuits
More results

Similar Description - 0022152036_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0022152026 MOLEX1-0022152026_17 Datasheet
59Kb / 2P
   KK 254 PC Board Connector, Right Angle, End-to-End Stackable, 2.54關m Tin (Sn)
0022152046 MOLEX1-0022152046_17 Datasheet
59Kb / 2P
   KK 254 PC Board Connector, Right Angle, End-to-End Stackable, 2.54關m Tin (Sn), 4Circuits
0022152076 MOLEX1-0022152076_17 Datasheet
59Kb / 2P
   KK 254 PC Board Connector, Right Angle, End-to-End Stackable, 2.54關m Tin (Sn), 7Circuits
0022152086 MOLEX1-0022152086_17 Datasheet
59Kb / 2P
   KK 254 PC Board Connector, Right Angle, End-to-End Stackable, 2.54關m Tin (Sn), 8Circuits
0022152166 MOLEX1-0022152166_17 Datasheet
59Kb / 2P
   KK 254 PC Board Connector, Right Angle, End-to-End Stackable, 2.54關m Tin (Sn), 16Circuits
0022152176 MOLEX1-0022152176_17 Datasheet
59Kb / 2P
   KK 254 PC Board Connector, Right Angle, End-to-End Stackable, 2.54關m Tin (Sn), 17Circuits
0022152196 MOLEX1-0022152196_17 Datasheet
59Kb / 2P
   KK 254 PC Board Connector, Right Angle, End-to-End Stackable, 2.54關m Tin (Sn), 19Circuits
0022152116 MOLEX1-0022152116_17 Datasheet
59Kb / 2P
   KK 254 PC Board Connector, Right Angle, End-to-End Stackable, 2.54關m Tin (Sn), 11Circuits
0022152206 MOLEX1-0022152206_17 Datasheet
59Kb / 2P
   KK 254 PC Board Connector, Right Angle, End-to-End Stackable, 2.54關m Tin (Sn), 20Circuits
0022152186 MOLEX1-0022152186_17 Datasheet
59Kb / 2P
   KK 254 PC Board Connector, Right Angle, End-to-End Stackable, 2.54關m Tin (Sn), 18Circuits
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com