Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SD655 Datasheet(PDF) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # 2SD655
Description  Silicon NPN transistor in a TO-92 Plastic Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

2SD655 Datasheet(HTML) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  2SD655 Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SD655 Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SD655 Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SD655 Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SD655 Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SD655 Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SD655
Rev.E Mar.-2016
DATA SHEET
http://www.fsbrec.com
2 / 6
参数
Parameter
符号
Symbol
数值
Rating
单位
Unit
Collector to Base Voltage
VCBO
30
V
Collector to Emitter Voltage
VCEO
15
V
Emitter to Base Voltage
VEBO
5.0
V
Collector Current - Continuous
IC
700
mA
Collector Current – Continuous(Pulse)
ICP
1.0
A
Collector Power Dissipation
PC
500
mW
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55~150
参数
Parameter
符号
Symbol
测试条件
Test Conditions
最小值
Min
典型值
Typ
最大值
Max
单位
Unit
Collector to Base Breakdown
Voltage
VCBO
IC=10μA
IE=0
30
V
Collector to Emitter Breakdown
Voltage
VCEO
IC=1.0mA
RBE=∞
15
V
Emitter to Base Breakdown
Voltage
VEBO
IE=10μA
IC=0
5.0
V
Collector Cut-Off Current
ICBO
VCB=20V
IE=0
1.0
μA
Base to Emitter Voltage
VBE
VCE=1.0V
IC=150mA
1.0
V
DC Current Gain
hFE
VCE=1.0V
IC=150mA
250
1200
Collector to Emitter Saturation
Voltage
VCEsat
IC=500mA
IB=50mA
0.15
0.5
V
Transition Frequency
fT
VCE=1.0V
IC=150mA
250
MHz
极限参数 / Absolute Maximum Ratings(Ta=25℃)
电性能参数 / Electrical Characteristics(Ta=25℃)


Similar Part No. - 2SD655

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SD655 HITACHI-2SD655 Datasheet
29Kb / 6P
   Silicon NPN Epitaxial
logo
Renesas Technology Corp
2SD655 RENESAS-2SD655 Datasheet
60Kb / 6P
   Silicon NPN Epitaxial
2SD655DTZ-E RENESAS-2SD655DTZ-E Datasheet
60Kb / 6P
   Silicon NPN Epitaxial
2SD655ETZ-E RENESAS-2SD655ETZ-E Datasheet
60Kb / 6P
   Silicon NPN Epitaxial
2SD655FTZ-E RENESAS-2SD655FTZ-E Datasheet
60Kb / 6P
   Silicon NPN Epitaxial
More results

Similar Description - 2SD655

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
2N4401 FOSHAN-2N4401 Datasheet
933Kb / 6P
   Silicon NPN transistor in a TO-92 Plastic Package
2SC2308 FOSHAN-2SC2308 Datasheet
929Kb / 6P
   Silicon NPN transistor in a TO-92 Plastic Package
2SC2310 FOSHAN-2SC2310 Datasheet
820Kb / 6P
   Silicon NPN transistor in a TO-92 Plastic Package
2SD882S FOSHAN-2SD882S Datasheet
933Kb / 6P
   Silicon NPN transistor in a TO-92 Plastic Package
MPSA44 FOSHAN-MPSA44 Datasheet
1Mb / 6P
   Silicon NPN transistor in a TO-92 Plastic Package
MJE13003VK1 FOSHAN-MJE13003VK1 Datasheet
826Kb / 6P
   Silicon NPN transistor in a TO-92 Plastic Package.
2SC1675 FOSHAN-2SC1675 Datasheet
908Kb / 6P
   Silicon NPN transistor in a TO-92 Plastic Package
2SC383TM FOSHAN-2SC383TM Datasheet
830Kb / 6P
   Silicon NPN transistor in a TO-92 Plastic Package
MJE13003L1 FOSHAN-MJE13003L1 Datasheet
863Kb / 6P
   Silicon NPN transistor in a TO-92 Plastic Package.
KTC3203 FOSHAN-KTC3203 Datasheet
1Mb / 6P
   Silicon NPN transistor in a TO-92 Plastic Package
KTD1302 FOSHAN-KTD1302 Datasheet
828Kb / 6P
   Silicon NPN transistor in a TO-92 Plastic Package
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com