Electronic Components Datasheet Search |
|
TLC7701QD Datasheet(PDF) 5 Page - Texas Instruments |
|
|
TLC7701QD Datasheet(HTML) 5 Page - Texas Instruments |
5 / 37 page TLC7701, TLC7725, TLC7703 TLC7733, TLC7705 www.ti.com SLVS087M – DECEMBER 1994 – REVISED MARCH 2012 ABSOLUTE MAXIMUM RATINGS (1) over operating free-air temperature range (unless otherwise noted) VALUE UNIT VDD Supply voltage(2) 7 V Input voltage range, CONTROL, RESIN, SENSE(2) –0.3 to 7 V IOL Maximum low output current 10 mA IOH Maximum high output current, –10 mA IIK Input clamp current, (VI < 0 or VI > VDD) ±10 mA IOK Output clamp current, (VO 0 or VO > VDD) ±10 mA Continuous total power dissipation See Dissipation Rating Table TL77xxI –40 to 84 °C Operating free-air TA TL77xxQ –40 to 125 °C temperature range TL77xxM –55 to 125 °C Tstg Storage temperature range –65 to 150 °C (1) Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) All voltage values are with respect to GND. DISSIPATION RATINGS TA ≤ 25°C DERATING FACTOR TA = 85°C TA = 125°C PACKAGE POWER RATING ABOVE TA = 25°C POWER RATING POWER RATING D 725 mW 5.8 mW/°C 377 mW 145 mW DRB FK 1375 mW 11.0 mW/°C 715 mW 275 mW JG 1050 mW 8.4 mW/°C 546 mW 210 mW P 1000 mW 8.0 mW/°C 520 mW 200 mW PW 525 mW 4.2 mW/°C 273 mW 105 mW U 700 mW 5.5 mW/°C 370 mW 150 mW RECOMMENDED OPERATING CONDITIONS at specified temperature range MIN MAX UNIT VDD Supply voltage 2 6 V VI Input voltage 0 VDD V VIH High-level input voltage at RESIN and CONTROL(1) 0.7×VDD V VIL Low-level input voltage at RESIN and CONTROL(1) 0.2×VDD V IOH High-level output current –2 mA IOL Low-level output current 2 mA Δt/ΔV input transition rise and fall rate at RESIN and CONTROL 100 ns/ V TLC77xxI –40 85 Operating free-air TA TLC77xxQ –40 125 °C temperature range TLC77xxM –55 125 (1) To ensure a low supply current, VIL should be kept <0.3 V and VIH > VDD –0.3 V. Copyright © 1994–2012, Texas Instruments Incorporated Submit Documentation Feedback 5 Product Folder Link(s): TLC7701, TLC7725, TLC7703 TLC7733, TLC7705 |
Similar Part No. - TLC7701QD |
|
Similar Description - TLC7701QD |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |