Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPD2E001DRYRG4 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPD2E001DRYRG4
Description  Low-Capacitance 2-Channel ESD-Protection for High-Speed Data Interfaces
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPD2E001DRYRG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPD2E001DRYRG4 Datasheet HTML 2Page - Texas Instruments TPD2E001DRYRG4 Datasheet HTML 3Page - Texas Instruments TPD2E001DRYRG4 Datasheet HTML 4Page - Texas Instruments TPD2E001DRYRG4 Datasheet HTML 5Page - Texas Instruments TPD2E001DRYRG4 Datasheet HTML 6Page - Texas Instruments TPD2E001DRYRG4 Datasheet HTML 7Page - Texas Instruments TPD2E001DRYRG4 Datasheet HTML 8Page - Texas Instruments TPD2E001DRYRG4 Datasheet HTML 9Page - Texas Instruments TPD2E001DRYRG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
IO2
GND
IO1
V
CC
6
TPD2E001
SLLS684I – JULY 2006 – REVISED MARCH 2016
www.ti.com
Product Folder Links: TPD2E001
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The TPD2E001 is a two-channel transient voltage suppressor (TVS) based ESD protection diode array. The
TPD2E001 is rated to dissipate ESD strikes at the maximum level specified in the IEC 61000-4-2 Level 4
international standard.
7.2 Functional Block Diagram
7.3 Feature Description
TPD2E001 is a uni-directional ESD protection device with low capacitance. The device is constructed with a
central ESD clamp that features two hiding diodes per line to reduce the capacitive loading. This central ESD
clamp is also connected to VCC to provide protection for the VCC line. Each IO line is rated to dissipate ESD
strikes above the maximum level specified in the IEC 61000-4-2 level 4 international standard. The TPD2E001's
low loading capacitance makes it ideal for protection high-speed signal terminals.
7.4 Device Functional Modes
TPD2E001 is a passive integrated circuit that activates whenever voltages above VBR or below the lower diodes
Vforward (–0.6V) are present upon the circuit being protected. During ESD events, voltages as high as ±15 kV can
be directed to ground and VCC via the internal diode network. Once the voltages on the protected lines fall below
the trigger voltage of the TPD2E001 (usually within 10s of nanoseconds) the device reverts back to a high
impedance state.


Similar Part No. - TPD2E001DRYRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD2E001DRYRG4 TI-TPD2E001DRYRG4 Datasheet
1Mb / 18P
[Old version datasheet]   LOW-CAPACITANCE 2-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD2E001DRYRG4 TI-TPD2E001DRYRG4 Datasheet
1Mb / 19P
[Old version datasheet]   LOW-CAPACITANCE 2-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD2E001DRYRG4 TI1-TPD2E001DRYRG4 Datasheet
1Mb / 21P
[Old version datasheet]   LOW-CAPACITANCE 2-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
More results

Similar Description - TPD2E001DRYRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD4E001 TI1-TPD4E001_16 Datasheet
1Mb / 28P
[Old version datasheet]   Low-Capacitance 4-Channel ESD-Protection for High-Speed Data Interfaces
TPD3E001 TI1-TPD3E001_15 Datasheet
1Mb / 22P
[Old version datasheet]   Low-Capacitance 3-Channel ESD-Protection for High-Speed Data Interfaces
TPD4E001 TI1-TPD4E001_17 Datasheet
1Mb / 28P
[Old version datasheet]   Low-Capacitance 4-Channel ESD-Protection for High-Speed Data Interfaces
logo
Vishay Siliconix
GL05-HT3 VISHAY-GL05-HT3 Datasheet
52Kb / 3P
   Low Capacitance ESD Protection Diodes for High-Speed Data Interfaces
Rev. 3, 03-Jun-03
logo
AMAZING Microelectronic...
AZ1515-04S AMAZING-AZ1515-04S Datasheet
220Kb / 8P
   Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2018/01/23
AZ9115-04S AMAZING-AZ9115-04S Datasheet
441Kb / 12P
   Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2016/06/24
logo
TECH PUBLIC Electronics...
TPESD2102X5 TECHPUBLIC-TPESD2102X5 Datasheet
1Mb / 5P
   Low-Capacitance 2-Channel ESD-Protection for High-Speed Date Interfaces
TPD2E001DRLR TECHPUBLIC-TPD2E001DRLR Datasheet
2Mb / 5P
   Low-Capacitance 2-Channel ESD-Protection for High-Speed Date Interfaces
logo
AMAZING Microelectronic...
AZ9153-04S AMAZING-AZ9153-04S Datasheet
315Kb / 8P
   Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2017/10/03
AZC015-04F AMAZING-AZC015-04F Datasheet
221Kb / 12P
   Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2011/07/30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com