Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

HA17384 Datasheet(PDF) 5 Page - Hitachi Semiconductor

Part No. HA17384
Description  High Speed Current Mode PWM Control IC for Switching Power Supply
Download  31 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITACHI [Hitachi Semiconductor]
Homepage  http://www.renesas.com/eng
Logo 

HA17384 Datasheet(HTML) 5 Page - Hitachi Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
HA17384SPS/SRP, HA17384HPS/HRP, HA17385HPS/HRP
5
Absolute Maximum Ratings
Item
Symbol
Rating
Unit
Note
Supply voltage
V
IN
30
V
DC output current
I
O
±0.1
A
Peak output current
I
O PEAK
±1.0
A
Error amplifier input voltage
V
FB
–0.3 to V
IN
V
COMP terminal input voltage
V
COMP
–0.3 to +7.5
V
Error output sink current
I
OEA
10
mA
Power dissipation
P
T
680
mW
1, 2
Operating temperature
Topr
–20 to +105
°C
Junction temperature
Tj
125
°C3
150
°C4
Storage temperature
Tstg
–55 to +125
°C3
–55 to +150
°C4
Notes: 1. For the HA17384HPS and HA17385HPS,
This value applies up to Ta = 43
°C; at temperatures above this, 8.3 mW/°C derating should be
applied.
For the HA17384SPS,
This value applies up to Ta = 68
°C; at temperatures above this, 8.3 mW/°C derating should be
applied.
Ambient Temperature Ta (
°C)
680mW
374mW
43
°C
68
°C
150
°C
800
600
400
200
0
−20
0
20
40
60
80
100
120
140
160
166mW
105
°C
125
°C
HA17384SPS
HA17384HPS, HA17385HPS


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn