Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS3710 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3710
Description  Wide VIN Voltage Detector
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3710 Datasheet(HTML) 3 Page - Texas Instruments

  TPS3710 Datasheet HTML 1Page - Texas Instruments TPS3710 Datasheet HTML 2Page - Texas Instruments TPS3710 Datasheet HTML 3Page - Texas Instruments TPS3710 Datasheet HTML 4Page - Texas Instruments TPS3710 Datasheet HTML 5Page - Texas Instruments TPS3710 Datasheet HTML 6Page - Texas Instruments TPS3710 Datasheet HTML 7Page - Texas Instruments TPS3710 Datasheet HTML 8Page - Texas Instruments TPS3710 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
OUT
GND
SENSE
6
5
4
GND
VDD
GND
1
2
3
3
TPS3710-Q1
www.ti.com
SBVS341 – JULY 2017
Product Folder Links: TPS3710-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
5 Pin Configuration and Functions
DSE Package
6-Pin WSON
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
DSE
GND
1, 3, 5
Connect all three pins to ground.
OUT
6
O
SENSE comparator open-drain output. OUT is driven low when the voltage at this comparator is
below (VIT-). The output goes high when the sense voltage returns above the respective
threshold (VIT+).
SENSE
4
I
This pin is connected to the voltage to be monitored with the use of an external resistor divider.
When the voltage at this pin drops below the threshold voltage (VIT-), OUT is driven low.
VDD
2
I
Supply voltage input. Connect a 1.8-V to 18-V supply to VDD to power the device. Good analog
design practice is to place a 0.1-µF ceramic capacitor close to this pin.


Similar Part No. - TPS3710

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3710 TI1-TPS3710 Datasheet
937Kb / 24P
[Old version datasheet]   Wide VIN Voltage Detector
TPS3710DDCR TI1-TPS3710DDCR Datasheet
937Kb / 24P
[Old version datasheet]   Wide VIN Voltage Detector
TPS3710DDCT TI1-TPS3710DDCT Datasheet
937Kb / 24P
[Old version datasheet]   Wide VIN Voltage Detector
TPS3710DSER TI1-TPS3710DSER Datasheet
937Kb / 24P
[Old version datasheet]   Wide VIN Voltage Detector
TPS3710DSET TI1-TPS3710DSET Datasheet
937Kb / 24P
[Old version datasheet]   Wide VIN Voltage Detector
More results

Similar Description - TPS3710

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3710 TI1-TPS3710 Datasheet
937Kb / 24P
[Old version datasheet]   Wide VIN Voltage Detector
TPS38A-Q1 TI-TPS38A-Q1 Datasheet
2Mb / 34P
[Old version datasheet]   TPS38x-Q1 (65 V & 2uA) Wide VIN Dual Channel Voltage Detector
LM340-MIL TI1-LM340-MIL Datasheet
1Mb / 22P
[Old version datasheet]   Wide VIN 1.5-A Fixed Voltage Regulator
logo
ON Semiconductor
NCP4672 ONSEMI-NCP4672 Datasheet
63Kb / 8P
   Dual Linear Voltage Regulators with Vin and Vout Voltage Detector
February, 2004 ??Rev. 4
logo
Intersil Corporation
ISL85415 INTERSIL-ISL85415 Datasheet
1Mb / 23P
   Wide VIN 500mA Synchronous Buck Regulator
ISL85410 INTERSIL-ISL85410 Datasheet
918Kb / 21P
   Wide VIN 1A Synchronous Buck Regulator
ISL85412 INTERSIL-ISL85412 Datasheet
994Kb / 19P
   Wide VIN 150mA Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL85415 RENESAS-ISL85415 Datasheet
1Mb / 24P
   Wide VIN 500mA Synchronous Buck Regulator
ISL854102 RENESAS-ISL854102 Datasheet
1Mb / 19P
   Wide VIN 1.2A Synchronous Buck Regulator
ISL85412 RENESAS-ISL85412 Datasheet
1Mb / 19P
   Wide VIN 150mA Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com