Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMS3101R12S-29SBSN-0 Datasheet(PDF) 8 Page - DDK Ltd.

Part # DMS3101R12S-29SBSN-0
Description  MIL-DTL-5015 Compatible Environment Resistant Type
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

DMS3101R12S-29SBSN-0 Datasheet(HTML) 8 Page - DDK Ltd.

Back Button DMS3101R12S-29SBSN-0 Datasheet HTML 4Page - DDK Ltd. DMS3101R12S-29SBSN-0 Datasheet HTML 5Page - DDK Ltd. DMS3101R12S-29SBSN-0 Datasheet HTML 6Page - DDK Ltd. DMS3101R12S-29SBSN-0 Datasheet HTML 7Page - DDK Ltd. DMS3101R12S-29SBSN-0 Datasheet HTML 8Page - DDK Ltd. DMS3101R12S-29SBSN-0 Datasheet HTML 9Page - DDK Ltd. DMS3101R12S-29SBSN-0 Datasheet HTML 10Page - DDK Ltd. DMS3101R12S-29SBSN-0 Datasheet HTML 11Page - DDK Ltd. DMS3101R12S-29SBSN-0 Datasheet HTML 12Page - DDK Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
Unit:mm
http://www.ddknet.co.jp
D/MS E/F/R Series
8
○ D/MS E/F/R Series
◎ Specifications and/or dimensions in this catalog are subject to change without notice.
  Please varify the latest specifications with our drawings.
D/MS 3106 F 20 - 29 S W - BSS - 1
Applicable Cable Diameter
0 : With non - waterproof cable clamp
1 〜 8 : With waterproof cable clamp
Backshell Style
BSN : With non - waterproof straight backshell.
BSS : With waterproof straight backshell.
BSL : With waterproof Long straight backshell.
Omit : Applicable Cable Diameter
Refer to the following name of articles.
3100E / 3101E : With waterproof straight backshell,
         grommet and ferrule.
3106E / F : With waterproof straight backshell,
      grommet and ferrule.
3108E / F : With waterproof angle backshell,
      grommet and ferrule.
Insert Arrangement : Refer to page 4 - 6
Alternate Insert Position
Omit : Normal position
"W", "X", "Y", "Z" : Refer to page 7
Service Class
E : Environmental with rubber insert.
F : Environmental with rubber insert and gasket
R : Environmental with rubber insert and gasket
                     ( 3102 )
R : Environmental with rubber insert and
       potting backshell( 3100, 3101, 3106 ).
Shell Size
10SL, 12S, 14S, 16S, 16, 18, 20, 22, 24, 28, 32, 36
Contact Configuration (style)
P : Solder pin contacts
S : Solder socket contacts
PC : Crimp pin contacts
SC : Crimp socket contacts
Shell Style
3100 : Wall connecting receptacle (in-line receptacle)
3101 : Cable connecting receptacle (in-line receptacle)
3102 : Box mounting receptacle
3106 : Straight plug
3108 : 90 degree angle plug
Connector Series
D/MS : Trivalent Chromium Treatment (Black)
(Example part Number shown.)
D/MS E/F/R Part Numbering System


Similar Part No. - DMS3101R12S-29SBSN-0

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
DMS3101R12S DDK-DMS3101R12S Datasheet
3Mb / 33P
   MIL-C-5015 Compatible Environment Resistant Type
More results

Similar Description - DMS3101R12S-29SBSN-0

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
DMS3100E10SL DDK-DMS3100E10SL Datasheet
3Mb / 33P
   MIL-C-5015 Compatible Environment Resistant Type
logo
Glenair, Inc.
947-259 GLENAIR-947-259 Datasheet
419Kb / 2P
   MIL-DTL-5015 Type Hermetic
947-042 GLENAIR-947-042 Datasheet
257Kb / 2P
   MIL-DTL-5015 Type Hermetic
logo
Amphenol Corporation
MS3102A20-15P AMPHENOL-MS3102A20-15P Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard
MS3102A18-3PW AMPHENOL-MS3102A18-3PW Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015
12-020 AMPHENOL-12-020 Datasheet
2Mb / 73P
   MIL-DTL-5015 and Mil-5015 Type Standard Cylindrical Connectors
MS3102A14S-7S AMPHENOL-MS3102A14S-7S Datasheet
1Mb / 54P
   MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
logo
DDK Ltd.
DMS3106A10SL-29SW(D190) DDK-DMS3106A10SL-29SW(D190) Datasheet
1Mb / 10P
   Waterproof Circular Connectors (MIL-DTL-5015 Compatible)
logo
Glenair, Inc.
947-371 GLENAIR-947-371 Datasheet
266Kb / 2P
   MIL-DTL-5015 Type Hermetic Receptacle
logo
Amphenol Aerospace Oper...
1928309 AAO-1928309 Datasheet
3Mb / 33P
   MIL-DTL-5015, Matrix
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com