Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FQA38N30 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FQA38N30
Description  300V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQA38N30 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FQA38N30 Datasheet HTML 1Page - Fairchild Semiconductor FQA38N30 Datasheet HTML 2Page - Fairchild Semiconductor FQA38N30 Datasheet HTML 3Page - Fairchild Semiconductor FQA38N30 Datasheet HTML 4Page - Fairchild Semiconductor FQA38N30 Datasheet HTML 5Page - Fairchild Semiconductor FQA38N30 Datasheet HTML 6Page - Fairchild Semiconductor FQA38N30 Datasheet HTML 7Page - Fairchild Semiconductor FQA38N30 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
  
 
 
 
 
 
   
    

    !" # $%#&##'( # 
)*#+,-./0/Ω, 1 
,-.200.2µ /3/1 
"  !"  00µ 4%(%(  5
6 %   7   # 


 





C+
 C?+ 
+-*+7-8.*µ)
&**


+
∆C+
$∆
C?+ 
 
7-8.*µ), 8.9

* &.

+$9
7
D<+ 
+-&**++-*+


0
µ)
+-8(*+-08.9


0*
µ)
7
<C1?
+-&*++-*+


0**
)
7
<C1?,!
+-&*++-*+


0**
)
 
+
< + 
+-+7-8.*µ)
& *

. *
+
,
  
, 
+-0*+7-03 8)

* *;.
* *'.

   
+-.*+7-03 8)

8(


 

7  
+-8.++-*+
-0 *E#


&&'*
((**


  

;5*
'5*


,!  

5*
3*

   

 
+-0.*+7-&' ()
,-8.Ω


'*
05*


,

(&*
'5*


 

05*
&.*


 

03*
&3*

F
 <
+-8(*+7-&' ()
+-0*+


3*
08*

F
< 

8&


F
<

((


     
7
B 


&' (
)
7
B:  


0.& ;
)
+
 + 
+-*+7-&' ()


0 .
+

,!, !
+-*+7-&' ()
7$-0**)$µ

&**


F
,!, !

8 '.

µ


Similar Part No. - FQA38N30

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FQA38N30 ISC-FQA38N30 Datasheet
363Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FQA38N30

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB9N30 FAIRCHILD-FQB9N30 Datasheet
647Kb / 9P
   300V N-Channel MOSFET
FDP46N30 FAIRCHILD-FDP46N30 Datasheet
697Kb / 8P
   300V N-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSMU5N30 KERSEMI-KSMU5N30 Datasheet
1Mb / 8P
   300V N-CHANNEL MOSFET
logo
Fairchild Semiconductor
FQPF5N30 FAIRCHILD-FQPF5N30 Datasheet
763Kb / 8P
   300V N-Channel MOSFET
FQP5N30 FAIRCHILD-FQP5N30 Datasheet
754Kb / 8P
   300V N-Channel MOSFET
FQB5N30 FAIRCHILD-FQB5N30 Datasheet
770Kb / 9P
   300V N-Channel MOSFET
FQPF14N30 FAIRCHILD-FQPF14N30 Datasheet
717Kb / 8P
   300V N-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSMD2N30 KERSEMI-KSMD2N30 Datasheet
1Mb / 8P
   300V N-CHANNEL MOSFET
logo
Fairchild Semiconductor
FQP3N30 FAIRCHILD-FQP3N30 Datasheet
708Kb / 8P
   300V N-Channel MOSFET
FQA26N30 FAIRCHILD-FQA26N30 Datasheet
702Kb / 8P
   300V N-Channel MOSFET
FQA44N30 FAIRCHILD-FQA44N30 Datasheet
745Kb / 8P
   300V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com