Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C4P-EA13510A001100 Datasheet(PDF) 8 Page - SICK AG

Part # C4P-EA13510A001100
Description  SAFETY LIGHT CURTAINS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

C4P-EA13510A001100 Datasheet(HTML) 8 Page - SICK AG

Back Button C4P-EA13510A001100 Datasheet HTML 2Page - SICK AG C4P-EA13510A001100 Datasheet HTML 3Page - SICK AG C4P-EA13510A001100 Datasheet HTML 4Page - SICK AG C4P-EA13510A001100 Datasheet HTML 5Page - SICK AG C4P-EA13510A001100 Datasheet HTML 6Page - SICK AG C4P-EA13510A001100 Datasheet HTML 7Page - SICK AG C4P-EA13510A001100 Datasheet HTML 8Page - SICK AG C4P-EA13510A001100 Datasheet HTML 9Page - SICK AG C4P-EA13510A001100 Datasheet HTML 10Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
C4P-SA13510A001100, C4P-EA13510A001100 | deTec4 Prime
SAFETY LIGHT CURTAINS
deTec4 Prime safety light curtain with T-connector to UE48-2OS safety relay
deTec4 Prime
0 V
3) PELV
+24 V
Com1
OSSD1
OSSD2
0 V
+24 V
5
3
4
2
1
UE48-2OS2D2
S34
S21
S35
S22
S33
S12
S11
S31
14
A2
24 32
13
A1
23 31
k2
2)
k1
K1
K2
k2
z
k1
k2
k1
z
x
y
x
1)
y
0 V
Com1
In1
+24 V
In2
5
3
2
1
4
S1
5
3
4
2
1
5
3
4
2
1
r
s
E132906/00/2015-04-07
①  Output circuits. These contacts must be incorporated into the control such that the dangerous state is brought to an end if the output circuit is
open. For categories 4 and 3, they must be incorporated on two channels (x, y paths). Single-channel incorporation into the control (z path) is only
possible with a single-channel control and taking the risk analysis into account.
②  External device monitoring is only static.
③  SELV/PELV safety/protective extra-low voltage.
Task
Connection of a deTec4 Prime safety light curtain to a UE48-2OS safety relay. Operating mode: with restart interlock and external
device monitoring (EDM). The T-piece establishes a connection between the sender and the receiver.
Mode of operation
When the protective field is clear, the OSSD1 and OSSD2 outputs carry voltage. The system can be switched on when K1 and K2
are in a fault-free de-energized position. The UE48-2OS is switched on by pressing S1 (pushbutton is pressed and released). The
outputs (contacts 13-14 and 23-24) switch the K1 and K2 contactors on. When the protective field is interrupted, the OSSD1 and
OSSD2 outputs switch the UE48-2OS off. Contactors K1 and K2 are switched off.
Fault analysis
Cross-circuits and short-circuits of the OSSD1 and OSSD2 outputs are recognized and lead to the locking state (lock-out). A mal-
function with one of the K1 or K2 contactors is detected. The shut-down function is retained. In the event of manipulation (e.g.,
jamming) of the S1 pushbutton, the UE48-2OS will not re-enable the output current circuits.
Task
Connection of two deTec4 Prime safety light curtains to a UE10-3OS safety relay. Operating mode: without restart interlock, with ex-
ternal device monitoring (EDM). If required, the restart interlock is implemented via the machine controller.
Mode of operation
If the protective field is clear and the UE10-3OS is in a fault-free de-energized position, the system is enabled. Outputs OSSD1 and
OSSD2 carry voltage, the UE10-3OS is switched on. When the protective field is interrupted, the OSSD1 and OSSD2 outputs switch
the UE10-3OS off.
Fault analysis
Cross-circuits and short-circuits of the OSSDs are recognized and lead to the locking state (lock-out). The malfunction of the
UE10-3OS is detected. The shut-down function is retained.
Task
Connection of a deTec4 Prime safety light curtain to a UE10-3OS safety relay. Operating mode: with restart interlock, external de-
vice monitoring (EDM), and application diagnostic output.
Mode of operation
8
OPTO-ELECTRONIC PROTECTIVE DEVICES | SICK
Online data sheet | 2017-08-21 16:38:06
Subject to change without notice


Similar Part No. - C4P-EA13510A001100

ManufacturerPart #DatasheetDescription
logo
SICK AG
C4P-EA13510A001000 SICK-C4P-EA13510A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-EA13510A001200 SICK-C4P-EA13510A001200 Datasheet
296Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-EA13510A001300 SICK-C4P-EA13510A001300 Datasheet
296Kb / 10P
   SAFETY LIGHT CURTAINS
More results

Similar Description - C4P-EA13510A001100

ManufacturerPart #DatasheetDescription
logo
SICK AG
C4P-SA15010A001100 SICK-C4P-SA15010A001100 Datasheet
296Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA04510A001000 SICK-C4P-SA04510A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA04510A001100 SICK-C4P-SA04510A001100 Datasheet
296Kb / 10P
   SAFETY LIGHT CURTAINS
1062915 SICK-1062915 Datasheet
1Mb / 8P
   SAFETY LIGHT CURTAINS
C4C-SA06030A10000 SICK-C4C-SA06030A10000 Datasheet
1Mb / 8P
   SAFETY LIGHT CURTAINS
C4C-SA12030A10000 SICK-C4C-SA12030A10000 Datasheet
1Mb / 8P
   SAFETY LIGHT CURTAINS
C4P-SA06010A001000 SICK-C4P-SA06010A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA07510A001000 SICK-C4P-SA07510A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA09010A001000 SICK-C4P-SA09010A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA09030A001100 SICK-C4P-SA09030A001100 Datasheet
296Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA16510A001000 SICK-C4P-SA16510A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com