Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTB095N10KRL3 Datasheet(PDF) 1 Page - Cystech Electonics Corp.

Part # MTB095N10KRL3
Description  N-Channel Enhancement Mode MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB095N10KRL3 Datasheet(HTML) 1 Page - Cystech Electonics Corp.

  MTB095N10KRL3_17 Datasheet HTML 1Page - Cystech Electonics Corp. MTB095N10KRL3_17 Datasheet HTML 2Page - Cystech Electonics Corp. MTB095N10KRL3_17 Datasheet HTML 3Page - Cystech Electonics Corp. MTB095N10KRL3_17 Datasheet HTML 4Page - Cystech Electonics Corp. MTB095N10KRL3_17 Datasheet HTML 5Page - Cystech Electonics Corp. MTB095N10KRL3_17 Datasheet HTML 6Page - Cystech Electonics Corp. MTB095N10KRL3_17 Datasheet HTML 7Page - Cystech Electonics Corp. MTB095N10KRL3_17 Datasheet HTML 8Page - Cystech Electonics Corp. MTB095N10KRL3_17 Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C714L3
Issued Date : 2017.06.19
Revised Date : 2017.07.20
Page No. : 1/9
MTB095N10KRL3
Preliminary
CYStek Product Specification
N-Channel Enhancement Mode MOSFET
MTB095N10KRL3
BVDSS
100V
Features
ID @ VGS=10V, TA=25°C
3.3A
RDSON@VGS=10V, ID=2A
107mΩ (typ.)
127mΩ (typ.)
RDSON@VGS=4.5V, ID=2A
• Low Gate Charge
• Simple Drive Requirement
• ESD protected gate
• Pb-free lead plating & Halogen-free package
Equivalent Circuit
Outline
MTB095N10KRL3
SOT-223
D
S
G:Gate D:Drain
S:Source
D
G
Ordering Information
Device
Package
Shipping
SOT-223
MTB095N10KRL3-0-T3-G
2500 pcs / Tape & Reel
(Pb-free lead plating & Halogen-free package)
Environment friendly grade : S for RoHS compliant products, G for RoHS
compliant and green compound products
Packing spec, T3 : 2500 pcs / tape & reel, 13” reel
Product rank, zero for no rank products
Product name


Similar Part No. - MTB095N10KRL3_17

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTB095N10KRL3 CYSTEKEC-MTB095N10KRL3 Datasheet
413Kb / 9P
   N-Channel Enhancement Mode MOSFET
More results

Similar Description - MTB095N10KRL3_17

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com