Electronic Components Datasheet Search |
|
RP130N501D Datasheet(PDF) 10 Page - RICOH electronics devices division |
|
RP130N501D Datasheet(HTML) 10 Page - RICOH electronics devices division |
10 / 32 page RP130x NO.EA-173-131031 10 0 100 200 300 400 500 600 0 25 50 75 100 125 150 Ambience Temperature (°C) 85 400 500 PACKAGE INFORMATION • Power Dissipation (DFN(PLP)1010-4) Power Dissipation (PD) depends on conditions of mounting on board. This specification is based on the measurement at the condition below: Measurement Conditions Standard Test Land Pattern Environment Mounting on Board (Wind velocity=0m/s) Board Material Glass cloth epoxy plastic (Double sided) Board Dimensions 40mm x 40mm x 1.6mm Copper Ratio Top side: Approx. 50%, Back side: Approx. 50% Through-holes φ 0.54mm x 24pcs Measurement Result (Ta=25 °C, Tjmax=125°C) Standard Test Land Pattern Power Dissipation 400mW(Tjmax=125 °C) 500mW(Tjmax=150 °C) θja = (125-25°C)/0.4W= 250°C/W Thermal Resistance θjc=67°C/W The above graph shows the Power Dissipation of the package based on Tjmax=125 °C and Tjmax=150°C. Operating the IC in the shaded area in the graph might have an influence it's lifetime. Operating time must be within the time limit described in the table below, in case of operating in the shaded area. Operating Time Estimated years (Operating four hours/day) 13,000 hours 9years 40 Measurement Board Pattern IC Mount Area (Unit:mm) Power Dissipation |
Similar Part No. - RP130N501D |
|
Similar Description - RP130N501D |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |