Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RA13H4047M-01 Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # RA13H4047M-01
Description  MITSUBISHI RF MOSFET MODULE 400-470MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RA13H4047M-01 Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  RA13H4047M-01 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RA13H4047M-01 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RA13H4047M-01 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RA13H4047M-01 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RA13H4047M-01 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RA13H4047M-01 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RA13H4047M-01 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RA13H4047M-01 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor RA13H4047M-01 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MITSUBISHI RF POWER MODULE
RA13H4047M
RA13H4047M
MITSUBISHI ELECTRIC
24 April 2003
2/9
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
MAXIMUM RATINGS (Tcase=+25°C, unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
RATING
UNIT
VDD
Drain Voltage
VGG<5V
17
V
VGG
Gate Voltage
VDD<12.5V, Pin=0mW
6
V
Pin
Input Power
100
mW
Pout
Output Power
f=400-470MHz,
ZG=ZL=50
20
W
Tcase(OP)
Operation Case Temperature Range
-30 to +110
°C
Tstg
Storage Temperature Range
-40 to +110
°C
The above parameters are independently guaranteed.
ELECTRICAL CHARACTERISTICS (Tcase=+25°C, ZG=ZL=50
Ω, unless otherwise specified)
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
f
Frequency Range
400
470
MHz
Pout
Output Power
13
W
ηT
Total Efficiency
40
%
2fo
2
nd Harmonic
-30
dBc
ρin
Input VSWR
3:1
IGG
Gate Current
VDD=12.5V
VGG=5V
Pin=50mW
1
mA
Stability
VDD=10.0-15.2V, Pin=25-70mW,
Pout<20W (VGG control), Load VSWR=3:1
No parasitic oscillation
Load VSWR Tolerance
VDD=15.2V, Pin=50mW, Pout=13W (VGG control),
Load VSWR=20:1
No degradation or destroy
All parameters, conditions, ratings, and limits are subject to change without notice.


Similar Part No. - RA13H4047M-01

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA13H4047M-101 MITSUBISHI-RA13H4047M-101 Datasheet
228Kb / 8P
   RoHS Compliance , 400-470MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA13H4047M-101 MITSUBISHI-RA13H4047M-101 Datasheet
94Kb / 9P
   400-470MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA13H4047M-101 MITSUBISHI-RA13H4047M-101 Datasheet
175Kb / 9P
   RoHS Compliance , 400-470MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
More results

Similar Description - RA13H4047M-01

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA13H4047M MITSUBISHI-RA13H4047M_10 Datasheet
94Kb / 9P
   400-470MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA13H4047M MITSUBISHI-RA13H4047M_11 Datasheet
175Kb / 9P
   RoHS Compliance , 400-470MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA13H4047M MITSUBISHI-RA13H4047M_06 Datasheet
228Kb / 8P
   RoHS Compliance , 400-470MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA30H4047M1 MITSUBISHI-RA30H4047M1 Datasheet
152Kb / 9P
   RF MOSFET MODULE 400-470MHz 30W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA60H4047M1 MITSUBISHI-RA60H4047M1_08 Datasheet
175Kb / 9P
   RF MOSFET MODULE 400-470MHz 60W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA45H4047M MITSUBISHI-RA45H4047M Datasheet
93Kb / 9P
   MITSUBISHI RF MOSFET MODULE 400-470MHz 45W 12.5V MOBILE RADIO
RA60H4047M1 MITSUBISHI-RA60H4047M1 Datasheet
169Kb / 9P
   400-470MHz 60W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA55H4047M MITSUBISHI-RA55H4047M Datasheet
95Kb / 8P
   RF MOSFET MODULE 400-470MHz 55W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA30H4047M1 MITSUBISHI-RA30H4047M1_08 Datasheet
157Kb / 9P
   400-470MHz 30W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA30H4047M1 MITSUBISHI-RA30H4047M1_10 Datasheet
191Kb / 9P
   400-470MHz 30W 12.5V, 2 Stage Amp. For MOBILE RADIO
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com