Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVC1G14DRYR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1G14DRYR
Description  Single Schmitt-Trigger Inverter
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC1G14DRYR Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN74LVC1G14DRYR Datasheet HTML 7Page - Texas Instruments SN74LVC1G14DRYR Datasheet HTML 8Page - Texas Instruments SN74LVC1G14DRYR Datasheet HTML 9Page - Texas Instruments SN74LVC1G14DRYR Datasheet HTML 10Page - Texas Instruments SN74LVC1G14DRYR Datasheet HTML 11Page - Texas Instruments SN74LVC1G14DRYR Datasheet HTML 12Page - Texas Instruments SN74LVC1G14DRYR Datasheet HTML 13Page - Texas Instruments SN74LVC1G14DRYR Datasheet HTML 14Page - Texas Instruments SN74LVC1G14DRYR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
22-Aug-2017
Addendum-Page 2
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
SN74LVC1G14DRLR
ACTIVE
SOT-5X3
DRL
5
4000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-40 to 125
(CF7, CFR)
SN74LVC1G14DRLRG4
ACTIVE
SOT-5X3
DRL
5
4000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-40 to 125
(CF7, CFR)
SN74LVC1G14DRYR
ACTIVE
SON
DRY
6
5000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-40 to 125
CF
SN74LVC1G14DSFR
ACTIVE
SON
DSF
6
5000
Green (RoHS
& no Sb/Br)
CU NIPDAU |
CU NIPDAUAG
Level-1-260C-UNLIM
-40 to 125
CF
SN74LVC1G14YZPR
ACTIVE
DSBGA
YZP
5
3000
Green (RoHS
& no Sb/Br)
SNAGCU
Level-1-260C-UNLIM
-40 to 85
(CF7, CFN)
SN74LVC1G14YZVR
ACTIVE
DSBGA
YZV
4
3000
Green (RoHS
& no Sb/Br)
SNAGCU
Level-1-260C-UNLIM
-40 to 85
CF
(7, N)
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) RoHS: TI defines "RoHS" to mean semiconductor products that are compliant with the current EU RoHS requirements for all 10 RoHS substances, including the requirement that RoHS substance
do not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, "RoHS" products are suitable for use in specified lead-free processes. TI may
reference these types of products as "Pb-Free".
RoHS Exempt: TI defines "RoHS Exempt" to mean products that contain lead but are compliant with EU RoHS pursuant to a specific EU RoHS exemption.
Green: TI defines "Green" to mean the content of Chlorine (Cl) and Bromine (Br) based flame retardants meet JS709B low halogen requirements of <=1000ppm threshold. Antimony trioxide based
flame retardants must also meet the <=1000ppm threshold requirement.
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.
(5) Multiple Device Markings will be inside parentheses. Only one Device Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a continuation
of the previous line and the two combined represent the entire Device Marking for that device.
(6) Lead/Ball Finish - Orderable Devices may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead/Ball Finish values may wrap to two lines if the finish
value exceeds the maximum column width.


Similar Part No. - SN74LVC1G14DRYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G14DRYR TI-SN74LVC1G14DRYR Datasheet
740Kb / 19P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER INVERTER
SN74LVC1G14DRYR TI-SN74LVC1G14DRYR Datasheet
780Kb / 19P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER INVERTER
SN74LVC1G14DRYR TI-SN74LVC1G14DRYR Datasheet
1Mb / 26P
[Old version datasheet]   SN74LVC1G14MDCKREP
SN74LVC1G14DRYR TI1-SN74LVC1G14DRYR Datasheet
1Mb / 27P
[Old version datasheet]   SN74LVC1G14 Single Schmitt-Trigger Inverter
logo
Guangdong Youtai Semico...
SN74LVC1G14DRYR UMW-SN74LVC1G14DRYR Datasheet
953Kb / 11P
   Low input current: typical value 0.1uA
More results

Similar Description - SN74LVC1G14DRYR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLU1G14 ONSEMI-NLU1G14_12 Datasheet
137Kb / 10P
   Single Schmitt-Trigger Inverter
July, 2012 ??Rev. 2
logo
Unisonic Technologies
U74AHCT1G14 UTC-U74AHCT1G14 Datasheet
198Kb / 4P
   SINGLE SCHMITT-TRIGGER INVERTER
logo
NXP Semiconductors
74LVC1G14 NXP-74LVC1G14 Datasheet
99Kb / 16P
   Single Schmitt-trigger inverter
Rev. 07-18 July 2007
74LVC1G14 PHILIPS-74LVC1G14 Datasheet
100Kb / 17P
   Single Schmitt-trigger inverter
2004 Sep 10
logo
Texas Instruments
SN74AUC1G14-EP TI-SN74AUC1G14-EP Datasheet
158Kb / 9P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER INVERTER
SN74AUC1G14 TI-SN74AUC1G14 Datasheet
320Kb / 13P
[Old version datasheet]   SINGLE SCHMITT TRIGGER INVERTER
SN74LVC1G14 TI1-SN74LVC1G14_15 Datasheet
1Mb / 27P
[Old version datasheet]   Single Schmitt-Trigger Inverter
logo
Unisonic Technologies
U74LVC1G14 UTC-U74LVC1G14_V01 Datasheet
181Kb / 5P
   SINGLE SCHMITT-TRIGGER INVERTER
logo
Diodes Incorporated
74AHC1G14Q DIODES-74AHC1G14Q Datasheet
662Kb / 9P
   SINGLE SCHMITT-TRIGGER INVERTER
March 2022 Rev. 2 - 2
logo
NXP Semiconductors
74LVC1G14GW.125 NXP-74LVC1G14GW.125 Datasheet
368Kb / 20P
   Single Schmitt-trigger inverter
Rev. 12-6 August 2012
logo
ON Semiconductor
MC74VHC1G14 ONSEMI-MC74VHC1G14_13 Datasheet
121Kb / 6P
   Single Schmitt-Trigger Inverter
February, 2013 ??Rev. 19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com