Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVC1G14DRLRG4 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1G14DRLRG4
Description  Single Schmitt-Trigger Inverter
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC1G14DRLRG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN74LVC1G14DRLRG4 Datasheet HTML 4Page - Texas Instruments SN74LVC1G14DRLRG4 Datasheet HTML 5Page - Texas Instruments SN74LVC1G14DRLRG4 Datasheet HTML 6Page - Texas Instruments SN74LVC1G14DRLRG4 Datasheet HTML 7Page - Texas Instruments SN74LVC1G14DRLRG4 Datasheet HTML 8Page - Texas Instruments SN74LVC1G14DRLRG4 Datasheet HTML 9Page - Texas Instruments SN74LVC1G14DRLRG4 Datasheet HTML 10Page - Texas Instruments SN74LVC1G14DRLRG4 Datasheet HTML 11Page - Texas Instruments SN74LVC1G14DRLRG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
VM
th
tsu
From Output
Under Test
CL
(see Note A)
LOAD CIRCUIT
S1
VLOAD
Open
GND
RL
RL
Data Input
Timing Input
VI
0 V
VI
0 V
0 V
tw
Input
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
INVERTING AND NONINVERTING OUTPUTS
VOLTAGE WAVEFORMS
PULSE DURATION
tPLH
tPHL
tPHL
tPLH
VOH
VOH
VOL
VOL
VI
0 V
Input
Output
Waveform 1
S1 at VLOAD
(see Note B)
Output
Waveform 2
S1 at GND
(see Note B)
VOL
VOH
tPZL
tPZH
tPLZ
tPHZ
VLOAD/2
0 V
VOL + V
VOH − V
≈0 V
VI
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
LOW- AND HIGH-LEVEL ENABLING
Output
Output
tPLH/tPHL
tPLZ/tPZL
tPHZ/tPZH
Open
VLOAD
GND
TEST
S1
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low, except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high, except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω.
D. The outputs are measured one at a time, with one transition per measurement.
E. tPLZ and tPHZ are the same as tdis.
F. tPZL and tPZH are the same as ten.
G. tPLH and tPHL are the same as tpd.
H. All parameters and waveforms are not applicable to all devices.
Output
Control
VM
VM
VM
VM
VM
VM
VM
VM
VM
VM
VM
VM
VI
VM
VM
1.8 V
± 0.15 V
2.5 V
± 0.2 V
3.3 V
± 0.3 V
5 V
± 0.5 V
1 k
500
500
500
VCC
RL
2
× VCC
2
× VCC
6 V
2
× VCC
VLOAD
CL
30 pF
30 pF
50 pF
50 pF
0.15 V
0.15 V
0.3 V
0.3 V
V
VCC
VCC
3 V
VCC
VI
VCC/2
VCC/2
1.5 V
VCC/2
VM
tr/tf
≤2 ns
≤2 ns
≤2.5 ns
≤2.5 ns
INPUTS
SN74LVC1G14
SCES218W – APRIL 1999 – REVISED MARCH 2014
www.ti.com
Parameter Measurement Information (continued)
Figure 2. Load Circuit and Voltage Waveforms
8
Submit Documentation Feedback
Copyright © 1999–2014, Texas Instruments Incorporated
Product Folder Links: SN74LVC1G14


Similar Part No. - SN74LVC1G14DRLRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G14DRLRG4 TI-SN74LVC1G14DRLRG4 Datasheet
527Kb / 18P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER INVERTER
SN74LVC1G14DRLRG4 TI-SN74LVC1G14DRLRG4 Datasheet
780Kb / 19P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER INVERTER
SN74LVC1G14DRLRG4 TI-SN74LVC1G14DRLRG4 Datasheet
1Mb / 26P
[Old version datasheet]   SN74LVC1G14MDCKREP
SN74LVC1G14DRLRG4 TI1-SN74LVC1G14DRLRG4 Datasheet
1Mb / 27P
[Old version datasheet]   SN74LVC1G14 Single Schmitt-Trigger Inverter
More results

Similar Description - SN74LVC1G14DRLRG4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLU1G14 ONSEMI-NLU1G14_12 Datasheet
137Kb / 10P
   Single Schmitt-Trigger Inverter
July, 2012 ??Rev. 2
logo
Unisonic Technologies
U74AHCT1G14 UTC-U74AHCT1G14 Datasheet
198Kb / 4P
   SINGLE SCHMITT-TRIGGER INVERTER
logo
NXP Semiconductors
74LVC1G14 NXP-74LVC1G14 Datasheet
99Kb / 16P
   Single Schmitt-trigger inverter
Rev. 07-18 July 2007
74LVC1G14 PHILIPS-74LVC1G14 Datasheet
100Kb / 17P
   Single Schmitt-trigger inverter
2004 Sep 10
logo
Texas Instruments
SN74AUC1G14-EP TI-SN74AUC1G14-EP Datasheet
158Kb / 9P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER INVERTER
SN74AUC1G14 TI-SN74AUC1G14 Datasheet
320Kb / 13P
[Old version datasheet]   SINGLE SCHMITT TRIGGER INVERTER
SN74LVC1G14 TI1-SN74LVC1G14_15 Datasheet
1Mb / 27P
[Old version datasheet]   Single Schmitt-Trigger Inverter
logo
Unisonic Technologies
U74LVC1G14 UTC-U74LVC1G14_V01 Datasheet
181Kb / 5P
   SINGLE SCHMITT-TRIGGER INVERTER
logo
Diodes Incorporated
74AHC1G14Q DIODES-74AHC1G14Q Datasheet
662Kb / 9P
   SINGLE SCHMITT-TRIGGER INVERTER
March 2022 Rev. 2 - 2
logo
NXP Semiconductors
74LVC1G14GW.125 NXP-74LVC1G14GW.125 Datasheet
368Kb / 20P
   Single Schmitt-trigger inverter
Rev. 12-6 August 2012
logo
ON Semiconductor
MC74VHC1G14 ONSEMI-MC74VHC1G14_13 Datasheet
121Kb / 6P
   Single Schmitt-Trigger Inverter
February, 2013 ??Rev. 19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com