Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN8025G3 Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # FAN8025G3
Description  5-Channel Motor Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN8025G3 Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button FAN8025G3 Datasheet HTML 5Page - Fairchild Semiconductor FAN8025G3 Datasheet HTML 6Page - Fairchild Semiconductor FAN8025G3 Datasheet HTML 7Page - Fairchild Semiconductor FAN8025G3 Datasheet HTML 8Page - Fairchild Semiconductor FAN8025G3 Datasheet HTML 9Page - Fairchild Semiconductor FAN8025G3 Datasheet HTML 10Page - Fairchild Semiconductor FAN8025G3 Datasheet HTML 11Page - Fairchild Semiconductor FAN8025G3 Datasheet HTML 12Page - Fairchild Semiconductor FAN8025G3 Datasheet HTML 13Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
FAN8025G3
9
Application Information
1. Reference Input
• Reference input (PIN 22)
The applied voltage at the reference input pin must be ranged between 1.0V and 3.3V, when VCC1=12V.
When the reference input voltage goes below 0.7V, all channels are disabled.
2. Stand-by Function
• MUTE input (PIN 23)
We recommend CH1 as the loading(or tray) motor driver. Detailed logic table is as below.
3. Protection Function
Thermal shutdown (TSD)
When the chip temperature rises above 175
°C, the thermal shutdown (TSD) circuit is activated and the output circuit is in the
mute state, that is off state. The TSD circuit has a temperature hysteresis of 25
°C
4. Separation Of Power Supply
• VCC2 (PIN 24)
VCC2 is the power supply for CH4 and CH5, which are current feedback drivers.
• VCC1 (PIN 19)
VCC1 is the power supply for CH1, CH2, CH3 and predriver.
VCC1 input voltage must be higher than or same to VCC2. (VCC1
VCC2)
INPUT LOGIC
CH1
CH2
CH3
CH4
CH5
Stand-by input
High
OO
OO
O
Low or open
O
X
X
X
X


Similar Part No. - FAN8025G3

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN8024BD FAIRCHILD-FAN8024BD Datasheet
160Kb / 10P
   4-Channel Motor Driver
FAN8024CD FAIRCHILD-FAN8024CD Datasheet
179Kb / 12P
   4-Channel Motor Driver
FAN8024CDTF FAIRCHILD-FAN8024CDTF Datasheet
179Kb / 12P
   4-Channel Motor Driver
FAN8024D FAIRCHILD-FAN8024D Datasheet
192Kb / 11P
   4-Channel Motor Driver
FAN8024DTF FAIRCHILD-FAN8024DTF Datasheet
192Kb / 11P
   4-Channel Motor Driver
More results

Similar Description - FAN8025G3

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN8001D FAIRCHILD-FAN8001D Datasheet
288Kb / 14P
   5-Channel Motor Driver
KA9260D FAIRCHILD-KA9260D Datasheet
295Kb / 15P
   5-CHANNEL MOTOR DRIVER
KA9259CD FAIRCHILD-KA9259CD Datasheet
294Kb / 15P
   5-Channel Motor Driver
logo
Mitsubishi Electric Sem...
M56758FP MITSUBISHI-M56758FP Datasheet
334Kb / 9P
   5 CHANNEL ACTUATOR MOTOR DRIVER
logo
Fairchild Semiconductor
FAN8705 FAIRCHILD-FAN8705 Datasheet
528Kb / 24P
   5 Channel DSC Motor Driver
logo
Aimtron Technology
AT5558 AIMTRON-AT5558 Datasheet
223Kb / 13P
   5-Channel DSC Motor Driver
logo
Fairchild Semiconductor
FAN8725 FAIRCHILD-FAN8725 Datasheet
259Kb / 20P
   Spindle Motor and 5-Channel Motor Driver
logo
List of Unclassifed Man...
AM5668 ETC1-AM5668 Datasheet
136Kb / 2P
   5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
logo
BCD Semiconductor Manuf...
AM5680 BCDSEMI-AM5680 Datasheet
133Kb / 13P
   5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
AM5665 BCDSEMI-AM5665 Datasheet
149Kb / 14P
   5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com