Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVC1G38DCKR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1G38DCKR
Description  Single 2-Input NAND Gate With Open-Drain Output
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC1G38DCKR Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC1G38DCKR Datasheet HTML 1Page - Texas Instruments SN74LVC1G38DCKR Datasheet HTML 2Page - Texas Instruments SN74LVC1G38DCKR Datasheet HTML 3Page - Texas Instruments SN74LVC1G38DCKR Datasheet HTML 4Page - Texas Instruments SN74LVC1G38DCKR Datasheet HTML 5Page - Texas Instruments SN74LVC1G38DCKR Datasheet HTML 6Page - Texas Instruments SN74LVC1G38DCKR Datasheet HTML 7Page - Texas Instruments SN74LVC1G38DCKR Datasheet HTML 8Page - Texas Instruments SN74LVC1G38DCKR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1
2
4
A
B
Y
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. UNLESS OTHERWISE NOTED, this document contains PRODUCTION
DATA.
SN74LVC1G38
SCES538E – JANUARY 2004 – REVISED AUGUST 2017
SN74LVC1G38 Single 2-Input NAND Gate With Open-Drain Output
1
1 Features
1
Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
ESD Protection Exceeds JESD 22
2000-V Human-Body Model (A114-A)
200-V Machine Model (A115-A)
1000-V Charged-Device Model (C101)
Available in the Texas Instruments
NanoStar™ and NanoFree™ Packages
Supports 5-V VCC Operation
Inputs Accept Voltages to 5.5 V
Supports Down Translation to VCC
Maximum tpd of 4.5 ns at 3.3 V
Low Power Consumption, 10-µA Maximum ICC
±24-mA Output Drive at 3.3 V
Ioff Supports Partial-Power-Down Mode and Back-
Drive Protection
2 Applications
AV Receivers
Blu-ray Players and Home Theaters
DVD Recorders and Players
Desktop or Notebook PCs
Digital Radio or Internet Radio Players
Digital Video Cameras (DVC)
Embedded PCs
GPS: Personal Navigation Devices
Mobile Internet Devices
Network Projector Front-Ends
Portable Media Players
Pro Audio Mixers
Smoke Detectors
Solid State Drive (SSD): Enterprise
High-Definition (HDTV)
Tablets: Enterprise
Audio Docks: Portable
DLP Front Projection Systems
DVR and DVS
Digital Picture Frame (DPF)
Digital Still Cameras
3 Description
The SN74LVC1G38 device is designed for 1.65-V to
5.5-V VCC operation.
This device is a single two-input NAND buffer gate
with open-drain output. It performs the Boolean
function Y = A × B or Y = A + B in positive logic.
This device is fully specified for partial-power-down
applications using Ioff. The Ioff circuitry disables the
outputs when the device is powered down. This
inhibits current backflow into the device which
prevents damage to the device.
NanoStar™ and NanoFree™ package technology is
a major breakthrough in IC packaging concepts,
using the die as the package.
Device Information(1)
DEVICE NAME
PACKAGE
BODY SIZE (NOM)
SN74LVC1G38DBV
SOT-23 (5)
2.90 mm × 1.60 mm
SN74LVC1G38DCK
SC70 (5)
2.00 mm × 1.25 mm
SN74LVC1G38DRY
SON (6)
1.45 mm × 1.00 mm
SN74LVC1G38DSF
SON (6)
1.00 mm × 1.00 mm
SN74LVC1G38YZP
DSBGA (5)
0.89 mm × 1.39 mm
SN74LVC1G38DPW(2) X2SON (5)
0.80 mm × 0.80 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
(2) Package preview only
Logic Diagram (Positive Logic)


Similar Part No. - SN74LVC1G38DCKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G38DCKR TI-SN74LVC1G38DCKR Datasheet
263Kb / 12P
[Old version datasheet]   SINGLE 2-INPUT NAND GATE WITH OPEN-DRAIN OUTPUT
SN74LVC1G38DCKR TI1-SN74LVC1G38DCKR Datasheet
1Mb / 21P
[Old version datasheet]   Single 2-Input NAND Gate With Open-Drain Output
SN74LVC1G38DCKR TI1-SN74LVC1G38DCKR Datasheet
1Mb / 34P
[Old version datasheet]   Single 2-Input NAND Gate With Open-Drain Output
SN74LVC1G38DCKR TI1-SN74LVC1G38DCKR Datasheet
2Mb / 38P
[Old version datasheet]   Single 2-Input NAND Gate With Open-Drain Output
SN74LVC1G38DCKRG4 TI1-SN74LVC1G38DCKRG4 Datasheet
1Mb / 21P
[Old version datasheet]   Single 2-Input NAND Gate With Open-Drain Output
More results

Similar Description - SN74LVC1G38DCKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G38 TI1-SN74LVC1G38_16 Datasheet
1Mb / 21P
[Old version datasheet]   Single 2-Input NAND Gate With Open-Drain Output
logo
ON Semiconductor
MC74VHC1G01 ONSEMI-MC74VHC1G01_16 Datasheet
84Kb / 6P
   Single 2-Input NAND Gate with Open Drain Output
December, 2016 ??Rev. 16
logo
Texas Instruments
SN74LVC1G38 TI1-SN74LVC1G38_18 Datasheet
2Mb / 38P
[Old version datasheet]   Single 2-Input NAND Gate With Open-Drain Output
SN74LVC1G38_017 TI1-SN74LVC1G38_017 Datasheet
1Mb / 34P
[Old version datasheet]   Single 2-Input NAND Gate With Open-Drain Output
logo
ON Semiconductor
MC74VHC1G01 ONSEMI-MC74VHC1G01_V01 Datasheet
172Kb / 14P
   Single 2-Input NAND Gate with Open Drain Output
April, 2022 ??Rev. 20
logo
Texas Instruments
SN74LVC1G38 TI-SN74LVC1G38 Datasheet
263Kb / 12P
[Old version datasheet]   SINGLE 2-INPUT NAND GATE WITH OPEN-DRAIN OUTPUT
logo
E-Tech Electronics LTD
MC74VHC1G01 ETL-MC74VHC1G01 Datasheet
579Kb / 4P
   2-Input NAND Gate with Open Drain Output
MC74VHC1G03 ETL-MC74VHC1G03 Datasheet
607Kb / 4P
   2-Input NAND Gate with Open Drain Output
logo
List of Unclassifed Man...
MC74VHC1G03 ETC1-MC74VHC1G03 Datasheet
190Kb / 4P
   2-Input NAND Gate with Open Drain Output
logo
Leshan Radio Company
L74VHC1G01 LRC-L74VHC1G01 Datasheet
225Kb / 6P
   2-Input NAND Gate with Open Drain Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com