Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA3MADBABFRQ1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TDA3MADBABFRQ1
Description  TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
Download  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDA3MADBABFRQ1 Datasheet(HTML) 4 Page - Texas Instruments

  TDA3MADBABFRQ1 Datasheet HTML 1Page - Texas Instruments TDA3MADBABFRQ1 Datasheet HTML 2Page - Texas Instruments TDA3MADBABFRQ1 Datasheet HTML 3Page - Texas Instruments TDA3MADBABFRQ1 Datasheet HTML 4Page - Texas Instruments TDA3MADBABFRQ1 Datasheet HTML 5Page - Texas Instruments TDA3MADBABFRQ1 Datasheet HTML 6Page - Texas Instruments TDA3MADBABFRQ1 Datasheet HTML 7Page - Texas Instruments TDA3MADBABFRQ1 Datasheet HTML 8Page - Texas Instruments TDA3MADBABFRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 256 page
background image
4
TDA3MV, TDA3MA
TDA3LX, TDA3LA
SPRS964C – JUNE 2016 – REVISED JULY 2017
www.ti.com
Submit Documentation Feedback
Product Folder Links: TDA3MV TDA3MA TDA3LX TDA3LA
Table of Contents
Copyright © 2016–2017, Texas Instruments Incorporated
Table of Contents
1
Device Overview
......................................... 1
1.1
Features
............................................. 1
1.2
Applications
........................................... 2
1.3
Description
............................................ 2
1.4
Functional Block Diagram
........................... 3
2
Revision History
......................................... 5
3
Device Comparison
..................................... 6
3.1
Device Comparison Table
............................ 6
4
Terminal Configuration and Functions
.............. 8
4.1
Terminal Assignment
................................. 8
4.2
Ball Characteristics
................................... 9
4.3
Multiplexing Characteristics
......................... 40
4.4
Signal Descriptions
.................................. 51
5
Specifications
.......................................... 75
5.1
Absolute Maximum Ratings
......................... 75
5.2
ESD Ratings
........................................ 76
5.3
Power on Hour (POH) Limits
........................ 76
5.4
Recommended Operating Conditions
............... 77
5.5
Operating Performance Points
...................... 79
5.6
Power Consumption Summary
...................... 88
5.7
Electrical Characteristics
............................ 88
5.8
Thermal Characteristics
............................. 95
5.9
Analog-to-Digital ADC Subsystem Electrical
Specifications
........................................ 96
5.10
Power Supply Sequences
........................... 98
6
Clock Specifications
................................. 101
6.1
Input Clock Specifications
......................... 102
6.2
DPLLs, DLLs Specifications
....................... 107
7
Timing Requirements and Switching
Characteristics
........................................ 111
7.1
Timing Test Conditions
............................ 111
7.2
Interface Clock Specifications
..................... 111
7.3
Timing Parameters and Information
............... 111
7.4
Video Input Ports (VIP)
............................ 113
7.5
Display Subsystem – Video Output Ports
......... 115
7.6
Imaging Subsystem (ISS)
.......................... 117
7.7
External Memory Interface (EMIF)
................. 118
7.8
General-Purpose Memory Controller (GPMC)
..... 118
7.9
General-Purpose Timers
........................... 139
7.10
Inter-Integrated Circuit Interface (I2C)
............. 139
7.11
Universal Asynchronous Receiver Transmitter
(UART)
............................................. 142
7.12
Multichannel Serial Peripheral Interface (McSPI)
. 144
7.13
Quad Serial Peripheral Interface (QSPI)
.......... 150
7.14
Multichannel Audio Serial Port (McASP)
.......... 155
7.15
Controller Area Network Interface (DCAN and
MCAN)
............................................. 161
7.16
Ethernet Interface (GMAC_SW)
................... 163
7.17
SDIO Controller
.................................... 167
7.18
General-Purpose Interface (GPIO)
................ 172
7.19
Test Interfaces
..................................... 173
8
Applications, Implementation, and Layout
...... 176
8.1
Introduction
........................................ 176
8.2
Power Optimizations
............................... 177
8.3
Core Power Domains
.............................. 188
8.4
Single-Ended Interfaces
........................... 196
8.5
Differential Interfaces
.............................. 199
8.6
Clock Routing Guidelines
.......................... 201
8.7
LPDDR2 Board Design and Layout Guidelines
.... 202
8.8
DDR2 Board Design and Layout Guidelines
....... 211
8.9
DDR3 Board Design and Layout Guidelines
....... 223
8.10
CVIDEO/SD-DAC Guidelines and Electrical
Data/Timing
........................................ 246
9
Device and Documentation Support
.............. 248
9.1
Device Nomenclature & Orderable Information
.... 248
9.2
Tools and Software
................................ 250
9.3
Documentation Support
............................ 251
9.4
Receiving Notification of Documentation Updates
. 251
9.5
Related Links
...................................... 251
9.6
Community Resources
............................. 252
9.7
Trademarks
........................................ 252
9.8
Electrostatic Discharge Caution
................... 252
9.9
Export Control Notice
.............................. 252
9.10
Glossary
............................................ 252
10
Mechanical Packaging Information
............... 253
10.1
Mechanical Data
................................... 253


Similar Part No. - TDA3MADBABFRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TDA3MADBABFRQ1 TI1-TDA3MADBABFRQ1 Datasheet
3Mb / 256P
[Old version datasheet]   SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MADBABFRQ1 TI1-TDA3MADBABFRQ1 Datasheet
2Mb / 261P
[Old version datasheet]   SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MADBABFRQ1 TI1-TDA3MADBABFRQ1 Datasheet
3Mb / 271P
[Old version datasheet]   TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MADBABFRQ1 TI1-TDA3MADBABFRQ1 Datasheet
3Mb / 271P
[Old version datasheet]   TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MADBABFRQ1 TI1-TDA3MADBABFRQ1 Datasheet
3Mb / 270P
[Old version datasheet]   TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
More results

Similar Description - TDA3MADBABFRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TDA3MV TI1-TDA3MV_V02 Datasheet
3Mb / 271P
[Old version datasheet]   TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MV TI1-TDA3MV_V03 Datasheet
3Mb / 270P
[Old version datasheet]   TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MV TI-TDA3MV_V04 Datasheet
3Mb / 271P
[Old version datasheet]   TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MV TI1-TDA3MV_V01 Datasheet
3Mb / 271P
[Old version datasheet]   TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3 TI1-TDA3_18 Datasheet
2Mb / 261P
[Old version datasheet]   SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MV TI1-TDA3MV_17 Datasheet
3Mb / 256P
[Old version datasheet]   SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA2EG TI1-TDA2EG Datasheet
4Mb / 393P
[Old version datasheet]   SoC for Advanced Driver Assistance Systems (ADAS) 23mm Package (ABC Package) Silicon Revision 2.0
TDA2EG-17 TI1-TDA2EG-17 Datasheet
4Mb / 391P
[Old version datasheet]   SoC for Advanced Driver Assistance Systems (ADAS) 17mm Package (CBD Package) Silicon Revision 2.0
TDA2E-17 TI1-TDA2E-17 Datasheet
4Mb / 401P
[Old version datasheet]   SoC for Advanced Driver Assistance Systems (ADAS) 17mm Package (CBD Package)
DM505_017 TI1-DM505_017 Datasheet
3Mb / 290P
[Old version datasheet]   SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com