Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVC1G14DBVT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1G14DBVT
Description  Single Schmitt-Trigger Inverter
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC1G14DBVT Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC1G14DBVT Datasheet HTML 1Page - Texas Instruments SN74LVC1G14DBVT Datasheet HTML 2Page - Texas Instruments SN74LVC1G14DBVT Datasheet HTML 3Page - Texas Instruments SN74LVC1G14DBVT Datasheet HTML 4Page - Texas Instruments SN74LVC1G14DBVT Datasheet HTML 5Page - Texas Instruments SN74LVC1G14DBVT Datasheet HTML 6Page - Texas Instruments SN74LVC1G14DBVT Datasheet HTML 7Page - Texas Instruments SN74LVC1G14DBVT Datasheet HTML 8Page - Texas Instruments SN74LVC1G14DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
N.C. – No internal connection
See mechanical drawings for dimensions.
DBV PACKAGE
(TOP VIEW)
2
5
3
4
Y
1
A
GND
N.C.
V
CC
DCK PACKAGE
(TOP VIEW)
3
4
2
Y
1
GND
A
N.C.
5
V
CC
DRL PACKAGE
(TOP VIEW)
2
A
1
N.C.
3
4
GND
Y
5
V
CC
DRY PACKAGE
(TOP VIEW)
A
N.C.
N.C.
6
5
4
2
3
GND
Y
V
CC
1
1
5
2
3
A
GND
Y
V
CC
DPW PACKAGE
(TOP VIEW)
B
4
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
SN74LVC1G14
SCES218W – APRIL 1999 – REVISED MARCH 2014
SN74LVC1G14 Single Schmitt-Trigger Inverter
1 Features
3 Description
This single Schmitt-trigger inverter is designed for
1
Available in the Texas Instruments NanoFree™
1.65-V to 5.5-V VCC operation.
Package
The SN74LVC1G14 device contains one inverter and
Supports 5-V VCC Operation
performs the Boolean function Y = A. The device
Inputs Accept Voltages to 5.5 V
functions as an independent inverter, but because of
Max tpd of 4.6 ns at 3.3 V
Schmitt action, it may have different input threshold
Low Power Consumption, 10-
μA Max ICC
levels for positive-going (VT+) and negative-going
(VT–) signals.
±24-mA Output Drive at 3.3 V
NanoFree™
package
technology
is
a
major
Ioff Supports Partial-Power-Down Mode Operation
breakthrough in IC packaging concepts, using the die
Latch-Up Performance Exceeds 100 mA Per
as the package.
JESD 78, Class II
This device is fully specified for partial-power-down
ESD Protection Exceeds JESD 22
applications using Ioff. The Ioff circuitry disables the
2000-V Human-Body Model (A114-A)
outputs,
preventing
damaging
current
backflow
200-V Machine Model (A115-A)
through the device when it is powered down.
1000-V Charged-Device Model (C101)
Device Information
ORDER NUMBER
PACKAGE
BODY SIZE
2 Applications
SN74LVC1G14DBV
SOT-23 (5)
2,9mm × 1,6mm
AV Receiver
SN74LVC1G14DCK
SC70 (5)
2,0mm × 1,25mm
Audio Dock: Portable
SN74LVC1G14DRL
SOT (5)
1,6mm × 1,2mm
Blu-ray Player and Home Theater
SN74LVC1G14DRY
SON (6)
1,45mm × 1,0mm
Embedded PC
MP3 Player/Recorder (Portable Audio)
Personal Digital Assistant (PDA)
Power: Telecom/Server AC/DC Supply: Single
Controller: Analog and Digital
Solid State Drive (SSD): Client and Enterprise
TV: LCD/Digital and High-Definition (HDTV)
Tablet: Enterprise
Video Analytics: Server
Wireless Headset, Keyboard, and Mouse
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - SN74LVC1G14DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G14DBVT TI-SN74LVC1G14DBVT Datasheet
527Kb / 18P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER INVERTER
SN74LVC1G14DBVT TI-SN74LVC1G14DBVT Datasheet
740Kb / 19P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER INVERTER
SN74LVC1G14DBVT TI-SN74LVC1G14DBVT Datasheet
780Kb / 19P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER INVERTER
SN74LVC1G14DBVT TI-SN74LVC1G14DBVT Datasheet
1Mb / 26P
[Old version datasheet]   SN74LVC1G14MDCKREP
SN74LVC1G14DBVT TI1-SN74LVC1G14DBVT Datasheet
1Mb / 27P
[Old version datasheet]   SN74LVC1G14 Single Schmitt-Trigger Inverter
More results

Similar Description - SN74LVC1G14DBVT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLU1G14 ONSEMI-NLU1G14_12 Datasheet
137Kb / 10P
   Single Schmitt-Trigger Inverter
July, 2012 ??Rev. 2
logo
Unisonic Technologies
U74AHCT1G14 UTC-U74AHCT1G14 Datasheet
198Kb / 4P
   SINGLE SCHMITT-TRIGGER INVERTER
logo
NXP Semiconductors
74LVC1G14 NXP-74LVC1G14 Datasheet
99Kb / 16P
   Single Schmitt-trigger inverter
Rev. 07-18 July 2007
74LVC1G14 PHILIPS-74LVC1G14 Datasheet
100Kb / 17P
   Single Schmitt-trigger inverter
2004 Sep 10
logo
Texas Instruments
SN74AUC1G14-EP TI-SN74AUC1G14-EP Datasheet
158Kb / 9P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER INVERTER
SN74AUC1G14 TI-SN74AUC1G14 Datasheet
320Kb / 13P
[Old version datasheet]   SINGLE SCHMITT TRIGGER INVERTER
SN74LVC1G14 TI1-SN74LVC1G14_15 Datasheet
1Mb / 27P
[Old version datasheet]   Single Schmitt-Trigger Inverter
logo
Unisonic Technologies
U74LVC1G14 UTC-U74LVC1G14_V01 Datasheet
181Kb / 5P
   SINGLE SCHMITT-TRIGGER INVERTER
logo
Diodes Incorporated
74AHC1G14Q DIODES-74AHC1G14Q Datasheet
662Kb / 9P
   SINGLE SCHMITT-TRIGGER INVERTER
March 2022 Rev. 2 - 2
logo
NXP Semiconductors
74LVC1G14GW.125 NXP-74LVC1G14GW.125 Datasheet
368Kb / 20P
   Single Schmitt-trigger inverter
Rev. 12-6 August 2012
logo
ON Semiconductor
MC74VHC1G14 ONSEMI-MC74VHC1G14_13 Datasheet
121Kb / 6P
   Single Schmitt-Trigger Inverter
February, 2013 ??Rev. 19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com