Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA189IDR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # OPA189IDR
Description  Precision, 36-V, 14-MHz, MUX-Friendly Low-Noise, Rail-to-Rail Output, Zero-Drift Operational Amplifiers
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA189IDR Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA189IDR Datasheet HTML 5Page - Texas Instruments OPA189IDR Datasheet HTML 6Page - Texas Instruments OPA189IDR Datasheet HTML 7Page - Texas Instruments OPA189IDR Datasheet HTML 8Page - Texas Instruments OPA189IDR Datasheet HTML 9Page - Texas Instruments OPA189IDR Datasheet HTML 10Page - Texas Instruments OPA189IDR Datasheet HTML 11Page - Texas Instruments OPA189IDR Datasheet HTML 12Page - Texas Instruments OPA189IDR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
9
OPA189, OPA2189, OPA4189
www.ti.com
SBOS830 – JUNE 2017
Product Folder Links: OPA189 OPA2189 OPA4189
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7.7 Electrical Characteristics
at TA = 25°C, VCM = VOUT = VS / 2, and RLOAD = 10 kΩ connected to VS / 2 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
VOS
Input offset voltage
±0.4
±2.5
µV
TA = –40°C to 125°C
±4.5
dVOS/dT
Input offset voltage drift
TA = –40°C to 125°C
±0.0035
±0.02
µV/°C
PSRR
Power-supply rejection
ratio
TA = –40°C to 125°C
±0.005
±0.05
µV/V
INPUT BIAS CURRENT
IB
Input bias current
RIN = 100 kΩ
±70
±300
pA
TA = –20°C to 85°C
±400
TA = –40°C to 125°C
±600
IOS
Input offset current
±140
±600
TA = –20°C to 85°C
±800
TA = –40°C to 125°C
±1200
NOISE
EN
Input voltage noise
f = 0.1 Hz to 10 Hz
17
nVRMS
0.11
µVPP
eN
Input voltage noise density
f = 10 Hz
5.8
nV/
√Hz
f = 100 Hz
5.8
f = 1 kHz
5.8
f = 10 kHz
5.8
IN
Input current noise density
f = 1 kHz
165
fA/rtHz
INPUT VOLTAGE
VCM
Common-mode voltage
range
(V–) – 0.1
(V+) – 2.5
V
CMRR
Common-mode rejection
ratio
(V–) – 0.1 V
≤ VCM ≤ (V+) – 2.5 V
VS = ±2.25 V
120
140
dB
VS = ±18 V
146
168
(V–) – 0.1 V
≤ VCM ≤ (V+) – 2.5 V
TA = –40°C to 125°C
VS = ±18 V
144
156
VS = ±2.25 V
116
130
INPUT IMPEDANCE
zid
Differential input
impedance
100 || 2
MΩ || pF
zic
Common-mode input
impedance
60 || 4
TΩ || pF
OPEN-LOOP GAIN
AOL
Open-loop voltage gain
VS = ±18 V, (V–) + 0.3 V < VO < (V+) – 0.3 V, RLOAD = 10 kΩ
150
170
dB
VS = ±18 V, (V–) + 0.3 V < VO < (V+) – 0.3 V, RLOAD = 10 kΩ
TA = –40°C to 125°C
130
160
VS = ±18 V, (V–) + 0.6 V < VO < (V+) – 0.6 V, RLOAD = 2 kΩ
150
170
VS = ±18 V, (V–) + 0.6 V < VO < (V+) – 0.6 V, RLOAD = 2 kΩ
TA = –40°C to 125°C
130
160


Similar Part No. - OPA189IDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA189IDR TI1-OPA189IDR Datasheet
699Kb / 34P
[Old version datasheet]   Precision, 36-V, 14-MHz, MUX-Friendly Low-Noise, Rail-to-Rail Output, Zero-Drift Operational Amplifiers
OPA189IDR TI1-OPA189IDR Datasheet
2Mb / 44P
[Old version datasheet]   Precision, Lowest-Noise 36-V, Zero-Drift, 14-MHz MUX-Friendly, Rail-to-Rail Output, Operational Amplifiers
OPA189IDR TI1-OPA189IDR Datasheet
3Mb / 48P
[Old version datasheet]   Precision, Lowest-Noise 36-V, Zero-Drift, 14-MHz MUX-Friendly, Rail-to-Rail Output, Operational Amplifiers
OPA189IDR TI1-OPA189IDR Datasheet
3Mb / 48P
[Old version datasheet]   OPAx189 Precision, Lowest-Noise 36-V, Zero-Drift, 14-MHz MUX-Friendly, Rail-to-Rail Output, Operational Amplifiers
OPA189IDR TI-OPA189IDR Datasheet
3Mb / 51P
[Old version datasheet]   OPAx189 Precision, Lowest-Noise, 36-V, Zero-Drift, 14-MHz, MUX-Friendly, Rail-to-Rail Output Operational Amplifiers
More results

Similar Description - OPA189IDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA189 TI1-OPA189 Datasheet
699Kb / 34P
[Old version datasheet]   Precision, 36-V, 14-MHz, MUX-Friendly Low-Noise, Rail-to-Rail Output, Zero-Drift Operational Amplifiers
OPA189 TI1-OPA189_19 Datasheet
3Mb / 48P
[Old version datasheet]   Precision, Lowest-Noise 36-V, Zero-Drift, 14-MHz MUX-Friendly, Rail-to-Rail Output, Operational Amplifiers
OPA189 TI1-OPA189_18 Datasheet
2Mb / 44P
[Old version datasheet]   Precision, Lowest-Noise 36-V, Zero-Drift, 14-MHz MUX-Friendly, Rail-to-Rail Output, Operational Amplifiers
OPA189 TI1-OPA189_V01 Datasheet
3Mb / 48P
[Old version datasheet]   OPAx189 Precision, Lowest-Noise 36-V, Zero-Drift, 14-MHz MUX-Friendly, Rail-to-Rail Output, Operational Amplifiers
OPA189 TI-OPA189_V04 Datasheet
3Mb / 52P
[Old version datasheet]   OPAx189 Precision, Lowest-Noise, 36-V, Zero-Drift, 14-MHz, MUX-Friendly, Rail-to-Rail Output Operational Amplifiers
OCTOBER 2021
OPA189 TI-OPA189_V03 Datasheet
3Mb / 52P
[Old version datasheet]   OPAx189 Precision, Lowest-Noise, 36-V, Zero-Drift, 14-MHz, MUX-Friendly, Rail-to-Rail Output Operational Amplifiers
OPA189 TI-OPA189_V02 Datasheet
3Mb / 51P
[Old version datasheet]   OPAx189 Precision, Lowest-Noise, 36-V, Zero-Drift, 14-MHz, MUX-Friendly, Rail-to-Rail Output Operational Amplifiers
OPA188 TI-OPA188_13 Datasheet
1Mb / 33P
[Old version datasheet]   Precision, Low-Noise, Rail-to-Rail Output,36-V, Zero-Drift Operational Amplifiers
OPA188 TI-OPA188_15 Datasheet
1Mb / 34P
[Old version datasheet]   Precision, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
OPA180 TI-OPA180_15 Datasheet
1Mb / 38P
[Old version datasheet]    Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com