Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA3X Datasheet(PDF) 44 Page - Texas Instruments

Part # TDA3X
Description  TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
Download  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDA3X Datasheet(HTML) 44 Page - Texas Instruments

Back Button TDA3X Datasheet HTML 40Page - Texas Instruments TDA3X Datasheet HTML 41Page - Texas Instruments TDA3X Datasheet HTML 42Page - Texas Instruments TDA3X Datasheet HTML 43Page - Texas Instruments TDA3X Datasheet HTML 44Page - Texas Instruments TDA3X Datasheet HTML 45Page - Texas Instruments TDA3X Datasheet HTML 46Page - Texas Instruments TDA3X Datasheet HTML 47Page - Texas Instruments TDA3X Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 256 page
background image
Copyright © 2016–2017, Texas Instruments Incorporated
Terminal Configuration and Functions
Submit Documentation Feedback
Product Folder Links: TDA3MV TDA3MA TDA3LX TDA3LA
44
TDA3MV, TDA3MA
TDA3LX, TDA3LA
SPRS964C – JUNE 2016 – REVISED JULY 2017
www.ti.com
Table 4-3. Multiplexing Characteristics (continued)
ADDRESS
REGISTER NAME
BALL
NUMBER
MUXMODE[15:0] SETTINGS
0
1
2
3
4
5
6
7
8
9
10
11
12
14
15
AB5
ddr1_dqsn0
U20
ddr1_d27
AA13
ddr1_ecc_d
4
B16
csi2_0_dy4
F1
ddr1_rasn
D3
ddr1_a2
AA10
ddr1_dqs_e
cc
AA7
ddr1_d3
B2
ddr1_csn0
N1
ddr1_rst
V2
ddr1_d19
Y8
ddr1_d2
B12
csi2_0_dy1
C3
ddr1_a13
A12
csi2_0_dx1
AB11
ddr1_ecc_d
5
M21
adc_in2
Y11
ddr1_ecc_d
0
0x1400
CTRL_CORE_PAD_
GPMC_CLK
C12
gpmc_clk
rgmii1_txc
clkout0
dma_evt1
gpio1_0
Driver off
0x1404
CTRL_CORE_PAD_
GPMC_BEN0
D12
gpmc_ben0 rgmii1_txctl
ehrpwm1A
dma_evt2
gpio1_1
Driver off
0x1408
CTRL_CORE_PAD_
GPMC_BEN1
E12
gpmc_ben1 rgmii1_txd3
ehrpwm1B
dma_evt3
gpio1_2
Driver off
0x140C
CTRL_CORE_PAD_
GPMC_ADVN_ALE
F12
gpmc_advn_
ale
rgmii1_txd2
ehrpwm1_tri
pzone_input
clkout1
dma_evt4
gpio1_3
Driver off
0x1410
CTRL_CORE_PAD_
GPMC_OEN_REN
A10
gpmc_oen_r
en
rgmii1_txd1
ehrpwm1_sy
nci
clkout2
gpio1_4
Driver off
0x1414
CTRL_CORE_PAD_
GPMC_WEN
B10
gpmc_wen
rgmii1_txd0
ehrpwm1_sy
nco
gpio1_5
Driver off
0x1418
CTRL_CORE_PAD_
GPMC_CS0
C10
gpmc_cs0
rgmii1_rxctl
gpio1_6
Driver off
0x141C
CTRL_CORE_PAD_
GPMC_CS1
E10
gpmc_cs1
qspi1_cs0
gpio1_7
Driver off
0x1420
CTRL_CORE_PAD_
GPMC_CS2
D10
gpmc_cs2
qspi1_d3
gpio1_8
Driver off
0x1424
CTRL_CORE_PAD_
GPMC_CS3
A9
gpmc_cs3
qspi1_d2
gpio1_9
Driver off
0x1428
CTRL_CORE_PAD_
GPMC_CS4
B9
gpmc_cs4
qspi1_d0
gpio1_10
Driver off


Similar Part No. - TDA3X

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TDA3X TI1-TDA3X Datasheet
93Kb / 6P
[Old version datasheet]   TDA3x SoC Processors for Advanced Driver Assist Systems (ADAS) Technical Brief
TDA3X TI1-TDA3X Datasheet
3Mb / 256P
[Old version datasheet]   SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3X TI1-TDA3X Datasheet
2Mb / 261P
[Old version datasheet]   SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3X TI1-TDA3X Datasheet
3Mb / 271P
[Old version datasheet]   TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3X TI1-TDA3X Datasheet
3Mb / 271P
[Old version datasheet]   TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
More results

Similar Description - TDA3X

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TDA3MV TI1-TDA3MV_V02 Datasheet
3Mb / 271P
[Old version datasheet]   TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MV TI1-TDA3MV_V03 Datasheet
3Mb / 270P
[Old version datasheet]   TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MV TI-TDA3MV_V04 Datasheet
3Mb / 271P
[Old version datasheet]   TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MV TI1-TDA3MV_V01 Datasheet
3Mb / 271P
[Old version datasheet]   TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3 TI1-TDA3_18 Datasheet
2Mb / 261P
[Old version datasheet]   SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MV TI1-TDA3MV_17 Datasheet
3Mb / 256P
[Old version datasheet]   SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA2EG TI1-TDA2EG Datasheet
4Mb / 393P
[Old version datasheet]   SoC for Advanced Driver Assistance Systems (ADAS) 23mm Package (ABC Package) Silicon Revision 2.0
TDA2EG-17 TI1-TDA2EG-17 Datasheet
4Mb / 391P
[Old version datasheet]   SoC for Advanced Driver Assistance Systems (ADAS) 17mm Package (CBD Package) Silicon Revision 2.0
TDA2E-17 TI1-TDA2E-17 Datasheet
4Mb / 401P
[Old version datasheet]   SoC for Advanced Driver Assistance Systems (ADAS) 17mm Package (CBD Package)
DM505_017 TI1-DM505_017 Datasheet
3Mb / 290P
[Old version datasheet]   SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com