Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP8860-Q1 Datasheet(PDF) 73 Page - Texas Instruments

Part # LP8860-Q1
Description  Low-EMI Automotive LED Driver With Four 150-mA Channels
Download  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8860-Q1 Datasheet(HTML) 73 Page - Texas Instruments

Back Button LP8860-Q1_17 Datasheet HTML 69Page - Texas Instruments LP8860-Q1_17 Datasheet HTML 70Page - Texas Instruments LP8860-Q1_17 Datasheet HTML 71Page - Texas Instruments LP8860-Q1_17 Datasheet HTML 72Page - Texas Instruments LP8860-Q1_17 Datasheet HTML 73Page - Texas Instruments LP8860-Q1_17 Datasheet HTML 74Page - Texas Instruments LP8860-Q1_17 Datasheet HTML 75Page - Texas Instruments LP8860-Q1_17 Datasheet HTML 76Page - Texas Instruments LP8860-Q1_17 Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 110 page
background image
73
LP8860-Q1
www.ti.com
SNVSA21F – MAY 2014 – REVISED JULY 2017
Product Folder Links: LP8860-Q1
Submit Documentation Feedback
Copyright © 2014–2017, Texas Instruments Incorporated
8.6.2.7 EEPROM Register 6
Address 0x66
EEPROM Register 6
7
6
5
4
3
2
1
0
RESERVED
GAIN_CTRL[2:0]
EN_EXT_LED_CUR_CTRL
DRV_EN_SPLIT_FET
BRT_MODE[1:0]
Name
Bit
Access
Description
GAIN_CTRL[2:0]
6:4
R/W
Switch point from PWM to current control for Hybrid PWM and
Current dimming mode
000 = 50.0%
001 = 40.6%
010 = 31.3%
011 = 25.0%
100 = 21.9%
101 = 18.8%
110 = 15.6%
111 = 12.5%
EN_EXT_LED_CUR_CTRL
3
R/W
Enable LED current set resistor
0 = Resistor is disabled and current is scaled with SCALE[2:0]
EEPROM register bits
1 = Enable LED current set resistor. LED current is scaled by the
RISET resistor
DRV_EN_SPLIT_FET
2
R/W
LED current sink FET control
0 = big size FET is driving LED current
1 = enable use of smaller FET for driving low LED output currents.
Smaller FET is selected automatically when current setting is below
1/16 of the scale. Automatic scaling improves accuracy for output
currents below 1/16 of the full current scale.
BRT_MODE[1:0]
1:0
R/W
Brightness control mode
00 = PWM input pin duty cycle control
01 = PWM input duty x Brightness register
10 = Brightness register
11 = Direct PWM control from PWM input pin
8.6.2.8 EEPROM Register 7
Address 0x67
EEPROM Register 7
7
6
5
4
3
2
1
0
DRV_OUT2_CORR[3:0]
DRV_OUT1_CORR[3:0]
Name
Bit
Access
Description
DRV_OUT2_CORR[3:0]
7:4
R/W
Current correction for OUT2 LED current sink
0000 = 6.5%
0001 = 5.6%
0010 = 4.7%
0011 = 3.7%
0100 = 2.8%
0101 = 1.9%
0110 = 0.9%
0111 = 0.0%
1000 = –0.9%
1001 = –1.9%
1010 = –2.8%
1011 = –3.7%
1100 = –4.7%
1101 = –5.6%
1110 = –6.5%
1111 = –7.4%


Similar Part No. - LP8860-Q1_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8860-Q1 TI1-LP8860-Q1_16 Datasheet
740Kb / 10P
[Old version datasheet]   Low-EMI Automotive LED Driver With Four 150-mA Channels
More results

Similar Description - LP8860-Q1_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8860-Q1 TI1-LP8860-Q1_16 Datasheet
740Kb / 10P
[Old version datasheet]   Low-EMI Automotive LED Driver With Four 150-mA Channels
TPS61194-Q1 TI1-TPS61194-Q1_16 Datasheet
714Kb / 10P
[Old version datasheet]   TPS61194-Q1 Low-EMI Automotive LED Driver With Four 100-mA Channels
LP8864S-Q1 TI-LP8864S-Q1_V01 Datasheet
3Mb / 86P
[Old version datasheet]   LP8864S-Q1 Automotive Display LED-backlight Driver with Four 150-mA Channels
LP8864S-Q1 TI-LP8864S-Q1 Datasheet
1Mb / 76P
[Old version datasheet]   LP8864S-Q1 Automotive Display LED-backlight with Four 150-mA Channels
LP8863-Q1 TI1-LP8863-Q1 Datasheet
402Kb / 9P
[Old version datasheet]   Automotive Display LED-Backlight Driver With Six 150-mA Channels
TPS61193-Q1 TI1-TPS61193-Q1_16 Datasheet
717Kb / 10P
[Old version datasheet]   TPS61193-Q1 Low-EMI Automotive LED Driver With Three 100-mA Channels
LP8864-Q1 TI-LP8864-Q1_V02 Datasheet
3Mb / 89P
[Old version datasheet]   LP8864-Q1 Automotive Display LED-backlight Driver with Four 200-mA Channels
LP8864-Q1 TI-LP8864-Q1_V03 Datasheet
3Mb / 94P
[Old version datasheet]   LP8864-Q1 Automotive Display LED-backlight Driver with Four 200-mA Channels
LP8864-Q1 TI-LP8864-Q1_V01 Datasheet
4Mb / 91P
[Old version datasheet]   LP8864-Q1 Automotive Display LED-backlight Driver with Four 200-mA Channels
LP8866S-Q1 TI-LP8866S-Q1_V01 Datasheet
3Mb / 82P
[Old version datasheet]   LP8866S-Q1 Automotive Display LED-backlight Driver with Six 150-mA Channels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com