Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP8860-Q1 Datasheet(PDF) 22 Page - Texas Instruments

Part # LP8860-Q1
Description  Low-EMI Automotive LED Driver With Four 150-mA Channels
Download  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8860-Q1 Datasheet(HTML) 22 Page - Texas Instruments

Back Button LP8860-Q1_17 Datasheet HTML 18Page - Texas Instruments LP8860-Q1_17 Datasheet HTML 19Page - Texas Instruments LP8860-Q1_17 Datasheet HTML 20Page - Texas Instruments LP8860-Q1_17 Datasheet HTML 21Page - Texas Instruments LP8860-Q1_17 Datasheet HTML 22Page - Texas Instruments LP8860-Q1_17 Datasheet HTML 23Page - Texas Instruments LP8860-Q1_17 Datasheet HTML 24Page - Texas Instruments LP8860-Q1_17 Datasheet HTML 25Page - Texas Instruments LP8860-Q1_17 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 110 page
background image
+1LSB
PWM value 510 (10-bit)
PWM value 510 ½ (10-bit)
PWM value 511 (10-bit)
22
LP8860-Q1
SNVSA21F – MAY 2014 – REVISED JULY 2017
www.ti.com
Product Folder Links: LP8860-Q1
Submit Documentation Feedback
Copyright © 2014–2017, Texas Instruments Incorporated
Table 3. GEN_DIV Coefficients and Resolution (continued)
PWM_RESOLUTION[1:0]
00
01
10
11
PWM_
FREQ[3:0]
STEP
GEN_DIV
RES
(bits)
STEP
GEN_DIV
RES
(bits)
STEP
GEN_DIV
RES
(bits)
STEP
GEN_DIV
RES
(bits)
0111
304
215.58
7
152
431.16
8
76
862.32
9
38
1724.63
10
1000
320
204.80
7
160
409.60
8
80
819.20
9
40
1638.40
10
1001
336
195.05
7
168
390.10
8
84
780.19
9
42
1560.38
10
1010
352
186.18
7
176
372.36
8
88
744.73
9
44
1489.45
10
1011
368
178.09
7
184
356.17
8
92
712.35
9
46
1424.70
10
1100
384
170.67
7
192
341.33
8
96
682.67
9
48
1365.33
10
1101
400
163.84
7
200
327.68
8
100
655.36
9
50
1310.72
10
1110
448
146.29
7
224
292.57
8
112
585.14
9
56
1170.29
10
1111
512
128.00
7
256
256.00
8
128
512.00
9
64
1024.00
10
Dithering allows increased resolution and smaller average steps size. Dithering can be programmed with
EEPROM bits <DITHER[2:0]> 0 to 4 bits. Figure 13 shows 1-bit dithering. For 3-bit dithering, every 8th pulse is
made 1 LSB longer to increase the average value by 1/8th. Dither is available in steady state condition when
<EN_STEADY_DITHER> is high, otherwise during slope only.
Figure 13. Example of the Dithering, 1-Bit Dither, 10-Bit Resolution
8.3.2 Brightness Control (Display Mode)
The LP8860-Q1 LED outputs can be configured to display or cluster mode. The following sections describe
display mode options. Cluster mode is a special mode with individually controlled LED outputs. See Cluster
Mode section for details.
The LP8860-Q1 controls the brightness of the display with conventional PWM or with Hybrid PWM and Current
dimming. Brightness control is received either from PWM input pin or from I2C/SPI register bits. The brightness
source is selected with <BRT_MODE[1:0]> bits as follows:
Table 4. Brightness Control Selection
BRT_MODE[1:0]
BRIGHTNESS CONTROL
00
PWM input duty cycle
01
PWM input duty cycle x Brightness register
10
Brightness register
11
PWM direct control (PWM in = PWM out)
8.3.2.1 PWM Input Duty Cycle Based Control
In this mode the LED brightness is controlled by the input PWM duty cycle. The PWM detector block measures
the duty cycle in the PWM pin and uses this 16-bit value to control the duty cycle of the LED output PWM. Input
PWM period is measured from rising edge to the next rising edge.
The ratio of input PWM frequency and 10-MHz sampling clock defines resolution reachable with external PWM.
PWM input block timeout is 24 ms after the last rising edge; it must be taken into account for 0% and 100%
brightness setting. For setting 100% brightness, a high-level PWM input signal must last at least 24 ms. The
minimum on and off time for the PWM input signal is 400 ns.


Similar Part No. - LP8860-Q1_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8860-Q1 TI1-LP8860-Q1_16 Datasheet
740Kb / 10P
[Old version datasheet]   Low-EMI Automotive LED Driver With Four 150-mA Channels
More results

Similar Description - LP8860-Q1_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8860-Q1 TI1-LP8860-Q1_16 Datasheet
740Kb / 10P
[Old version datasheet]   Low-EMI Automotive LED Driver With Four 150-mA Channels
TPS61194-Q1 TI1-TPS61194-Q1_16 Datasheet
714Kb / 10P
[Old version datasheet]   TPS61194-Q1 Low-EMI Automotive LED Driver With Four 100-mA Channels
LP8864S-Q1 TI-LP8864S-Q1_V01 Datasheet
3Mb / 86P
[Old version datasheet]   LP8864S-Q1 Automotive Display LED-backlight Driver with Four 150-mA Channels
LP8864S-Q1 TI-LP8864S-Q1 Datasheet
1Mb / 76P
[Old version datasheet]   LP8864S-Q1 Automotive Display LED-backlight with Four 150-mA Channels
LP8863-Q1 TI1-LP8863-Q1 Datasheet
402Kb / 9P
[Old version datasheet]   Automotive Display LED-Backlight Driver With Six 150-mA Channels
TPS61193-Q1 TI1-TPS61193-Q1_16 Datasheet
717Kb / 10P
[Old version datasheet]   TPS61193-Q1 Low-EMI Automotive LED Driver With Three 100-mA Channels
LP8864-Q1 TI-LP8864-Q1_V02 Datasheet
3Mb / 89P
[Old version datasheet]   LP8864-Q1 Automotive Display LED-backlight Driver with Four 200-mA Channels
LP8864-Q1 TI-LP8864-Q1_V03 Datasheet
3Mb / 94P
[Old version datasheet]   LP8864-Q1 Automotive Display LED-backlight Driver with Four 200-mA Channels
LP8864-Q1 TI-LP8864-Q1_V01 Datasheet
4Mb / 91P
[Old version datasheet]   LP8864-Q1 Automotive Display LED-backlight Driver with Four 200-mA Channels
LP8866S-Q1 TI-LP8866S-Q1_V01 Datasheet
3Mb / 82P
[Old version datasheet]   LP8866S-Q1 Automotive Display LED-backlight Driver with Six 150-mA Channels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com