Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP130K301A Datasheet(PDF) 1 Page - RICOH electronics devices division

Part # RP130K301A
Description  LOW NOISE 150mA LDO REGULATOR
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP130K301A Datasheet(HTML) 1 Page - RICOH electronics devices division

  RP130K301A Datasheet HTML 1Page - RICOH electronics devices division RP130K301A Datasheet HTML 2Page - RICOH electronics devices division RP130K301A Datasheet HTML 3Page - RICOH electronics devices division RP130K301A Datasheet HTML 4Page - RICOH electronics devices division RP130K301A Datasheet HTML 5Page - RICOH electronics devices division RP130K301A Datasheet HTML 6Page - RICOH electronics devices division RP130K301A Datasheet HTML 7Page - RICOH electronics devices division RP130K301A Datasheet HTML 8Page - RICOH electronics devices division RP130K301A Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
RP130x SERIES
LOW NOISE 150mA LDO REGULATOR
NO.EA-173-131031
1
OUTLINE
The RP130x Series are CMOS-based positive voltage regulator ICs with high ripple rejection, low dropout
voltage, high output voltage accuracy and extremely low supply current. Each of these ICs consists of a voltage
reference unit, an error amplifier, a resistor-net for voltage setting, a short current limit circuit and a chip enable
circuit.
These ICs have an excellent low supply current performed by CMOS process, moreover they perform with low
dropout voltage due to built-in low ON-resistance. A chip enable function prolongs the battery life.
The input transient response, the load transient response and the ripple rejection have been improved in the
RP130x Series compared with the conventional products. Besides achieving low supply current (Typ.38μA).
The range of the operation voltage is capable from 1.7V to 6.5V and the range of the output voltage is capable
from 1.2V to 5.3V for this product, which is wider range as our conventional product R1114x series.
The output voltage of these ICs is fixed with high accuracy. Since the packages for these ICs are
DFN(PLP)1010-4, SOT-23-5 and SC-82AB, therefore high density mounting of the ICs on boards is possible.
FEATURES
• Supply Current ........................................................... Typ. 38μA
• Supply Current (Standby Mode) .................................. Typ. 0.1 μA
• Ripple Rejection........................................................... Typ. 80dB (f=1kHz)
• Input Voltage Range .................................................... 1.7V to 6.5V
• Output Voltage Range ................................................. 1.2V to 5.3V (0.1V steps)
(For other voltages, please refer to MARK INFORMATIONS.)
• Output Voltage Accuracy ............................................. ±1.0% (VOUT>2.0V, Topt=25°C)
• Temperature-Drift Coefficient of Output Voltage.......... Typ. ±20ppm/°C
• Dropout Voltage ........................................................... Typ. 0.32V (IOUT=150mA, VOUT=2.8V)
• Line Regulation............................................................ Typ. 0.02%/V
• Packages ..................................................................... DFN(PLP)1010-4, SC-82AB, SOT-23-5
• Built-in Fold Back Protection Circuit ............................ Typ. 40mA
• Ceramic capacitors are recommended to be used with this IC .....0.47μF or more
APPLICATIONS
• Power source for battery-powered equipment.
• Power source for portable communication equipment.
• Power source for electrical appliances such as cameras, VCRs and camcorders.
• Power source for high stable reference voltage.


Similar Part No. - RP130K301A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP130K301A-TR RICOH-RP130K301A-TR Datasheet
524Kb / 32P
   Supply Current Typ. 38uA
More results

Similar Description - RP130K301A

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1102 UTC-LR1102 Datasheet
188Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
Gamma Microelectronics ...
GM6155 GAMMA-GM6155 Datasheet
245Kb / 9P
   150mA LOW-NOISE LDO REGULATOR
logo
RICOH electronics devic...
R1112N RICOH-R1112N_02 Datasheet
231Kb / 21P
   LOW NOISE 150mA LDO REGULATOR
R1114N151A RICOH-R1114N151A Datasheet
525Kb / 31P
   LOW NOISE 150mA LDO REGULATOR
logo
Unisonic Technologies
L1131C UTC-L1131C Datasheet
156Kb / 6P
   LOW NOISE 150mA LDO REGULATOR
LR1102 UTC-LR1102_15 Datasheet
364Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1114 RICOH-R1114 Datasheet
240Kb / 23P
   LOW NOISE 150mA LDO REGULATOR
logo
E-Tech Electronics LTD
L1131A ETL-L1131A Datasheet
187Kb / 5P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1113Z RICOH-R1113Z Datasheet
395Kb / 20P
   LOW NOISE 150mA LDO REGULATOR???
RP112K121B RICOH-RP112K121B_17 Datasheet
888Kb / 32P
   Low Noise 150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com