Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS12181 Datasheet(PDF) 28 Page - Semtech Corporation

Part # GS12181
Description  12G UHD-SDI Retiming Cable Driver
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS12181 Datasheet(HTML) 28 Page - Semtech Corporation

Back Button GS12181 Datasheet HTML 24Page - Semtech Corporation GS12181 Datasheet HTML 25Page - Semtech Corporation GS12181 Datasheet HTML 26Page - Semtech Corporation GS12181 Datasheet HTML 27Page - Semtech Corporation GS12181 Datasheet HTML 28Page - Semtech Corporation GS12181 Datasheet HTML 29Page - Semtech Corporation GS12181 Datasheet HTML 30Page - Semtech Corporation GS12181 Datasheet HTML 31Page - Semtech Corporation GS12181 Datasheet HTML 32Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 68 page
background image
GS12181
Final Data Sheet
Rev.5
PDS-060905
October 2016
28 of 68
Semtech
Proprietary & Confidential
www.semtech.com
4.3.5.3 Output Balanced Mode
The GS12181 has a feature designed to facilitate reliable output return loss (ORL)
measurement while the device is still powered. The device can be put into a BALANCE
mode which prevents the outputs from toggling while ORL is being measured.
BALANCE mode can be enabled through the host interface, by setting control
parameter CTRL_OUTPUT<n>_ BALANCED in register 734D to 1b, where <n> is the
output number.
4.3.5.4 Output Control and Status Registers Summary
The following two tables list the most commonly used control and status parameters of
the Output blocks. For a complete list of registers and functions, please see Section 5.
Table 4-7: Re-timer Bypass Control Parameters
Addressh
Bit
Slice
Parameter Name
Description
0x734C
3:3
CTRL_OUTPUT1_RETIMER_MANUAL
_BYPASS
Enables manual CDR bypass signal when
CTRL_OUTPUT1_RETIMER_AUTO_BYPASS is 0b.
2:2
CTRL_OUTPUT1_RETIMER_AUTO
_BYPASS
Sets or disables the automatic CDR bypass signal mode.
1:1
CTRL_OUTPUT0_RETIMER_AUTO
_BYPASS
Enables manual CDR bypass signal when
CTRL_OUTPUT0_RETIMER_AUTO_BYPASS is 0b.
0:0
CTRL_OUTPUT0_RETIMER_MANUAL
_BYPASS
Sets or disables the automatic CDR bypass signal mode.
Table 4-8: Output Swing and Pre-emphasis Control Parameters
Addressh
Bit
Slice
Parameter Name
Description
0x732B/0x7329
13:8
CFG_OUTPUT<n>_CD_SD_TD_DRIVER_SWING
Output <n> main output driver amplitude
configuration parameter for SD and MADI.
0x732A/0x7328
12:8
CFG_OUTPUT<n>_CD_SD_TD_
PREEMPH_WIDTH
Output <n> pre-emphasis pulse width configuration
parameter for SD and MADI.
6:6
CFG_OUTPUT<n>_CD_SD_TD_
PREEMPH_PWRDWN
Output <n> pre-emphasis power down parameter for
SD and MADI.
5:0
CFG_OUTPUT<n>_CD_SD_TD_
PREEMPH_AMPL
Output <n> pre-emphasis pulse amplitude
configuration parameter for SD and MADI.
0x732D/0x732F
13:8
CFG_OUTPUT<n>_CD_HD_DRIVER_SWING
Output <n> main output driver amplitude
configuration parameter for HD and 3G.


Similar Part No. - GS12181

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS12141 SEMTECH-GS12141 Datasheet
2Mb / 65P
   12G UHD-SDI Retiming Adaptive Cable Equalizer
GS12141-INE3 SEMTECH-GS12141-INE3 Datasheet
2Mb / 65P
   12G UHD-SDI Retiming Adaptive Cable Equalizer
GS12141-INTE3 SEMTECH-GS12141-INTE3 Datasheet
2Mb / 65P
   12G UHD-SDI Retiming Adaptive Cable Equalizer
GS12190 SEMTECH-GS12190 Datasheet
2Mb / 121P
   Bidirectional 12G UHD-SDI Reclocking Adaptive Cable Equalizer/Cable Driver
GS12190-INE3 SEMTECH-GS12190-INE3 Datasheet
2Mb / 121P
   Bidirectional 12G UHD-SDI Reclocking Adaptive Cable Equalizer/Cable Driver
More results

Similar Description - GS12181

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS12141 SEMTECH-GS12141 Datasheet
2Mb / 65P
   12G UHD-SDI Retiming Adaptive Cable Equalizer
GS12081 SEMTECH-GS12081 Datasheet
2Mb / 64P
   12G UHD-SDI Cable Driver
GS12281 SEMTECH-GS12281 Datasheet
3Mb / 97P
   12G UHD-SDI Re-timing Cable Driver
logo
Texas Instruments
LMH1208 TI1-LMH1208 Datasheet
730Kb / 10P
[Old version datasheet]   12G UHD-SDI Dual Output Cable Driver
logo
Semtech Corporation
GS12190 SEMTECH-GS12190 Datasheet
2Mb / 121P
   Bidirectional 12G UHD-SDI Reclocking Adaptive Cable Equalizer/Cable Driver
GS12341 SEMTECH-GS12341 Datasheet
4Mb / 109P
   12G UHD-SDI Reclocking Adaptive Cable Equalizer
logo
Texas Instruments
LMH1228 TI1-LMH1228 Datasheet
730Kb / 10P
[Old version datasheet]   12G UHD-SDI Dual Output Cable Driver With Integrated Reclocker
logo
Semtech Corporation
GS12090 SEMTECH-GS12090 Datasheet
4Mb / 121P
   Bidirectional 12G UHD-SDI Re-timing Adaptive Cable Equalizer/Cable Driver
logo
Texas Instruments
LMH1297 TI1-LMH1297 Datasheet
188Kb / 9P
[Old version datasheet]   12G UHD-SDI Bidirectional I/O With Integrated Reclocker
logo
Semtech Corporation
GS12070 SEMTECH-GS12070 Datasheet
296Kb / 3P
   UHD-SDI Gearbox
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com