Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS12181 Datasheet(PDF) 21 Page - Semtech Corporation

Part # GS12181
Description  12G UHD-SDI Retiming Cable Driver
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS12181 Datasheet(HTML) 21 Page - Semtech Corporation

Back Button GS12181 Datasheet HTML 17Page - Semtech Corporation GS12181 Datasheet HTML 18Page - Semtech Corporation GS12181 Datasheet HTML 19Page - Semtech Corporation GS12181 Datasheet HTML 20Page - Semtech Corporation GS12181 Datasheet HTML 21Page - Semtech Corporation GS12181 Datasheet HTML 22Page - Semtech Corporation GS12181 Datasheet HTML 23Page - Semtech Corporation GS12181 Datasheet HTML 24Page - Semtech Corporation GS12181 Datasheet HTML 25Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 68 page
background image
GS12181
Final Data Sheet
Rev.5
PDS-060905
October 2016
21 of 68
Semtech
Proprietary & Confidential
www.semtech.com
4.3 Output Cable Drivers
The GS12181 features two independent internally terminated differential cable drivers
(see Figure 3-2), with data available on the first output, SDO0, while clock and data are
available on the second output, SDO1. Although SDO0 and SDO1 are differential
buffers, they can be implemented as 4 SMPTE compliant 75Ω single-ended drivers.
However, if the inverted signal on SDO0 and SDO1 are not used, those outputs should
be terminated through a 75Ω resistor and 4.7μF capacitor to GND. The cable drivers
feature highly configurable amplitude and pre-emphasis control, which can
compensate for up to 8 inches of 10mil microstrip in standard FR4 at 11.88Gb/s. The LOS
(Loss of Signal) status from the input stage and Loss of Lock status from the CDR block
can both be used to automatically mute or disable the outputs when asserted.
4.3.1 Bypassed Re-timer Signal Output Control
With the default power-up settings, the GS12181 outputs will automatically switch to
the bypassed signal (non-re-timed) whenever the PLL is unlocked. Alternatively, manual
re-timer bypass may be configured by setting the CTRL_OUTPUT<n>_RETIMER_
AUTO_BYPASS and CTRL_OUTPUT<n>_RETIMER_MANUAL_BYPASS parameters in
register 0x734C to 0b and 1b respectively, in which case the PLL will remain bypassed for
all rates.
0x730C
12:8
CFG_PLL_LBW_SD
Set the LBW for SD signals.
4:0
CFG_PLL_LBW_MADI
Set the LBW for MADI signals.
0x7311
8:8
CFG_GPIO1_OUTPUT_ ENA
Sets the GPIO pin as either an output or an input.
7:0
CFG_GPIO1_FUNCTION
Sets or disables buffered reference clock output on GPIO1.
Table 4-5: CDR Control Parameters (Continued)
Addressh
Bit
Slice
Parameter Name
Description
Table 4-6: CDR Status Parameters
Addressh
Bit
Slice
Parameter Name
Description
0x7385
15:8
STAT_CNT_RATE_CHANGES
Counter showing the number of times the PLL lock rate
changed.
7:0
STAT_CNT_PLL_LOCK_CHANGES
Counter showing the number of times the PLL lock status
changed.
0x7386
12:12
STAT_LOCK
The status of the PLL. Locked, or unlocked.
0x7387
2:0
STAT_DETECTED_RATE
The rate at which the PLL is locked to.


Similar Part No. - GS12181

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS12141 SEMTECH-GS12141 Datasheet
2Mb / 65P
   12G UHD-SDI Retiming Adaptive Cable Equalizer
GS12141-INE3 SEMTECH-GS12141-INE3 Datasheet
2Mb / 65P
   12G UHD-SDI Retiming Adaptive Cable Equalizer
GS12141-INTE3 SEMTECH-GS12141-INTE3 Datasheet
2Mb / 65P
   12G UHD-SDI Retiming Adaptive Cable Equalizer
GS12190 SEMTECH-GS12190 Datasheet
2Mb / 121P
   Bidirectional 12G UHD-SDI Reclocking Adaptive Cable Equalizer/Cable Driver
GS12190-INE3 SEMTECH-GS12190-INE3 Datasheet
2Mb / 121P
   Bidirectional 12G UHD-SDI Reclocking Adaptive Cable Equalizer/Cable Driver
More results

Similar Description - GS12181

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS12141 SEMTECH-GS12141 Datasheet
2Mb / 65P
   12G UHD-SDI Retiming Adaptive Cable Equalizer
GS12081 SEMTECH-GS12081 Datasheet
2Mb / 64P
   12G UHD-SDI Cable Driver
GS12281 SEMTECH-GS12281 Datasheet
3Mb / 97P
   12G UHD-SDI Re-timing Cable Driver
logo
Texas Instruments
LMH1208 TI1-LMH1208 Datasheet
730Kb / 10P
[Old version datasheet]   12G UHD-SDI Dual Output Cable Driver
logo
Semtech Corporation
GS12190 SEMTECH-GS12190 Datasheet
2Mb / 121P
   Bidirectional 12G UHD-SDI Reclocking Adaptive Cable Equalizer/Cable Driver
GS12341 SEMTECH-GS12341 Datasheet
4Mb / 109P
   12G UHD-SDI Reclocking Adaptive Cable Equalizer
logo
Texas Instruments
LMH1228 TI1-LMH1228 Datasheet
730Kb / 10P
[Old version datasheet]   12G UHD-SDI Dual Output Cable Driver With Integrated Reclocker
logo
Semtech Corporation
GS12090 SEMTECH-GS12090 Datasheet
4Mb / 121P
   Bidirectional 12G UHD-SDI Re-timing Adaptive Cable Equalizer/Cable Driver
logo
Texas Instruments
LMH1297 TI1-LMH1297 Datasheet
188Kb / 9P
[Old version datasheet]   12G UHD-SDI Bidirectional I/O With Integrated Reclocker
logo
Semtech Corporation
GS12070 SEMTECH-GS12070 Datasheet
296Kb / 3P
   UHD-SDI Gearbox
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com