Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K9K1208U0A-YCB0 Datasheet(PDF) 8 Page - Samsung semiconductor

Part # K9K1208U0A-YCB0
Description  64M x 8 Bit NAND Flash Memory
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K9K1208U0A-YCB0 Datasheet(HTML) 8 Page - Samsung semiconductor

Back Button K9K1208U0A-YCB0 Datasheet HTML 4Page - Samsung semiconductor K9K1208U0A-YCB0 Datasheet HTML 5Page - Samsung semiconductor K9K1208U0A-YCB0 Datasheet HTML 6Page - Samsung semiconductor K9K1208U0A-YCB0 Datasheet HTML 7Page - Samsung semiconductor K9K1208U0A-YCB0 Datasheet HTML 8Page - Samsung semiconductor K9K1208U0A-YCB0 Datasheet HTML 9Page - Samsung semiconductor K9K1208U0A-YCB0 Datasheet HTML 10Page - Samsung semiconductor K9K1208U0A-YCB0 Datasheet HTML 11Page - Samsung semiconductor K9K1208U0A-YCB0 Datasheet HTML 12Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
K9K1208U0A-YCB0, K9K1208U0A-YIB0
FLASH MEMORY
8
AC Characteristics for Operation
NOTE :
1. The time to Ready depends on the value of the pull-up resistor tied R/B pin.
2. To break the sequential read cycle, CE must be held high for longer time than tCEH.
3. If reset command(FFh) is written at Ready state, the device goes into Busy for maximum 5us.
Parameter
Symbol
Min
Max
Unit
Data Transfer from Cell to Register
tR
-
10
µs
ALE to RE Delay( ID read )
tAR1
100
-
ns
ALE to RE Delay(Read cycle)
tAR2
50
-
ns
CE to RE Delay( ID read)
tCR
100
-
ns
Ready to RE Low
tRR
20
-
ns
RE Pulse Width
tRP
30
-
ns
WE High to Busy
tWB
-
100
ns
Read Cycle Time
tRC
60
-
ns
RE Access Time
tREA
-
35
ns
RE High to Output Hi-Z
tRHZ
15
30
ns
CE High to Output Hi-Z
tCHZ
-
20
ns
RE High Hold Time
tREH
25
-
ns
Output Hi-Z to RE Low
tIR
0
-
ns
Last RE High to Busy(at sequential read)
tRB
-
100
ns
CE High to Ready(in case of interception by CE at read)
tCRY
-
50 +tr(R/B)(1)
ns
CE High Hold Time(at the last serial read)(2)
tCEH
100
-
ns
RE Low to Status Output
tRSTO
-
35
ns
CE Low to Status Output
tCSTO
-
45
ns
WE High to RE Low
tWHR
60
-
ns
RE access time(Read ID)
tREADID
-
35
ns
Device Resetting Time(Read/Program/Erase)
tRST
-
5/10/500(3)
µs
AC Timing Characteristics for Command / Address / Data Input
Parameter
Symbol
Min
Max
Unit
CLE setup Time
tCLS
0
-
ns
CLE Hold Time
tCLH
10
-
ns
CE setup Time
tCS
0
-
ns
CE Hold Time
tCH
10
-
ns
WE Pulse Width
tWP
25(1)
-
ns
ALE setup Time
tALS
0
-
ns
ALE Hold Time
tALH
10
-
ns
Data setup Time
tDS
20
-
ns
Data Hold Time
tDH
15
-
ns
Write Cycle Time
tWC
60
-
ns
WE High Hold Time
tWH
25
-
ns
NOTE : 1. If tCS is set less than 10ns, tWP must be minimum 35ns, otherwise, tWP may be minimum 25ns.


Similar Part No. - K9K1208U0A-YCB0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9K1208U0A-YCB0 SAMSUNG-K9K1208U0A-YCB0 Datasheet
357Kb / 27P
   64M x 8 Bit NAND Flash Memory
More results

Similar Description - K9K1208U0A-YCB0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9F1208Q0B SAMSUNG-K9F1208Q0B Datasheet
767Kb / 45P
   64M x 8 Bit NAND Flash Memory
K9F1208R0B SAMSUNG-K9F1208R0B Datasheet
1Mb / 45P
   64M x 8 Bit NAND Flash Memory
K9K1208U0M SAMSUNG-K9K1208U0M Datasheet
354Kb / 26P
   64M x 8 Bit NAND Flash Memory
K9K1208U0A-YCB0 SAMSUNG-K9K1208U0A-YCB0 Datasheet
357Kb / 27P
   64M x 8 Bit NAND Flash Memory
K9F1208U0M- SAMSUNG-K9F1208U0M- Datasheet
1Mb / 41P
   64M x 8 Bit NAND Flash Memory
K9K1208Q0C SAMSUNG-K9K1208Q0C Datasheet
953Kb / 39P
   64M x 8 Bit , 32M x 16 Bit NAND Flash Memory
K91G08Q0M SAMSUNG-K91G08Q0M Datasheet
729Kb / 40P
   128M x 8 Bit / 64M x 16 Bit NAND Flash Memory
K9K1G08U0A SAMSUNG-K9K1G08U0A Datasheet
906Kb / 43P
   128M x 8 Bit / 64M x 16 Bit NAND Flash Memory
K9F1208D0A SAMSUNG-K9F1208D0A Datasheet
748Kb / 46P
   64M x 8 Bit , 32M x 16 Bit NAND Flash Memory
K9F1216U0A SAMSUNG-K9F1216U0A Datasheet
968Kb / 45P
   64M x 8 Bit , 32M x 16 Bit NAND Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com