Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS2832-1-V Datasheet(PDF) 3 Page - NEC

Part # PS2832-1-V
Description  HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE SOP MULTI OPTOCOUPLER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS2832-1-V Datasheet(HTML) 3 Page - NEC

  PS2832-1-V Datasheet HTML 1Page - NEC PS2832-1-V Datasheet HTML 2Page - NEC PS2832-1-V Datasheet HTML 3Page - NEC PS2832-1-V Datasheet HTML 4Page - NEC PS2832-1-V Datasheet HTML 5Page - NEC PS2832-1-V Datasheet HTML 6Page - NEC PS2832-1-V Datasheet HTML 7Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
PS2832-1, -4, PS2833-1, -4
TYPICAL PERFORMANCE CURVES (TA = 25°C unless otherwise specified)
DIODE POWER DISSIPATION
vs. AMBIENT TEMPERATURE
TRANSISTOR POWER DISSIPATION
vs. AMBIENT TEMPERATURE
FORWARD CURRENT
vs. FORWARD VOLTAGE
COLLECTOR CURRENT vs.
COLLECTOR SATURATION VOLTAGE
COLLECTOR TO EMITTER DARK CURRENT
vs. AMBIENT TEMPERATURE
COLLECTOR CURRENT
vs. COLLECTOR TO EMITTER VOLTAGE
100
80
60
40
20
0
25
50
75
100
0.8 mW/°C
PS2832-4
PS2833-4
PS2832-1
PS2833-1
0.6 mW/°C
PS2832-1, -4
PS2833-1, -4
1.2 mW/°C
025
50
75
100
120
100
80
60
40
20
0.7
0.1
0.5
1
10
0.9
1.0
1.2
1.3
1.5
1.4
5
100
50
TA = +100 °C
+60 °C
+25 °C
0 °C
-25 °C
-50 °C
0.8
1.1
100
50
10
5
10.4
0.6
0.8
1.0
1.2
1.4
1.6
1
5 mA
3 mA
2 mA
1 mA
IF = 0.5 mA
100
50
10
5
1
0
123
4
5
1 mA
5 mA
3 mA
2 mA
IF = 0.5 mA
CTR = 1068 %
2290 %
4360 %
VCEO = 300 V
100,000
10,000
1000
100
10
1
-50
-25
0
25
50
75
100
Ambient Temperature, TA (°C)
Ambient Temperature, TA (°C)
Forward Voltage,VF (V)
Collector Saturation Voltage, VCE(SAT) (V)
Collector to Emitter Voltage, VCE (V)
Ambient Temperature, TA (°C)


Similar Part No. - PS2832-1-V

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2832-1-V RENESAS-PS2832-1-V Datasheet
261Kb / 16P
   HIGH COLLECTOR TO EMITTER VOLTAGE 4, 16-PIN SSOP PHOTOCOUPLER
logo
California Eastern Labs
PS2832-1-V CEL-PS2832-1-V Datasheet
431Kb / 13P
   HIGH COLLECTOR TO EMITTER VOLTAGE 4, 16-PIN SOP PHOTOCOUPLER
PS2832-1-V-A CEL-PS2832-1-V-A Datasheet
431Kb / 13P
   HIGH COLLECTOR TO EMITTER VOLTAGE 4, 16-PIN SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2832-1-V-F3 RENESAS-PS2832-1-V-F3 Datasheet
261Kb / 16P
   HIGH COLLECTOR TO EMITTER VOLTAGE 4, 16-PIN SSOP PHOTOCOUPLER
logo
California Eastern Labs
PS2832-1-V-F3 CEL-PS2832-1-V-F3 Datasheet
431Kb / 13P
   HIGH COLLECTOR TO EMITTER VOLTAGE 4, 16-PIN SOP PHOTOCOUPLER
More results

Similar Description - PS2832-1-V

ManufacturerPart #DatasheetDescription
logo
NEC
PS2703-1 NEC-PS2703-1 Datasheet
115Kb / 12P
   HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP MULTI PHOTOCOUPLER
logo
California Eastern Labs
PS2703-1-F3-A CEL-PS2703-1-F3-A Datasheet
300Kb / 13P
   HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP MULTI PHOTOCOUPLER
PS2703-1 CEL-PS2703-1 Datasheet
402Kb / 11P
   HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP MULTI PHOTOCOUPLER
logo
NEC
PS2732 NEC-PS2732 Datasheet
50Kb / 4P
   HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE SOP PHOTOCOUPLER
logo
List of Unclassifed Man...
PS2732-1-F3 ETC2-PS2732-1-F3 Datasheet
402Kb / 11P
   HIGH COLLECTOR TO EMITTER VOLTAGE SOP MULTI PHOTOCOUPLER
logo
Renesas Technology Corp
PS2732-1 RENESAS-PS2732-1_15 Datasheet
232Kb / 15P
   HIGH COLLECTOR TO EMITTER VOLTAGE SOP MULTI PHOTOCOUPLER
PS2703-1 RENESAS-PS2703-1 Datasheet
5Mb / 15P
   HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP PHOTOCOUPLER
May 14, 2020
logo
California Eastern Labs
PS2732-1 CEL-PS2732-1 Datasheet
402Kb / 11P
   HIGH COLLECTOR TO EMITTER VOLTAGE SOP MULTI PHOTOCOUPLER
logo
Renesas Technology Corp
PS2535-1 RENESAS-PS2535-1_15 Datasheet
242Kb / 15P
   HIGH COLLECTOR TO EMITTER VOLTAGE HIGH ISOLATION VOLTAGE
logo
NEC
PS2534-1 NEC-PS2534-1 Datasheet
162Kb / 16P
   HIGH COLLECTOR TO EMITTER VOLTAGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com