Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C0603X180J5GACAUTO Datasheet(PDF) 1 Page - Kemet Corporation

Part # C0603X180J5GACAUTO
Description  Capacitor, Ceramic, SMD, MLCC, FT-CAP, Ultra-Stable, Auto Grade, 18 pF, /-5% Tol, 50 V, C0G, 0603 (1608 metric)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0603X180J5GACAUTO Datasheet(HTML) 1 Page - Kemet Corporation

  C0603X180J5GACAUTO Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 3/21/2016 - 19c0780a-2879-48cf-a1cf-c62a9eedf4db
KEMET Part Number: C0603X180J5GACAUTO
Capacitor, Ceramic, SMD, MLCC, FT-CAP, Ultra-Stable, Auto Grade, 18 pF, +/-5% Tol, 50 V, C0G, 0603 (1608 metric)
Dimensions (mm)
Symbol
Dimension
Tolerance
L
1.6
+/-0.17
W
0.8
+/-0.15
T
0.8
+/-0.15
B
0.45
+/-0.15
S
0.58
MIN
Packaging Specifications
Package Kind: T&R
Package Size: 7 in/180 mm
Package Type: Paper Tape
Package Quantity: 4000
General Information
Supplier: KEMET
Application: Automotive (AEC-Q200
Qualified)
Chip Size: 0603 (1608 metric)
Temperature Coefficient: C0G
Part Type Description: SMD, MLCC, FT-CAP, Ultra-
Stable, Auto Grade
Termination Type: Flexible Termination
Marked: No
RoHS: Yes
Specifications
Capacitance: 18 pF
Voltage: 50 V
Tolerance: +/-5%
Temperature Range: -55/+125C
Dissipation Factor: 0.1%
Failure Rate: N/A
Aging Rate: 0% loss/decade hour
Insulation Resistance: 100 GOhm
Dielectric Strength: 125 V
Miscellaneous: Note: KEMET 50V rated parts
may be operated at 63 Volts
© 2006-2016 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - C0603X180J5GACAUTO

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0603X180J5GACTU KEMET-C0603X180J5GACTU Datasheet
60Kb / 1P
   SMD Comm C0G Flex, Ceramic, 18 pF, 5%, 50 VDC, C0G, SMD, MLCC, FT-CAP, Ultra-Stable, 0603
More results

Similar Description - C0603X180J5GACAUTO

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0603X391J5GACAUTO KEMET-C0603X391J5GACAUTO Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, FT-CAP, Ultra-Stable, Auto Grade, 390 pF, /-5% Tol, 50 V, C0G, 0603 (1608 metric)
C0603X220J5GACTU KEMET-C0603X220J5GACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, FT-CAP, Ultra Stable, 22 pF, /-5% Tol, 50 V, C0G, 0603 (1608 metric)
C0603C150J5GACAUTO KEMET-C0603C150J5GACAUTO Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Ultra-Stable, Low Loss, Auto Grade, 15 pF, /-5% Tol, 50 V, C0G, 0603 (1608 metric)
C0603C821J5GACAUTO KEMET-C0603C821J5GACAUTO Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Ultra-Stable, Low Loss, Auto Grade, 820 pF, /-5% Tol, 50 V, C0G, 0603 (1608 metric)
C0805X150J5GACAUTO KEMET-C0805X150J5GACAUTO Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, FT-CAP, Ultra-Stable, Auto Grade, 15 pF, /-5% Tol, 50 V, C0G, 0805 (2012 metric)
C0805X102J5GACAUTO KEMET-C0805X102J5GACAUTO Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, FT-CAP, Ultra-Stable, Auto Grade, 1000 pF, /-5% Tol, 50 V, C0G, 0805 (2012 metric)
C0603X103J3GACTU KEMET-C0603X103J3GACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, FT-CAP, Ultra Stable, 0.01 uF, /-5% Tol, 25 V, C0G, 0603 (1608 metric)
C0603X104J5RACAUTO KEMET-C0603X104J5RACAUTO Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, FT-CAP, Auto Grade, 0.1 uF, /-5% Tol, 50 V, X7R, 0603 (1608 metric)
C0603C399C5GACAUTO KEMET-C0603C399C5GACAUTO Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Ultra-Stable, Low Loss, Auto Grade, 3.9 pF, /-0.25pF Tol, 50 V, C0G, 0603 (1608 metric)
C0603C221J3GACAUTO KEMET-C0603C221J3GACAUTO Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Ultra-Stable, Low Loss, Auto Grade, 220 pF, /-5% Tol, 25 V, C0G, 0603 (1608 metric)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com