Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C062T224K5X5CM Datasheet(PDF) 1 Page - Kemet Corporation

Part # C062T224K5X5CM
Description  Capacitor, ceramic, 0.22 uF, /-10% Tol, 50 V, BX, Lead Spacing=0.2"||" "960447
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C062T224K5X5CM Datasheet(HTML) 1 Page - Kemet Corporation

  C062T224K5X5CM Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 3/21/2016 - 287f28c2-f37d-4205-8b5d-71e35e745443
KEMET Part Number: C062T224K5X5CM
(CKR06BX224KM, M39014/02-1236)
Capacitor, ceramic, 0.22 uF, +/-10% Tol, 50 V, BX, Lead Spacing=0.2"
T
L
F
LL
S
H
See
Note A
Dimensions (mm)
Symbol
Dimension
Tolerance
L
7.366
+/-0.254
H
7.366
+/-0.254
T
2.286
+/-0.254
S
5.08
+/-0.381
LL
31.75
MIN
F
0.635
+0.102/-0.051
Notes:
-Lead Length Shown Is For Parts Supplied In Bulk, See
Packaging Specifications For Lead Lengths When Not Provided
In Bulk
General Information
Supplier: KEMET
Application: MIL-PRF-39014
Temperature Coefficient: BX
Body Type: Radial Molded
Lead Type: Wire Leads
Termination Type: Tin-Lead (SnPb)
RoHS: No
Specifications
Capacitance: 0.22 uF
Voltage: 50 V
Tolerance: +/-10%
Temperature Range: -55/+125C
Failure Rate: M (1%/1000 Hrs)
Testing: MIL-PRF-39014
Dissipation Factor: 2.5%
Insulation Resistance: 4.5 GOhm
Dielectric Strength: 125 V
Packaging Specifications
Package Kind: Bulk
Package Type: Bag
Package Quantity: 100
© 2006-2016 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - C062T224K5X5CM

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C062T102K1BX5CA KEMET-C062T102K1BX5CA Datasheet
580Kb / 40P
   MILITARY SPECIFCATIONS ON BACK
C062T102K1BX5CM KEMET-C062T102K1BX5CM Datasheet
580Kb / 40P
   MILITARY SPECIFCATIONS ON BACK
C062T102K1BX5CP KEMET-C062T102K1BX5CP Datasheet
580Kb / 40P
   MILITARY SPECIFCATIONS ON BACK
C062T102K1BX5CR KEMET-C062T102K1BX5CR Datasheet
580Kb / 40P
   MILITARY SPECIFCATIONS ON BACK
C062T102K1BX5CS KEMET-C062T102K1BX5CS Datasheet
580Kb / 40P
   MILITARY SPECIFCATIONS ON BACK
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com