Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTA15-200 Datasheet(PDF) 4 Page - Sirectifier Semiconductors

Part # BTA15-200
Description  Discrete Triacs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECTIFIER [Sirectifier Semiconductors]
Direct Link  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

BTA15-200 Datasheet(HTML) 4 Page - Sirectifier Semiconductors

  BTA15-200 Datasheet HTML 1Page - Sirectifier Semiconductors BTA15-200 Datasheet HTML 2Page - Sirectifier Semiconductors BTA15-200 Datasheet HTML 3Page - Sirectifier Semiconductors BTA15-200 Datasheet HTML 4Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
F ig. 6: Non-repetitive s urge peak on-s tate
current for a
s inus oidal puls e with width
tp < 10ms, and corres ponding value of I²t.
F ig. 7: R elative variation of gate trigger current,
holding current and latching current versus
junction temperature (typical values ).
F ig. 8:
R elative variation of critical rate of
decreas e of main current vers us (dV /dt)c (typical
values ).
F ig. 9: R elative variation of critical rate of
decreas e
of main current vers us
junction
temperature.
0.01
0.10
1.00
10.00
100
1000
3000
tp (ms )
IT S M (A ), I² t (A ² s )
T j initial=25°C
IT S M
I²t
dI/dt limitation:
50A /µs
-40
-20
0
20
40
60
80
100
120
140
0.0
0.5
1.0
1.5
2.0
2.5
T j(° C )
IG T,IH,IL [T j] / IG T,IH,IL [T j=25° C ]
IG T
IH & IL
0.1
1.0
10.0
100.0
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
(dV /dt)c (V /µs )
(dI/dt)c [(dV /dt)c] / S pecified (dI/dt)c
B W/C W/T 1635
C
B
S W
0
25
50
75
100
125
0
1
2
3
4
5
6
T j (° C )
(dI/dt)c [T j] / (dI/dt)c [T j s pecified]
BTA15
Discrete Triacs(Isolated)
P4
©2008 SIRECTIFIER All rights reserved,
Tel: +86-519-86800000 Fax: +86-519-88019019 E-mail: sales@sirectifier.com
www.sirectifier.com


Similar Part No. - BTA15-200

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
BTA15 SIRECTIFIER-BTA15 Datasheet
267Kb / 4P
   Discrete Triacs(Non-Isolated/Isolated)
logo
Sirectifier Global Corp...
BTA15 SIRECT-BTA15 Datasheet
1Mb / 4P
   Discrete Triacs(Non-Isolated/Isolated)
logo
Cystech Electonics Corp...
BTA1505E3 CYSTEKEC-BTA1505E3 Datasheet
336Kb / 6P
   PNP Epitaxial Planar Transistor
BTA1505E3-0-UB-S CYSTEKEC-BTA1505E3-0-UB-S Datasheet
336Kb / 6P
   PNP Epitaxial Planar Transistor
logo
NXP Semiconductors
BTA151 PHILIPS-BTA151 Datasheet
43Kb / 6P
   Thyristors sensitive gate
September 1997 Rev 1.200
More results

Similar Description - BTA15-200

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
BAT10 SIRECTIFIER-BAT10 Datasheet
453Kb / 4P
   Discrete Triacs
BAT41 SIRECTIFIER-BAT41 Datasheet
270Kb / 4P
   Discrete Triacs
SBTA35G04B SIRECTIFIER-SBTA35G04B Datasheet
619Kb / 4P
   Discrete Triacs
SBTA25G04B SIRECTIFIER-SBTA25G04B Datasheet
573Kb / 3P
   Discrete Triacs
BAT26-400 SIRECTIFIER-BAT26-400 Datasheet
373Kb / 4P
   Discrete Triacs
logo
Sirectifier Global Corp...
BTA15 SIRECT-BTA15 Datasheet
1Mb / 4P
   Discrete Triacs(Non-Isolated/Isolated)
logo
Sirectifier Semiconduct...
BTB41 SIRECTIFIER-BTB41 Datasheet
163Kb / 4P
   Discrete Triacs(Non-Isolated/Isolated)
BTB06 SIRECTIFIER-BTB06 Datasheet
341Kb / 4P
   Discrete Triacs(Non-Isolated/Isolated)
logo
Sirectifier Global Corp...
BTA35 SIRECT-BTA35 Datasheet
1Mb / 2P
   Discrete Triacs(Non-Isolated/Isolated)
logo
Sirectifier Semiconduct...
BTB08 SIRECTIFIER-BTB08 Datasheet
337Kb / 5P
   Discrete Triacs(Non-Isolated/Isolated)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com