Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT5047GSP Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part # RT5047GSP
Description  Single Output LNB Supply and Control Voltage Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5047GSP Datasheet(HTML) 6 Page - Richtek Technology Corporation

Back Button RT5047GSP Datasheet HTML 2Page - Richtek Technology Corporation RT5047GSP Datasheet HTML 3Page - Richtek Technology Corporation RT5047GSP Datasheet HTML 4Page - Richtek Technology Corporation RT5047GSP Datasheet HTML 5Page - Richtek Technology Corporation RT5047GSP Datasheet HTML 6Page - Richtek Technology Corporation RT5047GSP Datasheet HTML 7Page - Richtek Technology Corporation RT5047GSP Datasheet HTML 8Page - Richtek Technology Corporation RT5047GSP Datasheet HTML 9Page - Richtek Technology Corporation RT5047GSP Datasheet HTML 10Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
RT5047
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS5047-02
July
2017
6
Note 1.
Stresses beyond those listed “Absolute Maximum Ratings” may cause permanent damage to the device. These are
stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions may affect
device reliability.
Note 2.
JA is measured at TA = 25C on a high effective thermal conductivity four-layer test board per JEDEC 51-7. JC is
measured at the exposed pad of the package.
Note 3. Devices are ESD sensitive. Handling precaution is recommended.
Note 4. The device is not guaranteed to function outside its operating conditions.
Note 5. Operation at VIN = 16V may be limited by power loss in the linear regulator.


Similar Part No. - RT5047GSP

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT5047 RICHTEK-RT5047 Datasheet
976Kb / 16P
   Single Output LNB Supply and Control Voltage Regulator
RT5047A RICHTEK-RT5047A Datasheet
925Kb / 16P
   Single Output LNB Supply and Control Voltage Regulator
RT5047AGSP RICHTEK-RT5047AGSP Datasheet
925Kb / 16P
   Single Output LNB Supply and Control Voltage Regulator
RT5047B RICHTEK-RT5047B Datasheet
925Kb / 17P
   Single Output LNB Supply and Control Voltage Regulator
RT5047BF RICHTEK-RT5047BF Datasheet
941Kb / 17P
   Single Output LNB Supply and Control Voltage Regulator
More results

Similar Description - RT5047GSP

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT5047A RICHTEK-RT5047A Datasheet
925Kb / 16P
   Single Output LNB Supply and Control Voltage Regulator
RT5070 RICHTEK-RT5070 Datasheet
825Kb / 13P
   Single Output LNB Supply and Control Voltage Regulator
RT5047 RICHTEK-RT5047 Datasheet
976Kb / 16P
   Single Output LNB Supply and Control Voltage Regulator
RT5047B RICHTEK-RT5047B Datasheet
925Kb / 17P
   Single Output LNB Supply and Control Voltage Regulator
RT5047BF RICHTEK-RT5047BF Datasheet
941Kb / 17P
   Single Output LNB Supply and Control Voltage Regulator
logo
Intersil Corporation
ISL9492_1103 INTERSIL-ISL9492_1103 Datasheet
1Mb / 21P
   Single Output LNB Supply and Control Voltage Regulator
logo
Allegro MicroSystems
A8298SESTR-T ALLEGRO-A8298SESTR-T Datasheet
101Kb / 2P
   Single LNB Supply and Control Voltage Regulator
A8291 ALLEGRO-A8291 Datasheet
396Kb / 18P
   Single LNB Supply and Control Voltage Regulator
February 15, 2012
A8291 ALLEGRO-A8291 Datasheet
369Kb / 19P
   Single LNB Supply and Control Voltage Regulator
A8294 ALLEGRO-A8294 Datasheet
344Kb / 18P
   Single LNB Supply and Control Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com