Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT5035B Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part # RT5035B
Description   Channel DC-DC Converters
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5035B Datasheet(HTML) 6 Page - Richtek Technology Corporation

Back Button RT5035B Datasheet HTML 2Page - Richtek Technology Corporation RT5035B Datasheet HTML 3Page - Richtek Technology Corporation RT5035B Datasheet HTML 4Page - Richtek Technology Corporation RT5035B Datasheet HTML 5Page - Richtek Technology Corporation RT5035B Datasheet HTML 6Page - Richtek Technology Corporation RT5035B Datasheet HTML 7Page - Richtek Technology Corporation RT5035B Datasheet HTML 8Page - Richtek Technology Corporation RT5035B Datasheet HTML 9Page - Richtek Technology Corporation RT5035B Datasheet HTML 10Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
RT5035A/B
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS5035A/B-02
February
2017
6
Operation
The RT5035A/B is a highly integrated DSC power
management IC that contains 7-CH switching DC-DC
converters, two generic LDO, one Keep Alive low
quiescent LDO, one load switch with soft-start control
and current limit, one switch with reverse leakage
prevention from backup battery, and a Real-Time Clock
(RTC) that includes a time counter and a 32768Hz
oscillator.
CH1 : Step-Up DC-DC Converter
CH1 is a step-up converter for motor driver power in
DSC system. The converter operates at asynchronous
PFM or fixed frequency PWM current mode which can
be set by the I2C interface.
CH2 : Synchronous Step-Up / Down DC-DC
Converter CH2 is a synchronous step-up / down
converter for system I/O power. The converter operates
at fixed frequency PWM Current Mode.
CH3 : Synchronous Step-Down DC-DC Converter
CH3 is suitable for core power in DSC system. The
converter operates in fixed frequency PWM mode with
integrated
internal
MOSFETs,
FB
resistors
and
compensation network. The CH3 also can be adjusted
output voltage if I2C is set to use the external resistor.
CH4 : Synchronous Step-Down DC-DC Converter
CH4 is suitable for memory power in DSC system. The
converter operates in fixed frequency PWM mode with
integrated
internal
MOSFETs,
FB
resistors
and
compensation network.
CH5 : Synchronous Step-Down DC-DC Converter
The converter operates in fixed frequency PWM mode
with integrated internal MOSFETs, FB resistors and
compensation network. The CH5 also can be adjusted
output voltage if I2C is set to use the external resistor.
CH6 : Generic LDO
CH6 is a generic low voltage LDO for multiple purpose
power.
CH7 : WLED Driver
CH7 is a WLED driver that can support 6WLED/30mA,
and it can setting OVP threshold, dimming current level
and power on/off by I2C interface.
CH8 : Generic LDO
CH8 is a generic low voltage LDO for multiple purpose
power.
CH9 : Keep Alive LDO and RTC
The RT5035A/B provides a 3.1V output LDO for all IC
control circuits and real time clock.
VNEG Charge Pump
The Charge pump is to increase the Vgs driving of big
P-MOSFET in Ch2/3/4/5/10. When BAT < 3.6V and
one of Ch2/3/4/5/10 turns on, VNEG charge pump will
turn on and start to pump.
Load Switch (SW4)
The Load Switch is equipped with soft-start inrush
control and current limit function (SW4).
CH10 : Synchronous Step-Down DC-DC Converter
CH10 is suitable for memory power in DSC system.
The converter operates at asynchronous PFM or fixed
frequency PWM current mode which can be set by the
I2C interface and it integrated internal MOSFETs, FB
resistors and compensation network. The CH10 also
can be adjusted output voltage if I2C is set to use the
external resistor.


Similar Part No. - RT5035B

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
RT50 ASTRODYNE-RT50 Datasheet
300Kb / 4P
   50W Triple Output Switching Power Supply
logo
Vishay Siliconix
RT500 VISHAY-RT500 Datasheet
95Kb / 3P
   Wirewound Rheostat/Potentiometer
Revision: 24-Sep-08
logo
LEM
RT500 LEM-RT500 Datasheet
682Kb / 4P
   Split core type
logo
Vishay Siliconix
RT500 VISHAY-RT500 Datasheet
94Kb / 4P
   Wirewound Rheostat / Potentiometer
Revision: 24-Aug-16
logo
Richtek Technology Corp...
RT5002 RICHTEK-RT5002 Datasheet
788Kb / 40P
   7 1 Channel DC/DC PMU with Li-Ion Battery Charger for DSC
More results

Similar Description - RT5035B

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9911 RICHTEK-RT9911 Datasheet
608Kb / 32P
   6 Channel DC/DC Converters
RT9917 RICHTEK-RT9917 Datasheet
582Kb / 20P
   7 Channel DC/DC Converters
RT9911 RICHTEK-RT9911_11 Datasheet
612Kb / 32P
   6 Channel DC/DC Converters
logo
CUI INC
VBD10 CUI-VBD10 Datasheet
108Kb / 3P
   DC-DC Converters
VBWQ10 CUI-VBWQ10 Datasheet
110Kb / 3P
   DC-DC Converters
logo
Emerson Network Power
PTH12030 EMERSON-NETWORKPOWER-PTH12030 Datasheet
207Kb / 4P
   DC-DC CONVERTERS
logo
Central Technologies
CTDD1605S-D CT-CTDD1605S-D Datasheet
205Kb / 2P
   DC/DC Converters
CTDD1712MF-SU1K-2 CT-CTDD1712MF-SU1K-2 Datasheet
536Kb / 2P
   DC/DC Converters
CTDD3220DF-S1.5K-5M CT-CTDD3220DF-S1.5K-5M Datasheet
282Kb / 2P
   DC/DC Converters
CTDD1907SF-D1K-2 CT-CTDD1907SF-D1K-2 Datasheet
258Kb / 2P
   DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com