Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT5028GQW Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # RT5028GQW
Description  Integrated PMIC
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5028GQW Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button RT5028GQW Datasheet HTML 7Page - Richtek Technology Corporation RT5028GQW Datasheet HTML 8Page - Richtek Technology Corporation RT5028GQW Datasheet HTML 9Page - Richtek Technology Corporation RT5028GQW Datasheet HTML 10Page - Richtek Technology Corporation RT5028GQW Datasheet HTML 11Page - Richtek Technology Corporation RT5028GQW Datasheet HTML 12Page - Richtek Technology Corporation RT5028GQW Datasheet HTML 13Page - Richtek Technology Corporation RT5028GQW Datasheet HTML 14Page - Richtek Technology Corporation RT5028GQW Datasheet HTML 15Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
11
DS5028-02
September 2016
www.richtek.com
RT5028
©
Copyright
2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
CH4 Buck Output Voltage vs. Input Voltage
2.40
2.60
2.80
3.00
3.20
3.40
3.60
3.80
3.3
3.8
4.3
4.8
5.3
5.8
Input Voltage (V)
L = 2.2
μH, COUT = 10μF
IOUT = 0mA
IOUT = 500mA
IOUT = 1000mA
IOUT = 1500mA
IOUT = 2000mA
CH3 Buck Output Voltage vs. Input Voltage
1.14
1.15
1.16
1.17
1.18
1.19
1.20
1.21
1.22
1.23
1.24
3.3
3.8
4.3
4.8
5.3
5.8
Input Voltage (V)
L = 2.2
μH, COUT = 10μF
IOUT = 0mA
IOUT = 500mA
IOUT = 1000mA
IOUT = 1600mA
CH1 Buck Output Voltage vs. Input Voltage
1.30
1.31
1.32
1.33
1.34
1.35
1.36
1.37
1.38
1.39
1.40
3.3
3.8
4.3
4.8
5.3
5.8
Input Voltage (V)
L = 2.2
μH, COUT = 10μF
IOUT = 0mA
IOUT = 500mA
IOUT = 1000mA
IOUT = 1500mA
IOUT = 2000mA
IOUT = 2400mA
CH2 Buck Output Voltage vs. Input Voltage
1.45
1.47
1.49
1.51
1.53
1.55
3.3
3.8
4.3
4.8
5.3
5.8
Input Voltage (V)
L = 2.2
μH, COUT = 10μF
IOUT = 0mA
IOUT = 500mA
IOUT = 1000mA
IOUT = 1500mA
IOUT = 2000mA
CH4 Buck Output Voltage vs. Output Current
3.08
3.13
3.18
3.23
3.28
3.33
3.38
0
500
1000
1500
2000
Output Current (mA)
L = 2.2
μH, COUT = 10μF
VIN = 3.6V
VIN = 3.9V
VIN = 4.2V
VIN = 4.5V
VIN = 5V
VIN = 5.5V
CH3 Buck Output Voltage vs. Output Current
1.17
1.18
1.19
1.20
1.21
1.22
1.23
1.24
1.25
0
200
400
600
800
1000 1200 1400 1600
Output Current (mA)
L = 2.2
μH, COUT = 10μF
VIN = 3.3V
VIN = 3.6V
VIN = 3.9V
VIN = 4.2V
VIN = 5V
VIN = 5.5V


Similar Part No. - RT5028GQW

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT5028A RICHTEK-RT5028A Datasheet
512Kb / 41P
   RoHS Compliant and Halogen Free
RT5028B RICHTEK-RT5028B Datasheet
505Kb / 41P
   Embedded 32Bytes MTP for Factory Tuning
RT5028C RICHTEK-RT5028C Datasheet
495Kb / 40P
   PMIC for Industrial Application
RT5028C RICHTEK-RT5028C Datasheet
624Kb / 41P
   Integrated PMIC
RT5028CGQW RICHTEK-RT5028CGQW Datasheet
624Kb / 41P
   Integrated PMIC
More results

Similar Description - RT5028GQW

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT5028E RICHTEK-RT5028E Datasheet
519Kb / 41P
   Integrated PMIC
RT5028D RICHTEK-RT5028D Datasheet
637Kb / 41P
   Integrated PMIC
RT5028C RICHTEK-RT5028C_16 Datasheet
624Kb / 41P
   Integrated PMIC
logo
Texas Instruments
TPS65720 TI1-TPS65720_15 Datasheet
2Mb / 66P
[Old version datasheet]   Integrated PMIC
logo
Linear Technology
LTC3677-3 LINER-LTC3677-3_15 Datasheet
4Mb / 44P
   Highly Integrated Portable Product PMIC
LTC3577-3 LINER-LTC3577-3 Datasheet
562Kb / 52P
   Highly Integrated Portable Product PMIC
LTC3577-4 LINER-LTC3577-4_15 Datasheet
567Kb / 52P
   Highly Integrated Portable Product PMIC
LTC3677-3 LINER-LTC3677-3 Datasheet
4Mb / 44P
   Highly Integrated Portable Product PMIC
LTC3577-3 LINER-LTC3577-3_15 Datasheet
567Kb / 52P
   Highly Integrated Portable Product PMIC
LTC3577 LINER-LTC3577_15 Datasheet
640Kb / 54P
   Highly Integrated 6-Channel Portable PMIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com