Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM5S-M Datasheet(PDF) 3 Page - Nais(Matsushita Electric Works)

Part # PM5S-M
Description  TEMPORIZZATORI PER GUIDA DIN
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

PM5S-M Datasheet(HTML) 3 Page - Nais(Matsushita Electric Works)

  PM5S-M Datasheet HTML 1Page - Nais(Matsushita Electric Works) PM5S-M Datasheet HTML 2Page - Nais(Matsushita Electric Works) PM5S-M Datasheet HTML 3Page - Nais(Matsushita Electric Works) PM5S-M Datasheet HTML 4Page - Nais(Matsushita Electric Works) PM5S-M Datasheet HTML 5Page - Nais(Matsushita Electric Works) PM5S-M Datasheet HTML 6Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
622
SELEZIONE MODO
DI FUNZIONAMENTO
PM5S-A/M
PM5S-A/S/M
Selettore modo di funzionamento
6 modi di funzionamento selezionabili
ON : ON-delay
FL : Flicker
FO : ON-flicker
SF : Signal OFF-delay
OS : Pulse One-shot
OC : Pulse One-cycle
Nei mod. PM5S-A e PM5S-M è possibile
selezionare tra 6 modalità tramite l’apposito
selettore. I vari modi di funzionamento sono
descritti in modo dettagliato alle pagine seguenti.
Dimensioni
mm
PM5S-
PM5S MULTIRANGE TIMER
ATD1217
PM5S-A-24-240 V
Schemi di
collegamento


Similar Part No. - PM5S-M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PM5-A17 ETC1-PM5-A17 Datasheet
297Kb / 2P
   WATER TIGHT PANEL MOUNT LED ASSEMBLY, 12.7MM MOUNTING
logo
Bivar, Inc.
PM5-A17B110AC BIVAR-PM5-A17B110AC Datasheet
234Kb / 2P
   WATER TIGHT PANEL MOUNT LED ASSEMBLY, 12.7MM MOUNTING
02/23/11
PM5-A17B110AC BIVAR-PM5-A17B110AC Datasheet
234Kb / 2P
   WATER TIGHT PANEL MOUNT LED ASSEMBLY, 12.7MM MOUNTING
02/23/11
PM5-A17B110AC BIVAR-PM5-A17B110AC Datasheet
234Kb / 2P
   WATER TIGHT PANEL MOUNT LED ASSEMBLY, 12.7MM MOUNTING
02/23/11
PM5-A17B110AC BIVAR-PM5-A17B110AC Datasheet
234Kb / 2P
   WATER TIGHT PANEL MOUNT LED ASSEMBLY, 12.7MM MOUNTING
02/23/11
More results

Similar Description - PM5S-M

ManufacturerPart #DatasheetDescription
logo
WAGO Kontakttechnik Gmb...
289-401 WAGO-289-401 Datasheet
274Kb / 5P
   Interface module; Pluggable connector per DIN 41651
289-402 WAGO-289-402 Datasheet
274Kb / 5P
   Interface module; Pluggable connector per DIN 41651
706-753-300-300 WAGO-706-753-300-300 Datasheet
100Kb / 4P
   Connection cable; 14-pole; Pluggable connector per DIN 41651
23.11.2021
289-403 WAGO-289-403 Datasheet
274Kb / 5P
   Interface module; Pluggable connector per DIN 41651; Male connector
289-431 WAGO-289-431 Datasheet
238Kb / 5P
   Interface module; Pluggable connector per DIN 41612; 64-pole
289-531 WAGO-289-531 Datasheet
347Kb / 5P
   Interface module; Pluggable connector per DIN 41612; 64-pole
706-100-326-200 WAGO-706-100-326-200 Datasheet
61Kb / 3P
   Connection cable; 26-pole; Pluggable connector per DIN 41651
23.11.2021
706-100-334-300 WAGO-706-100-334-300 Datasheet
61Kb / 3P
   Connection cable; 34-pole; Pluggable connector per DIN 41651
23.11.2021
706-100-340-200 WAGO-706-100-340-200 Datasheet
61Kb / 3P
   Connection cable; 40-pole; Pluggable connector per DIN 41651
23.11.2021
706-150-314-300 WAGO-706-150-314-300 Datasheet
57Kb / 2P
   Connection cable; 14-pole; Pluggable connector per DIN 41651
23.11.2021
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com