Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCW72 Datasheet(PDF) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # BCW72
Description  Silicon NPN transistor in a SOT-23 Plastic Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

BCW72 Datasheet(HTML) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  BCW72 Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. BCW72 Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. BCW72 Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. BCW72 Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. BCW72 Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. BCW72 Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BCW72
Rev.F Apr.-2017
DATA SHEET
http://www.fsbrec.com
2 / 6
参数
Parameter
符号
Symbol
数值
Rating
单位
Unit
Collector to Base Voltage
VCBO
50
V
Collector to Emitter Voltage
VCEO
45
V
Emitter to Base Voltage
VEBO
5.0
V
Collector Current(DC)
IC
100
mA
Peak Collector Current
ICM
200
mA
Peak Base Current
IBM
200
mA
Collector Power Dissipation
PC
250
mW
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55~150
参数
Parameter
符号
Symbol
测试条件
Test Conditions
最小值
Min
典型值
Typ
最大值
Max
单位
Unit
Collector to Base Breakdown
Voltage
VCBO
IC=100μA
IE=0
50
V
Collector to Emitter Breakdown
Voltage
VCEO
IC=500μA
IB=0
45
V
Emitter to Base Breakdown Voltage
VEBO
IE=100μA
IC=0
5.0
V
Collector-Cutoff Current
ICBO
VCB=20 V
IE=0
0.1
μA
Emitter Base Cut-Off Current
IEBO
VEB=5.0V
IC=0
0.1
μA
hFE(1)
VCE=5.0V
IC=2.0mA
200
450
DC Current Gain
hFE(2)
VCE=5.0V
IC=10μA
150
VCE(sat)(1) IC=10mA
IB=0.5mA
120
250
mV
Collector to Emitter Saturation
Voltage
VCE(sat)(2) IC=50mA
IB=2.5mA
210
mV
VBE(sat) (1) IC=10mA
IB=0.5mA
750
mV
Base to Emitter Saturation Voltage
VBE(sat) (2) IC=50mA
IB=2.5mA
850
mV
Base-Emitter On Voltage
VBE
VCE=5.0V
IC=2.0mA
550
700
mV
collector capacitance
CC
IE=Ie=0
VCB=10V
f=1.0MHz
2.5
pF
Transition Frequency
fT
VCE=5.0V
IC=10mA
f=100MHz
100
MHz
Noise Figure
NF
VCE=5.0V
IC=200μA
Rg=2.0kΩ
f=1.0MHz
10
dB
极限参数 / Absolute Maximum Ratings(Ta=25℃)
电性能参数 / Electrical Characteristics(Ta=25℃)


Similar Part No. - BCW72

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCW72 PHILIPS-BCW72 Datasheet
42Kb / 8P
   NPN general purpose transistors
1999 Apr 19
logo
Nexperia B.V. All right...
BCW72 NEXPERIA-BCW72 Datasheet
308Kb / 7P
   NPN general purpose transistors
1999 Apr 19
logo
Samsung semiconductor
BCW72 SAMSUNG-BCW72 Datasheet
33Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
KEC(Korea Electronics)
BCW72 KEC-BCW72 Datasheet
154Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (LOW LEVEL AUDIO-AMPLIFIER AND SWITCHING)
logo
Diotec Semiconductor
BCW72 DIOTEC-BCW72 Datasheet
179Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
More results

Similar Description - BCW72

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
BCX70K FOSHAN-BCX70K Datasheet
1Mb / 6P
   Silicon NPN transistor in a SOT-23 Plastic Package
KTC3881S FOSHAN-KTC3881S Datasheet
693Kb / 6P
   Silicon NPN transistor in a SOT-23 Plastic Package
L8050M FOSHAN-L8050M Datasheet
783Kb / 6P
   Silicon NPN transistor in a SOT-23 Plastic Package
MMBR5179 FOSHAN-MMBR5179 Datasheet
600Kb / 5P
   Silicon NPN transistor in a SOT-23 Plastic Package
MMBT2222 FOSHAN-MMBT2222 Datasheet
817Kb / 6P
   Silicon NPN transistor in a SOT-23 Plastic Package
MMBT2222A FOSHAN-MMBT2222A Datasheet
879Kb / 6P
   Silicon NPN transistor in a SOT-23 Plastic Package
MMBT5089 FOSHAN-MMBT5089 Datasheet
633Kb / 6P
   Silicon NPN transistor in a SOT-23 Plastic Package
2SC1740M FOSHAN-2SC1740M Datasheet
760Kb / 6P
   Silicon NPN transistor in a SOT-23 Plastic Package
2SC2216M FOSHAN-2SC2216M Datasheet
804Kb / 6P
   Silicon NPN transistor in a SOT-23 Plastic Package
2SC2717M FOSHAN-2SC2717M Datasheet
873Kb / 6P
   Silicon NPN transistor in a SOT-23 Plastic Package
2SC3130 FOSHAN-2SC3130 Datasheet
609Kb / 6P
   Silicon NPN transistor in a SOT-23 Plastic Package
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com