Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C0603C472K2RACTU Datasheet(PDF) 1 Page - Kemet Corporation

Part # C0603C472K2RACTU
Description  Ceramic, Commercial-(CxxxxC), 4700 pF, 10%, 200 V, 0603, X7R, SMD, MLCC, Temperature Stable, Class II
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0603C472K2RACTU Datasheet(HTML) 1 Page - Kemet Corporation

  C0603C472K2RACTU Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 6/15/2017 - d01b70ac-bbf8-4e0e-b64b-00166170c228
KEMET Part Number: C0603C472K2RACTU
(C0603C472K2RAC7867)
Ceramic, Commercial-(CxxxxC), 4700 pF, 10%, 200 V, 0603, X7R, SMD, MLCC, Temperature Stable, Class II
Dimensions
L
1.6mm +/-0.15mm
W
0.8mm +/-0.15mm
T
0.8mm +/-0.07mm
S
0.7mm MIN
B
0.35mm +/-0.15mm
Packaging Specifications
Packaging: T&R, 180mm, Paper Tape
Packaging Quantity: 4000
General Information
Style: SMD Chip
Series: Commercial-(CxxxxC)
Chip Size: 0603
Description: SMD, MLCC, Temperature
Stable, Class II
Features: Temperature Stable, Class II
RoHS: Yes
Termination: Tin
Marking: No
Failure Rate: N/A
Miscellaneous:
Note: Referee time for X7R
dielectric for this part number is
1000 hours
Specifications
Capacitance: 4700 pF
Capacitance Tolerance: 10%
Voltage DC: 200 VDC
Dielectric Withstanding
Voltage: 500 V
Temperature Range: -55/+125C
Temperature Coefficient: X7R
Dissipation Factor: 2.5%
Aging Rate: 3% Loss/Decade Hour
Insulation Resistance: 100 GOhms
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - C0603C472K2RACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0603C472K2RACAUTO KEMET-C0603C472K2RACAUTO Datasheet
72Kb / 1P
   Ceramic, AUTO-(CxxxxC-AUTO), 4700 pF, 10%, 200 V, 0603, X7R, SMD, MLCC, Temperature Stable, Automotive Grade
More results

Similar Description - C0603C472K2RACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0603C472K5RACTU KEMET-C0603C472K5RACTU Datasheet
72Kb / 1P
   Ceramic, Commercial-(CxxxxC), 4700 pF, 10%, 50 V, 0603, X7R, SMD, MLCC, Temperature Stable, Class II
C0603C472K1RACTU KEMET-C0603C472K1RACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 4700 pF, 10%, 100 V, 0603, X7R, SMD, MLCC, Temperature Stable, Class II
C0603C472K3RACTU KEMET-C0603C472K3RACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 4700 pF, 10%, 25 V, 0603, X7R, SMD, MLCC, Temperature Stable, Class II
C0805C472K2RACTU KEMET-C0805C472K2RACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 4700 pF, 10%, 200 V, 0805, X7R, SMD, MLCC, Temperature Stable, Class II
C1206C472K2RACTU KEMET-C1206C472K2RACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 4700 pF, 10%, 200 V, 1206, X7R, SMD, MLCC, Temperature Stable, Class II
C0603C222K2RACTU KEMET-C0603C222K2RACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 2200 pF, 10%, 200 V, 0603, X7R, SMD, MLCC, Temperature Stable, Class II
C0603C102K2RACTU KEMET-C0603C102K2RACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 1000 pF, 10%, 200 V, 0603, X7R, SMD, MLCC, Temperature Stable, Class II
C0603C332K2RACTU KEMET-C0603C332K2RACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 3300 pF, 10%, 200 V, 0603, X7R, SMD, MLCC, Temperature Stable, Class II
C0603C682K2RACTU KEMET-C0603C682K2RACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 6800 pF, 10%, 200 V, 0603, X7R, SMD, MLCC, Temperature Stable, Class II
C0603C472J5RACTU KEMET-C0603C472J5RACTU Datasheet
72Kb / 1P
   Ceramic, Commercial-(CxxxxC), 4700 pF, 5%, 50 V, 0603, X7R, SMD, MLCC, Temperature Stable, Class II
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com