Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM78M05CH Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM78M05CH
Description  Series 3-Terminal 500-mA Positive Voltage Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM78M05CH Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM78M05CH Datasheet HTML 7Page - Texas Instruments LM78M05CH Datasheet HTML 8Page - Texas Instruments LM78M05CH Datasheet HTML 9Page - Texas Instruments LM78M05CH Datasheet HTML 10Page - Texas Instruments LM78M05CH Datasheet HTML 11Page - Texas Instruments LM78M05CH Datasheet HTML 12Page - Texas Instruments LM78M05CH Datasheet HTML 13Page - Texas Instruments LM78M05CH Datasheet HTML 14Page - Texas Instruments LM78M05CH Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
11
LM78M05-MIL
www.ti.com
SNVSAX6 – JUNE 2017
Product Folder Links: LM78M05-MIL
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
8.2.2.4 Output Capacitor
This device is designed to be stable with no output capacitance and can be omitted from the design if needed.
However if large changes in load are expected, an output capacitor is recommended to improve the transient
response.
8.2.3 Application Curves
Figure 12. RθJA vs 2-oz Copper Area for PFM
Figure 13. Maximum Allowable Power Dissipation
vs Ambient Temperature for PFM
Figure 14. Maximum Allowable Power Dissipation vs 2-oz Copper Area for PFM
9 Power Supply Recommendations
The LM78M05-MIL device is designed to operate from an input voltage supply range between VOUT + 2 V to 35
V. If the device is more than four inches from the power supply filter capacitors, an input bypass capacitor 0.1-µF
or greater of any type is recommended.
10 Layout
10.1 Layout Guidelines
Follow these layout guidelines to ensure proper regulation of the output voltage with minimum noise. TI
recommends that the input terminal be bypassed to ground with a bypass capacitor. The optimum placement is
closest to the input terminal of the device and the system GND. Take care to minimize the loop area formed by
the bypass-capacitor connection, the input terminal, and the system GND. Traces carrying the load current must
be wide to reduce the amount of parasitic trace inductance. In cases when VIN shorts to ground, an external
diode must be placed from VOUT to VIN to divert the surge current from the output capacitor and protect the
device. This diode must be placed close to the corresponding device pins to increase their effectiveness.


Similar Part No. - LM78M05CH

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM78M05CH NSC-LM78M05CH Datasheet
310Kb / 11P
   3-Terminal Positive Voltage Regulators
LM78M05CH NSC-LM78M05CH Datasheet
240Kb / 7P
   3-Terminal Positive Voltage Regulators
logo
Texas Instruments
LM78M05CH TI1-LM78M05CH Datasheet
729Kb / 13P
[Old version datasheet]   3-Terminal Positive Voltage Regulators
LM78M05CH TI-LM78M05CH Datasheet
1Mb / 18P
[Old version datasheet]   Series 3-Terminal Positive Voltage Regulators
LM78M05CH TI1-LM78M05CH Datasheet
1Mb / 18P
[Old version datasheet]   3-Terminal Positive Voltage Regulators
More results

Similar Description - LM78M05CH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM341 TI1-LM341_17 Datasheet
1Mb / 22P
[Old version datasheet]   3-Terminal 500-mA Positive Voltage Regulators
logo
ON Semiconductor
LM317M ONSEMI-LM317M_11 Datasheet
232Kb / 14P
   500 mA Adjustable Output, Positive Voltage Regulator
September, 2011 ??Rev. 21
LM317M ONSEMI-LM317M_14 Datasheet
141Kb / 14P
   500 mA Adjustable Output Positive Voltage Regulator
August, 2014 ??Rev. 24
LM317M ONSEMI-LM317M_06 Datasheet
159Kb / 13P
   500 mA Adjustable Output, Positive Voltage Regulator
August, 2006 ??Rev. 14
logo
Hi-Sincerity Mocroelect...
H7805AE HSMC-H7805AE Datasheet
35Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
H7809AI HSMC-H7809AI Datasheet
37Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
H7809AJ HSMC-H7809AJ Datasheet
33Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Micro Electronics
ML7800 MICRO-ELECTRONICS-ML7800 Datasheet
431Kb / 11P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
GM78L12 ETC2-GM78L12 Datasheet
196Kb / 2P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Continental Device Indi...
CL7824DT CDIL-CL7824DT Datasheet
338Kb / 5P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com